Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62054DGSR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62054DGSR
Description  800-mA SYNCHRONOUS STEP-DOWN CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62054DGSR Datasheet(HTML) 4 Page - Texas Instruments

  TPS62054DGSR Datasheet HTML 1Page - Texas Instruments TPS62054DGSR Datasheet HTML 2Page - Texas Instruments TPS62054DGSR Datasheet HTML 3Page - Texas Instruments TPS62054DGSR Datasheet HTML 4Page - Texas Instruments TPS62054DGSR Datasheet HTML 5Page - Texas Instruments TPS62054DGSR Datasheet HTML 6Page - Texas Instruments TPS62054DGSR Datasheet HTML 7Page - Texas Instruments TPS62054DGSR Datasheet HTML 8Page - Texas Instruments TPS62054DGSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TPS62052, TPS62054
TPS62056, TPS62050, TPS62051
SLVS432E – SEPTEMBER 2002 – REVISED JUNE 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VI = 7.2 V, VO = 3.3 V, IO = 300 mA, EN = VI, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
Adjustable output voltage
VO
TPS62050, TPS62051
0.7
6.0
V
range
V(FB)
Feedback voltage
TPS62050, TPS62051
0.5
V
FB leakage current
TPS62050, TPS62051
0.02
0.1
µA
Feedback voltage tolerance
TPS62050, TPS62051
VI = 2.7 V to 10 V, 0 mA< IO< 600 mA
-3%
3%
TPS62052
VI = 2.7 V to 10 V, 0 mA< IO< 600 mA
-3%
3%
Fixed output voltage
TPS62054
VI = 2.7 V to 10 V, 0 mA< IO< 600 mA
-3%
3%
tolerance(1)
TPS62056
VI = 3.75 V to 10 V, 0 mA< IO< 600 mA
-3%
3%
Resistance of internal voltage divider for fixed-voltage
700
1000
1300
k
versions
Line regulation
VO = 3.3 V, VI = 5 V to 10 V, IO = 600 mA
5.2
mV/V
Load regulation
VI = 7.2 V; IO = 10 mA to 600 mA
0.0045
%/mA
VI = 5 V; VO = 3.3 V; IO = 300 mA
93%
η
Efficiency
VI = 3.6 V; VO = 2.5 V; IO = 200 mA
93%
Duty cycle range for main switches
100%
Minimum ton time for main switch
100
ns
Shutdown temperature
145
°C
IO = 200 mA, VI = 5 V, Vo = 3.3 V,
Start-up time
1
ms
Co = 22 µF, L = 10 µH
(1)
The worst case rDS(on) of the PMOS in 100% mode for an input voltage of 3.3 V is 0.75 Ω. This value can be used to determine the
minimum input voltage if the output current is less than 600 mA with the TPS62056.
4
Submit Documentation Feedback
Copyright © 2002–2011, Texas Instruments Incorporated
Product Folder Links: TPS62052 TPS62054 TPS62056 TPS62050 TPS62051


Similar Part No. - TPS62054DGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62054DGSR TI1-TPS62054DGSR Datasheet
1Mb / 30P
[Old version datasheet]   800-mA Synchronous Step-Down Converter
TPS62054DGSRG4 TI1-TPS62054DGSRG4 Datasheet
1Mb / 30P
[Old version datasheet]   800-mA Synchronous Step-Down Converter
More results

Similar Description - TPS62054DGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62050 TI1-TPS62050_17 Datasheet
1Mb / 30P
[Old version datasheet]   800-mA Synchronous Step-Down Converter
TPS62050 TI-TPS62050 Datasheet
432Kb / 21P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050DGSR TI1-TPS62050DGSR Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050 TI-TPS62050_15 Datasheet
999Kb / 30P
[Old version datasheet]   TPS6205x 800-mA Synchronous Step-Down Converter
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
TPS62692 TI1-TPS62692_16 Datasheet
2Mb / 31P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62692 TI-TPS62692 Datasheet
1Mb / 29P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
   Synchronous 600 mA Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com