Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD888D Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD888D
Description  Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD888D Datasheet(HTML) 4 Page - Texas Instruments

  SN65HVD888D Datasheet HTML 1Page - Texas Instruments SN65HVD888D Datasheet HTML 2Page - Texas Instruments SN65HVD888D Datasheet HTML 3Page - Texas Instruments SN65HVD888D Datasheet HTML 4Page - Texas Instruments SN65HVD888D Datasheet HTML 5Page - Texas Instruments SN65HVD888D Datasheet HTML 6Page - Texas Instruments SN65HVD888D Datasheet HTML 7Page - Texas Instruments SN65HVD888D Datasheet HTML 8Page - Texas Instruments SN65HVD888D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
SN65HVD888
SLLSEH3 – JULY 2013
www.ti.com
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
VID
Differential input voltage
–12
12
VI
Input voltage at any bus terminal (separate or common mode)(1)
–7
12
V
VIH
High-level input voltage (driver, driver-enable, and receiver-enable inputs)
2
VCC
VIL
Low-level input voltage (driver, driver-enable, and receiver-enable inputs)
0
0.8
Driver
–60
60
IO
Output current
mA
Receiver
–8
8
CL
Differential load capacitance
50
pF
RL
Differential load resistance
60
Ω
1/tUI
Signaling rate
0.3
250
kbps
TJ
Junction temperature
–40
150
°C
TA
(2)
Operating free-air temperature (see THERMAL INFORMATION for additional
–40
85
information)
(1)
The algebraic convention in which the least positive (most negative) limit is designated as minimum is used in this data sheet.
(2)
Operation is specified for internal (junction) temperatures up to 150°C. Self-heating due to internal power dissipation should be
considered for each application. Maximum junction temperature is internally limited by the thermal shut-down (TSD) circuit which
disables the driver outputs when the junction temperature reaches 170°C.
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL = 60
Ω, 375 Ω on each
See Figure 1
1.5
2.5
output from –7 to +12 V
Driver differential-output
│VOD
V
voltage magnitude
RL = 54
Ω (RS-485)
1.5
2.5
See Figure 2
RL = 100
Ω (RS-422)
2
3
Change in magnitude of
RL = 54
Ω, CL = 50 pF
–0.2
0
0.2
Δ│VOD
driver differential-output
See Figure 2
V
voltage
Steady-state common-mode
1
VCC / 2
3
VOC(SS)
V
output voltage
Change in differential driver
Center of two 27-
Ω load
–0.2
0
0.2
ΔVOC
See Figure 2
common-mode output voltage
resistors
mV
Peak-to-peak driver common-
850
VOC(PP)
mode output voltage
Differential output
8
COD
pF
capacitance
Positive-going receiver
35
100
VIT+
differential-input voltage
mV
threshold
Negative-going receiver
–100
–35
VIT–
differential-input voltage
mV
threshold
Receiver differential-input
40
60
VHYS
(1)
voltage threshold hysteresis
mV
(VIT+ – VIT– )
Receiver high-level output
IOH = –8 mA
2.4
VCC
VOH
V
voltage
0.3
Receiver low-level output
IOL = 8 mA
0.2
0.4
VOL
V
voltage
Driver input, driver enable,
–2
2
II
and receiver enable input
µA
current
(1)
Under any specific conditions, VIT+ is ensured to be at least VHYS higher than VIT–.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: SN65HVD888


Similar Part No. - SN65HVD888D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD82 TI1-SN65HVD82 Datasheet
466Kb / 23P
[Old version datasheet]   Robust RS-485 Transceiver
SN65HVD82D TI1-SN65HVD82D Datasheet
466Kb / 23P
[Old version datasheet]   Robust RS-485 Transceiver
SN65HVD82DR TI1-SN65HVD82DR Datasheet
466Kb / 23P
[Old version datasheet]   Robust RS-485 Transceiver
More results

Similar Description - SN65HVD888D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THVD1505 TI1-THVD1505 Datasheet
883Kb / 27P
[Old version datasheet]   THVD1505 Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
logo
3PEAK INC.
TP485E 3PEAK-TP485E Datasheet
570Kb / 15P
   짹18K ESD Protection, Bus-Polarity Correcting RS-485 Transceiver
logo
Texas Instruments
SN888C TI1-SN888C Datasheet
434Kb / 22P
[Old version datasheet]   Bus-Polarity Correcting RS-485 Transceiver for E-Meters
SN65HVD72 TI1-SN65HVD72 Datasheet
802Kb / 25P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD75DGKR TI-SN65HVD75DGKR Datasheet
1Mb / 30P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72 TI-SN65HVD72_13 Datasheet
1Mb / 29P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
THVD1520 TI1-THVD1520 Datasheet
661Kb / 22P
[Old version datasheet]   THVD1520 10 Mbps RS-485 Transceiver With 짹8-kV IEC ESD Protection
SN55HVD75-EP TI1-SN55HVD75-EP Datasheet
1Mb / 32P
[Old version datasheet]   3.3-V Supply RS-485 With IEC ESD Protection
logo
Exar Corporation
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
logo
Maxim Integrated Produc...
MAX14781E MAXIM-MAX14781E_14 Datasheet
986Kb / 19P
   Half-Duplex RS-485 Transceiver with Polarity Correction
Rev 0; 12/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com