Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNY264PN Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # TNY264PN
Description  Enhanced, Energy Effi cient, Low Power Off-line Switcher
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY264PN Datasheet(HTML) 5 Page - Power Integrations, Inc.

  TNY264PN Datasheet HTML 1Page - Power Integrations, Inc. TNY264PN Datasheet HTML 2Page - Power Integrations, Inc. TNY264PN Datasheet HTML 3Page - Power Integrations, Inc. TNY264PN Datasheet HTML 4Page - Power Integrations, Inc. TNY264PN Datasheet HTML 5Page - Power Integrations, Inc. TNY264PN Datasheet HTML 6Page - Power Integrations, Inc. TNY264PN Datasheet HTML 7Page - Power Integrations, Inc. TNY264PN Datasheet HTML 8Page - Power Integrations, Inc. TNY264PN Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Rev. H 02/09
5
TNY263-268
www.powerint.com
V
DRAIN
V
EN
CLOCK
D
DRAIN
I
MAX
PI-2749-050301
Figure 6.
TinySwitch-II Operation at Near Maximum Loading.
V
DRAIN
V
EN
CLOCK
D
DRAIN
I
MAX
PI-2667-090700
Figure 8.
TinySwitch-II Operation at Medium Loading.
PI-2377-091100
V
DRAIN
V
EN
CLOCK
D
DRAIN
I
MAX
Figure 7.
TinySwitch-II Operation at Moderately Heavy Loading.
the appropriate current limit. At high loads, when the EN/UV
pin is high (less than 240
μA out of the pin), a switching cycle
with the full current limit occurs. At lighter loads, when EN/UV
is high, a switching cycle with a reduced current limit occurs.
At near maximum load, TinySwitch-II will conduct during
nearly all of its clock cycles (Figure 6). At slightly lower load, it
will “skip” additional cycles in order to maintain voltage
regulation at the power supply output (Figure 7). At medium
loads, cycles will be skipped and the current limit will be
reduced (Figure 8). At very light loads, the current limit will be
reduced even further (Figure 9). Only a small percentage of
cycles will occur to satisfy the power consumption of the
power supply.
The response time of the TinySwitch-II ON/OFF control
scheme is very fast compared to normal PWM control. This
provides tight regulation and excellent transient response.
Power Up/Down
The TinySwitch-II requires only a 0.1
μF capacitor on the
BYPASS pin. Because of its small size, the time to charge this
capacitor is kept to an absolute minimum, typically 0.6 ms.
Due to the fast nature of the ON/OFF feedback, there is no
overshoot at the power supply output. When an external
resistor (2 M
Ω) is connected from the positive DC input to the
EN/UV pin, the power MOSFET switching will be delayed
during power-up until the DC line voltage exceeds the
threshold (100 V). Figures 10 and 11 show the power-up timing
waveform of TinySwitch-II in applications with and without an
external resistor (2 M
Ω) connected to the EN/UV pin.
During power-down, when an external resistor is used, the
power MOSFET will switch for 50 ms after the output loses
regulation. The power MOSFET will then remain off without
any glitches since the undervoltage function prohibits restart
when the line voltage is low.
Figure 12 illustrates a typical power-down timing waveform of
TinySwitch-II. Figure 13 illustrates a very slow power-down
timing waveform of TinySwitch-II as in standby applications.
The external resistor (2 M
Ω) is connected to the EN/UV pin in
this case to prevent unwanted restarts.
The TinySwitch-II does not require a bias winding to provide
power to the chip, because it draws the power directly from
the DRAIN pin (see Functional Description above). This has


Similar Part No. - TNY264PN

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY264PN POWERINT-TNY264PN Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264PN POWERINT-TNY264PN Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY264PN-TL POWERINT-TNY264PN-TL Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264PN-TL POWERINT-TNY264PN-TL Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
More results

Similar Description - TNY264PN

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY266PG POWERINT-TNY266PG Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY267PN POWERINT-TNY267PN Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
logo
FERYSTER Inductive Comp...
LNK362-364 FERYSTER-LNK362-364 Datasheet
769Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK364DN POWERINT-LNK364DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK363DN POWERINT-LNK363DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362PG POWERINT-LNK362PG Datasheet
793Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362 POWERINT-LNK362 Datasheet
739Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
TNY277PG POWERINT-TNY277PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY274 POWERINT-TNY274_09 Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY275PG POWERINT-TNY275PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com