Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARS34Y4H Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ARS34Y4H
Description  3 GHz MICROWAVE RELAYS Miniature size Lineup includes 50/75廓 type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ARS34Y4H Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button ARS34Y4H Datasheet HTML 2Page - Panasonic Semiconductor ARS34Y4H Datasheet HTML 3Page - Panasonic Semiconductor ARS34Y4H Datasheet HTML 4Page - Panasonic Semiconductor ARS34Y4H Datasheet HTML 5Page - Panasonic Semiconductor ARS34Y4H Datasheet HTML 6Page - Panasonic Semiconductor ARS34Y4H Datasheet HTML 7Page - Panasonic Semiconductor ARS34Y4H Datasheet HTML 8Page - Panasonic Semiconductor ARS34Y4H Datasheet HTML 9Page - Panasonic Semiconductor ARS34Y4H Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
RS (ARS)
ASCTB106E 201202-T
DIMENSIONS (mm inch)
<Standard PC board terminal>
2.-(1) Operation noise distribution
Sample: ARS134H (single side stable silent type),
50 pcs.
Coil voltage: rated voltage applied (with diode)
Equipment setting: A weighted sound pressure level,
FAST.
Background noise: approx. 20 dB
Method of measurement: See figure below.
When operated
When released
Relay
Acoustic absorption mat
11.811inch
300mm
Microphone
Top of relay
0
10
20
30
20
30
40
50
Noise level, dB
0
10
20
30
20
30
40
50
Noise level, dB
2.-(2) Operation noise distribution
Sample: ARS104H (single side stable standard type),
50 pcs.
Coil voltage: rated voltage applied (with diode)
Equipment setting: A weighted sound pressure level,
FAST.
Background noise: approx. 20 dB
Method of measurement: See figure below.
When operated
When released
Relay
Acoustic absorption mat
11.811inch
300mm
Microphone
Top of relay
0
10
20
30
20
30
40
50
Noise level, dB
0
10
20
30
20
30
40
50
Noise level, dB
2.-(3) Operation noise distribution
Sample: ARS114H (latching type), 50 pcs.
Coil voltage: rated voltage applied (with diode)
Equipment setting: A weighted sound pressure level,
FAST.
Background noise: approx. 20 dB
Method of measurement: See figure below.
When set and reset
Relay
Acoustic absorption mat
11.811inch
300mm
Microphone
Top of relay
0
10
20
30
20
30
40
50
Noise level, dB
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
1. 50
Ω type
External dimensions
Tolerance:
±0.3 ±.012
PC board pattern (Bottom view)
Tolerance:
±0.1 ±.004
1.40
6.35
.055
.250
2.54
.100
2 coil latching only
Stand off
2-0.60
×0.20
2-.024
×.008
(0.60)
(.024)
3-0.40
×0.20
3-.016
×.008
3- 0.45
3- .018
8.60
.339
14.00
.551
The part numbers depend
on the type and voltage.
Lot No.
JAPAN
2 coil latching only
8-1.00 dia.
8-.039 dia.
2.54
.100
CAD Data


Similar Part No. - ARS34Y4H

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
ARS35 TSC-ARS35 Datasheet
73Kb / 2P
   35.0 AMPS. High Current Plastic Silicon Rectifiers
logo
Yangzhou yangjie electr...
ARS35 YANGJIE-ARS35 Datasheet
751Kb / 2P
   35.0 AMPS. HIGH CURRENT PLASTIC SILICON RECTIFIERS
logo
Nanjing International G...
ARS35 DGNJDZ-ARS35 Datasheet
55Kb / 3P
   35A AUTOMOTIVE BUTTON DIODE
logo
Gaomi Xinghe Electronic...
ARS3500 GXELECTRONICS-ARS3500 Datasheet
509Kb / 2P
   Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
logo
Yangzhou yangjie electr...
ARS35005 YANGJIE-ARS35005 Datasheet
751Kb / 2P
   35.0 AMPS. HIGH CURRENT PLASTIC SILICON RECTIFIERS
More results

Similar Description - ARS34Y4H

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ARS14Y4H PANASONIC-ARS14Y4H Datasheet
331Kb / 11P
   Miniature size Lineup includes 50/75 type
logo
Agilent(Hewlett-Packard...
86205A HP-86205A Datasheet
156Kb / 2P
   50 廓 & 75 廓 RF Bridges
logo
Panasonic Semiconductor
ARE10A12 PANASONIC-ARE10A12 Datasheet
120Kb / 5P
   2.6 GHz SMALL MICROWAVE RELAYS
logo
Rosenberger Hochfrequen...
51K171-S00N4 ROSENBERGER-51K171-S00N4 Datasheet
188Kb / 2P
   MATCHING ATTENUATOR 50廓 JACK ??75廓 PLUG
logo
DDK Ltd.
27CP DDK-27CP Datasheet
198Kb / 5P
   75廓 SMB Type Connectors
logo
Qorvo, Inc
QPL1815 QORVO-QPL1815 Datasheet
1Mb / 10P
   75廓 CATV Amplifier 50 ??1800MHz
Oct 21 , 2020
logo
DDK Ltd.
BNC75 DDK-BNC75 Datasheet
177Kb / 4P
   75廓 BNC Type Connectors
SSMB75-SP-1.5CCA-EXBV-CF DDK-SSMB75-SP-1.5CCA-EXBV-CF Datasheet
735Kb / 6P
   75 廓 SSMB Type Connectors
SSMB75 DDK-SSMB75 Datasheet
734Kb / 6P
   75 廓 SSMB Type Connectors
logo
Qorvo, Inc
QPL1811 QORVO-QPL1811 Datasheet
1Mb / 11P
   75廓 CATV Amplifier 50 ??1800MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com