Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARS1124 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ARS1124
Description  3 GHz MICROWAVE RELAYS Miniature size Lineup includes 50/75廓 type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ARS1124 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ARS1124 Datasheet HTML 1Page - Panasonic Semiconductor ARS1124 Datasheet HTML 2Page - Panasonic Semiconductor ARS1124 Datasheet HTML 3Page - Panasonic Semiconductor ARS1124 Datasheet HTML 4Page - Panasonic Semiconductor ARS1124 Datasheet HTML 5Page - Panasonic Semiconductor ARS1124 Datasheet HTML 6Page - Panasonic Semiconductor ARS1124 Datasheet HTML 7Page - Panasonic Semiconductor ARS1124 Datasheet HTML 8Page - Panasonic Semiconductor ARS1124 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
RS (ARS)
ASCTB106E 201202-T
REFERENCE DATA
1.-(1) High frequency characteristics (Impedance: 50
Ω, Standard PC board terminal)
Sample: ARS144H; Measuring method: Measured with Agilent Technologies network analyzer (E8363B). *For details see No. 7 under “NOTES”.
• V.S.W.R. characteristics
• Insertion loss characteristics
(without D.U.T. board’s loss)
• Isolation characteristics
0.3MHz
900MHz
3GHz
1.5
2.0
1.0
NC
NO
Frequency
Standard value
Reference value
NC
NO
1.0
0
0.5
0.3MHz
900MHz
3GHz
Frequency
Reference value
Standard value
100
0
50
0.3MHz
900MHz
3GHz
NC
NO
Frequency
Reference value
Standard value
1.-(2) High frequency characteristics (Impedance: 75
Ω, Standard PC board terminal)
Sample: ARS104H; Measuring method: Measured with Agilent Technologies network analyzer (E8363B). *For details see No. 7 under “NOTES”.
• V.S.W.R. characteristics
• Insertion loss characteristics
(without D.U.T. board’s loss)
• Isolation characteristics
0.3MHz
900MHz
3GHz
1.5
2
1
NC
NO
Frequency
Standard value
Reference value
NC
NO
1.0
0
0.5
0.3MHz
900MHz
3GHz
Frequency
Standard value
Reference value
100
0
50
0.3MHz
900MHz
3GHz
NO
NC
Frequency
Reference value
Standard value
1.-(3) High frequency characteristics (Impedance: 50
Ω, Surface-mount terminal)
Sample: ARS14A4H; Measuring method: Measured with Agilent Technologies network analyzer (E8363B). *For details see No. 7 under “NOTES”.
• V.S.W.R. characteristics
• Insertion loss characteristics
(without D.U.T. board’s loss)
• Isolation characteristics
0.3MHz
900MHz
3GHz
1.5
2.0
1
NC
NO
Frequency
Standard value
Reference value
NC
NO
1.0
0
0.5
0.3MHz
900MHz
3GHz
Frequency
Standard value
Reference value
100
0
50
0.3MHz
900MHz
3GHz
NO
NC
Frequency
Standard value
Reference value
1.-(4) High frequency characteristics (Impedance: 75
Ω, Surface-mount terminal)
Sample: ARS10A4H; Measuring method: Measured with Agilent Technologies network analyzer (E8363B). *For details see No. 7 under “NOTES”.
• V.S.W.R. characteristics
• Insertion loss characteristics
(without D.U.T. board’s loss)
• Isolation characteristics
0.3MHz
900MHz
3GHz
1.5
2.0
1.0
NC
NO
Frequency
Standard value
Reference value
NC
NO
1.0
0
0.5
0.3MHz
900MHz
3GHz
Frequency
Standard value
Reference value
100
0
50
0.3MHz
900MHz
3GHz
NC
NO
Frequency
Standard value
Reference value


Similar Part No. - ARS1124

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ARS11-B2-IC08-1 PF-ARS11-B2-IC08-1 Datasheet
3Mb / 7P
   Ethernet-APL Rail Field Switch
ARS11-B2-IC08-2 PF-ARS11-B2-IC08-2 Datasheet
3Mb / 7P
   Ethernet-APL Rail Field Switch
ARS11-B2-IC16-1 PF-ARS11-B2-IC16-1 Datasheet
3Mb / 7P
   Ethernet-APL Rail Field Switch
ARS11-B2-IC16-2 PF-ARS11-B2-IC16-2 Datasheet
3Mb / 7P
   Ethernet-APL Rail Field Switch
ARS11-B2-IC24-1 PF-ARS11-B2-IC24-1 Datasheet
3Mb / 7P
   Ethernet-APL Rail Field Switch
More results

Similar Description - ARS1124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ARS14Y4H PANASONIC-ARS14Y4H Datasheet
331Kb / 11P
   Miniature size Lineup includes 50/75 type
logo
Agilent(Hewlett-Packard...
86205A HP-86205A Datasheet
156Kb / 2P
   50 廓 & 75 廓 RF Bridges
logo
Panasonic Semiconductor
ARE10A12 PANASONIC-ARE10A12 Datasheet
120Kb / 5P
   2.6 GHz SMALL MICROWAVE RELAYS
logo
Rosenberger Hochfrequen...
51K171-S00N4 ROSENBERGER-51K171-S00N4 Datasheet
188Kb / 2P
   MATCHING ATTENUATOR 50廓 JACK ??75廓 PLUG
logo
DDK Ltd.
27CP DDK-27CP Datasheet
198Kb / 5P
   75廓 SMB Type Connectors
logo
Qorvo, Inc
QPL1815 QORVO-QPL1815 Datasheet
1Mb / 10P
   75廓 CATV Amplifier 50 ??1800MHz
Oct 21 , 2020
logo
DDK Ltd.
BNC75 DDK-BNC75 Datasheet
177Kb / 4P
   75廓 BNC Type Connectors
SSMB75-SP-1.5CCA-EXBV-CF DDK-SSMB75-SP-1.5CCA-EXBV-CF Datasheet
735Kb / 6P
   75 廓 SSMB Type Connectors
SSMB75 DDK-SSMB75 Datasheet
734Kb / 6P
   75 廓 SSMB Type Connectors
logo
Qorvo, Inc
QPL1811 QORVO-QPL1811 Datasheet
1Mb / 11P
   75廓 CATV Amplifier 50 ??1800MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com