Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNY379G Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # TNY379G
Description  Energy-Efficient, Off-Line Switcher With Enhanced Peak Power Performance
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY379G Datasheet(HTML) 5 Page - Power Integrations, Inc.

  TNY379G Datasheet HTML 1Page - Power Integrations, Inc. TNY379G Datasheet HTML 2Page - Power Integrations, Inc. TNY379G Datasheet HTML 3Page - Power Integrations, Inc. TNY379G Datasheet HTML 4Page - Power Integrations, Inc. TNY379G Datasheet HTML 5Page - Power Integrations, Inc. TNY379G Datasheet HTML 6Page - Power Integrations, Inc. TNY379G Datasheet HTML 7Page - Power Integrations, Inc. TNY379G Datasheet HTML 8Page - Power Integrations, Inc. TNY379G Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Rev. C 09/12
5
TNY375-380
www.powerint.com
Enable Function
TinySwitch-PK senses the EN/UV pin to determine whether or
not to proceed with the next switching cycle. The sequence of
cycles is used to determine the current limit. Once a cycle is
started, it always completes the cycle (even when the EN/UV
pin changes state halfway through the cycle). This operation
results in a power supply in which the output voltage ripple is
determined by the output capacitor, amount of energy per
switch cycle, and the delay of the feedback.
The EN/UV pin signal is generated on the secondary by
comparing the power supply output voltage with a reference
voltage. The EN/UV pin signal is high when the power supply
output voltage is less than the reference voltage. In a typical
implementation, the EN/UV pin is driven by an optocoupler.
The collector of the optocoupler transistor is connected to the
EN/UV pin, and the emitter is connected to the SOURCE pin.
The optocoupler LED is connected in series with a Zener diode
across the DC output voltage to be regulated. When the output
voltage exceeds the target regulation voltage level (optocoupler
LED voltage drop plus Zener voltage), the optocoupler LED will
start to conduct, pulling the EN/UV pin low. The Zener diode
can be replaced by a TL431 reference circuit for improved
accuracy.
ON/OFF Operation with Current Limit State Machine
The internal clock of the TinySwitch-PK runs at all times. At the
beginning of each clock cycle, it samples the EN/UV pin to
decide whether or not to implement a switch cycle, and based
on the sequence of samples over multiple cycles, it determines
the appropriate current limit. At high loads, the state machine
sets the current limit to its highest value. With TinySwitch-PK,
when the state machine sets the current limit to its highest
value, the oscillator frequency is also doubled, providing the
unique peak mode operation. At lighter loads, the state
machine sets the current limit to reduced values. At these lower
current limit levels, the oscillator frequency returns to the
standard value.
At near maximum load, TinySwitch-PK will conduct during
nearly all of its clock cycles (Figure 6). At slightly lower load, it
will “skip” additional cycles in order to maintain voltage
regulation at the power supply output (Figure 7). At medium
loads, more cycles will be skipped, the current limit will be
V
DRAIN
V
EN
CLOCK
DC
DRAIN
I
MAX
PI-2749-082305
V
DRAIN
V
EN
CLOCK
DC
DRAIN
I
MAX
PI-2667-082305
Figure 6.
Operation at Near Maximum Loading (f
OSC 264 kHz).
Figure 7.
Operation at Moderately Heavy Loading (f
OSC 264 kHz).
PI-4540-050407
V
DRAIN
V
EN
CLOCK
DC
DRAIN
I
MAX
Figure 8.
Operation at Medium Loading (f
OSC 132 kHz).


Similar Part No. - TNY379G

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY379PN POWERINT-TNY379PN Datasheet
1Mb / 20P
   Energy-Efficient, Off-Line Switcher With Enhanced Peak Power Performance
More results

Similar Description - TNY379G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TNY378GN ETC1-TNY378GN Datasheet
1Mb / 22P
   Energy-Efficient, Off-Line Switcher With Enhanced Peak Power Performance
logo
Power Integrations, Inc...
TNY375-380 POWERINT-TNY375-380 Datasheet
1Mb / 20P
   Energy-Efficient, Off-Line Switcher With Enhanced Peak Power Performance
PKS603 POWERINT-PKS603 Datasheet
1Mb / 24P
   Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
PKS606PN POWERINT-PKS606PN Datasheet
1Mb / 24P
   Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
logo
FERYSTER Inductive Comp...
PKS603P FERYSTER-PKS603P Datasheet
1Mb / 24P
   Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
logo
Power Integrations, Inc...
PKS606YN POWERINT-PKS606YN Datasheet
1Mb / 24P
   PeakSwitch짰 Family Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com