Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNY379G Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # TNY379G
Description  Energy-Efficient, Off-Line Switcher With Enhanced Peak Power Performance
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY379G Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button TNY379G Datasheet HTML 3Page - Power Integrations, Inc. TNY379G Datasheet HTML 4Page - Power Integrations, Inc. TNY379G Datasheet HTML 5Page - Power Integrations, Inc. TNY379G Datasheet HTML 6Page - Power Integrations, Inc. TNY379G Datasheet HTML 7Page - Power Integrations, Inc. TNY379G Datasheet HTML 8Page - Power Integrations, Inc. TNY379G Datasheet HTML 9Page - Power Integrations, Inc. TNY379G Datasheet HTML 10Page - Power Integrations, Inc. TNY379G Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Rev. C 09/12
7
TNY375-380
www.powerint.com
reduced, and the clock frequency is reduced to half that at the
highest current limit level (Figure 8). At very light loads, the
current limit will be reduced even further (Figure 9). Only a small
percentage of cycles will occur to satisfy the power consumption
of the power supply. The response time of the ON/OFF control
scheme is very fast compared to PWM control. This provides
tight regulation and excellent transient response.
Power Up/Down
The TinySwitch-PK requires only a 0.1 mF capacitor on the
BYPASS/MULTI-FUNCTION pin to operate with standard
current limit. Because of its small size, the time to charge this
capacitor is kept to an absolute minimum, typically 0.6 ms. The
time to charge will vary in proportion to the BYPASS/MULTI-
FUNCTION pin capacitor value when selecting different current
limits. Due to the high bandwidth of the ON/OFF feedback,
there is no overshoot at the power supply output. When an
external resistor (4 MW) is connected from the power supply
positive DC input to the EN/UV pin, the power MOSFET
switching will be delayed during power-up until the DC line
voltage exceeds the threshold (100 V). Figures 10 and 11 show
the power-up timing waveform in applications with and without
an external resistor (4 MW) connected to the EN/UV pin.
During power-down, when an external resistor is used, the
power MOSFET will switch for 32 ms after the output loses
regulation. The power MOSFET will then remain off without any
glitches since the undervoltage function prohibits restart when
the line voltage is low.
Figure 12 illustrates a typical power-down timing waveform.
Figure 13 illustrates a very slow power-down timing waveform,
as in standby applications. The external resistor (4 MW) is
connected to the EN/UV pin in this case to prevent unwanted
restarts.
With the TNY375 and TNY376, no bias winding is needed to
provide power to the chip because it draws the power directly
from the DRAIN pin (see Functional Description above). This
eliminates the cost of a bias winding and associated components.
For the TNY377-380 or for applications that require very low
no-load power consumption (50 mW), a resistor from a bias
winding to the BYPASS/MULTI-FUNCTION pin can provide the
power to the chip. The minimum recommended current supplied
is I
S2 + IDIS. The BYPASS/MULTI-FUNCTION pin in this case will
be clamped at 6.4 V. This method will eliminate the power draw
from the DRAIN pin, thereby reducing the no-load power
consumption and improving full-load efficiency.
Current Limit Operation
Each switching cycle is terminated when the DRAIN current
reaches the current limit of the device. Current limit operation
provides good line ripple rejection and relatively constant power
delivery independent of input voltage.
BYPASS/MULTI-FUNCTION Pin Capacitor
The BYPASS/MULTI-FUNCTION pin can use a ceramic
capacitor as small as 0.1 mF for decoupling the internal power
supply of the device. A larger capacitor size can be used to
adjust the current limit. A 1 mF BP/M pin capacitor will select a
lower current limit equal to the standard current limit of the next
smaller device, and a 10 mF BP/M pin capacitor will select a
higher current limit equal to the standard current limit of the next
larger device. The TNY375 and TNY376 MOSFETs do not have
the capability to match the current limit of the next larger
devices in the family. The current limit is therefore increased to
the maximum capability of their respective MOSFETs. The
higher current limit level of the TNY380 is set to 1105 mA typical.
The smaller current limit of the TNY375 is set to 325 mA.


Similar Part No. - TNY379G

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY379PN POWERINT-TNY379PN Datasheet
1Mb / 20P
   Energy-Efficient, Off-Line Switcher With Enhanced Peak Power Performance
More results

Similar Description - TNY379G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TNY378GN ETC1-TNY378GN Datasheet
1Mb / 22P
   Energy-Efficient, Off-Line Switcher With Enhanced Peak Power Performance
logo
Power Integrations, Inc...
TNY375-380 POWERINT-TNY375-380 Datasheet
1Mb / 20P
   Energy-Efficient, Off-Line Switcher With Enhanced Peak Power Performance
PKS603 POWERINT-PKS603 Datasheet
1Mb / 24P
   Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
PKS606PN POWERINT-PKS606PN Datasheet
1Mb / 24P
   Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
logo
FERYSTER Inductive Comp...
PKS603P FERYSTER-PKS603P Datasheet
1Mb / 24P
   Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
logo
Power Integrations, Inc...
PKS606YN POWERINT-PKS606YN Datasheet
1Mb / 24P
   PeakSwitch짰 Family Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com