Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNY380P Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # TNY380P
Description  Energy-Efficient, Off-Line Switcher With Enhanced Peak Power Performance
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY380P Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button TNY380P Datasheet HTML 4Page - Power Integrations, Inc. TNY380P Datasheet HTML 5Page - Power Integrations, Inc. TNY380P Datasheet HTML 6Page - Power Integrations, Inc. TNY380P Datasheet HTML 7Page - Power Integrations, Inc. TNY380P Datasheet HTML 8Page - Power Integrations, Inc. TNY380P Datasheet HTML 9Page - Power Integrations, Inc. TNY380P Datasheet HTML 10Page - Power Integrations, Inc. TNY380P Datasheet HTML 11Page - Power Integrations, Inc. TNY380P Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Rev. C 09/12
8
TNY375-380
www.powerint.com
Applications Examples
The circuit shown in Figure 14 is a low cost universal AC input,
four-output flyback power supply utilizing a TNY376. The
continuous output power is 7.5 W with a peak of 13 W. The
output voltages are 3.3 V, 5 V, 12 V, and –12 V.
The rectified and filtered input voltage is applied to the primary
winding of T1. The other side of the transformer’s primary is
driven by the integrated MOSFET in U1. Diode D5, C3, R1, R2,
and VR1 compose the clamp circuit, limiting the leakage
inductance turn-off voltage spike on the DRAIN pin to a safe
value. The use of a combination Zener clamp and parallel RC
optimizes both EMI and energy efficiency.
Both the 3.3 V and 5 V outputs are sensed through resistors R6
and R7. The voltage across R8 is regulated to 2.5 V by reference
IC U3. If the voltage across R8 begins to exceed 2.5 V, then
current will flow in the LED inside the optocoupler U2, driven by
the cathode of U3. This will cause the transistor of the
optocoupler to sink current from the EN/UV pin of U1. When the
current exceeds the ENABLE pin threshold current, the next
switching cycle is inhibited. Conversely, when the voltage across
resistor R8 falls below 2.5 V, and the current out of the ENABLE
pin is below the threshold, a conduction cycle is allowed to
occur. By adjusting the number of enabled cycles, regulation is
maintained. As the load reduces, the number of enabled cycles
decreases, lowering the effective switching frequency and
scaling switching losses with load. This provides almost
constant efficiency down to very light loads, ideal for meeting
energy efficiency requirements.
The input filter circuit (C1, L1 and C2) reduces conducted EMI. To
improve common mode EMI, this design makes use of E-ShieldTM
shielding techniques in the transformer, reducing common mode
displacement currents, and reducing EMI. These techniques,
combined with the frequency jitter of TNY376, give excellent EMI
performance, with this design achieving >10 dBmV of margin to
EN55022 Class B conducted EMI limits.
For design flexibility, the value of C4 can be selected to pick one
of the three current limit options in U4. Doing so allows the
designer to select the current limit appropriate for the application.
Standard current limit is selected with a 0.1 mF BP/M pin
capacitor and is the normal choice for typical applications.
When a 1 mF BP/M pin capacitor is used, the current limit is
reduced, offering reduced RMS device currents and therefore
improved efficiency, but at the expense of maximum power
capability. This is ideal for thermally challenging designs where
dissipation must be minimized.
When a 10 mF BP/M pin capacitor is used, the current limit is
increased, extending the power capability for applications
requiring higher peak power or continuous power where the
thermal conditions allow.
Further flexibility comes from the current limits between adjacent
TinySwitch-PK family members being compatible. The reduced
current limit of a given device is equal to the standard current limit
of the next smaller device, and the increased current limit is equal
to the standard current limit of the next larger device.
Figure 14. TNY376PN, Four Output, 7.5 W, 13 W Peak Universal Input Power Supply.
D9
UF4003
U1
TNY376P
U2A
LTV817A
U3
L431
2%
C1
22
µF
400 V
C2
22
µF
400 V
C3
10 nF
1 kV
C4
10
µF
50 V
C11
47
µF
25 V
C14
100 nF
50 V
C13
10
µF
50 V
C9
1000
µF
10 V
C5
220
µF
25 V
C10
470
µF
10 V
C8
470
µF
10 V
C6
100
µF
25 V
C7
1000
µF
25 V
C12
220
µF
25 V
U2B
LTV817A
JP1
JP2
C5
330 pF
250 VAC
R1
100
R4
200
1/2 W
R6
20 k
1%
R5
1 k
R7
6.34 k
1%
R8
10 k
1%
R9
3.3 k
R2
47
R3
1
1/2 W
L1
5 mH
L2
3.3
µH
L3
3.3
µH
L4
3.3
µH
F1
3.15 A
85-265
VAC
+12 V, 0.25 A
+5.0 V, 0.5 A
+3.3 V, 0.5 A
RTN
-12 V, 0.03 A
L
N
D1
FR106
D2
FR106
D5
FR106
D6
UF4003
D7
1N5819
D8
SB340
VR1
P6KE180A
D3
1N4007
D4
1N4007
PI-4673-012009
T1
EEL19
1
N.C.
6
11
7
8,9,10
12
4
3
5
D
S
EN/UV
BP
TinySwitch-PK


Similar Part No. - TNY380P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY380PN POWERINT-TNY380PN Datasheet
1Mb / 20P
   Energy-Efficient, Off-Line Switcher With Enhanced Peak Power Performance
More results

Similar Description - TNY380P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TNY378GN ETC1-TNY378GN Datasheet
1Mb / 22P
   Energy-Efficient, Off-Line Switcher With Enhanced Peak Power Performance
logo
Power Integrations, Inc...
TNY375-380 POWERINT-TNY375-380 Datasheet
1Mb / 20P
   Energy-Efficient, Off-Line Switcher With Enhanced Peak Power Performance
PKS603 POWERINT-PKS603 Datasheet
1Mb / 24P
   Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
PKS606PN POWERINT-PKS606PN Datasheet
1Mb / 24P
   Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
logo
FERYSTER Inductive Comp...
PKS603P FERYSTER-PKS603P Datasheet
1Mb / 24P
   Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
logo
Power Integrations, Inc...
PKS606YN POWERINT-PKS606YN Datasheet
1Mb / 24P
   PeakSwitch짰 Family Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com