Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNY380P Datasheet(PDF) 10 Page - Power Integrations, Inc.

Part # TNY380P
Description  Energy-Efficient, Off-Line Switcher With Enhanced Peak Power Performance
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY380P Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button TNY380P Datasheet HTML 6Page - Power Integrations, Inc. TNY380P Datasheet HTML 7Page - Power Integrations, Inc. TNY380P Datasheet HTML 8Page - Power Integrations, Inc. TNY380P Datasheet HTML 9Page - Power Integrations, Inc. TNY380P Datasheet HTML 10Page - Power Integrations, Inc. TNY380P Datasheet HTML 11Page - Power Integrations, Inc. TNY380P Datasheet HTML 12Page - Power Integrations, Inc. TNY380P Datasheet HTML 13Page - Power Integrations, Inc. TNY380P Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Rev. C 09/12
10
TNY375-380
www.powerint.com
should be located as close as possible to the SOURCE and
BYPASS pins of the device.
For best performance of the OVP function, it is recommended
that a relatively high bias winding voltage is used, in the range of
15 V-30 V. This minimizes the error voltage on the bias winding
due to leakage inductance and also ensures adequate voltage
during no-load operation from which to supply the IC device
consumption.
Selecting the Zener diode voltage to be approximately 6 V
above the bias winding voltage (28 V for 22 V bias winding)
gives good OVP performance for most designs but can be
adjusted to compensate for variations in leakage inductance.
Adding additional filtering can be achieved by inserting a low
value (10 W to 47 W) resistor in series with the bias winding
diode and/or the OVP Zener, as shown by R4 and R5 in
Figure 15. The resistor in series with the OVP Zener also limits
the maximum current into the BYPASS pin.
Reducing No-load Consumption
With the exception of the TNY375 and TNY376, a bias winding
must be used to provide supply current for the IC. This has the
additional benefit of reducing the typical no-load consumption
to <60 mW. Select the value of the resistor (R6 in Figure 15) to
provide the data sheet supply current equal to I
S2 + |IDIS|.
Although
in practice the bias voltage falls at low load, the reduction in
supply current through R6 is balanced against the reduced IC
consumption as the effective switching frequency reduces with
load.
Audible Noise
The cycle skipping mode of operation used in the TinySwitch-PK
devices can generate audio frequency components in the
transformer. To limit this audible noise generation, the
transformer should be designed such that the peak core flux
density is below 3000 Gauss (300 mT). Following this guideline,
and using the standard transformer production technique of dip
varnishing practically eliminates audible noise. Vacuum
impregnation of the transformer should not be used due to the
high primary capacitance and increased losses that results.
Ceramic capacitors that use dielectrics such as Z5U, when
used in clamp circuits, may also generate audio noise. If this is
the case, try replacing them with a capacitor having a different
dielectric or construction such as the film foil or metallized foil type.
TinySwitch-PK Layout Considerations
Single Point Grounding
Use a single point ground connection from the input filter
capacitor to the area of copper connected to the SOURCE pins.
When used as an auxiliary supply in a larger converter, a local
DC bus decoupling capacitor is recommended. A value of
100 nF is typical.
The bias winding should be returned directly to the input or
decoupling capacitor. This routes surge currents away from the
device during common mode line surge events.
Bypass Capacitor (C
BP)
The BYPASS pin capacitor should be located as near as
possible to the BYPASS and SOURCE pins using a Kelvin
connection. No power current should flow through traces
connected to the BYPASS pin capacitor or optocoupler. If
using SMD components, a capacitor can be placed underneath
the package directly between BP and SOURCE pins.
When using a capacitor value of 1 mF or 10 mF to select the
reduced or increased current limit mode, it is recommended
that an additional 0.1 mF ceramic capacitor is placed directly
between BP and SOURCE pins.
Enable/Undervoltage Pin Node Connections
The EN/UV pin is a low-current, low-voltage pin, and noise
coupling can cause poor regulation and/or inaccurate line UV
levels. Traces connected to the EN/UV pin must be routed
away from any high current or high-voltage switching nodes,
including the drain pin and clamp components. This also
applies to the placement of the line undervoltage sense resistor
(R
UV). Drain connected traces must not be routed underneath
this component.
TinySwitch-PK determines the presence of the UV resistor via a
~1 mA current into the EN/UV pin at startup. When the under-
voltage feature is not used ensure that leakage current into the
EN/UV pin is <<1 mA. This prevents false detection of the
presence of a UV resistor which may prevent correct start-up.
As the use of no-clean flux may increase leakage currents (by
reducing surface resistivity) care should be taken to follow the
flux suppliers guidance, specifically avoiding flux contamination.
Placing a 100 kW, 5% resistor between BP and EN/UV pins
eliminates this requirement by feeding current >I
LUV(MAX) into the
EN/UV pin.
Primary Loop Area
The area of the primary loop that connects the input filter
capacitor, transformer primary, and TinySwitch-PK device
should be kept as small as possible.
Primary Clamp Circuit
A clamp is used to limit peak voltage on the DRAIN pin at turn
off. This can be achieved by using an RCD clamp or a Zener
and diode clamp across the primary winding. In all cases, to
minimize EMI, care should be taken to minimize the loop length
from the clamp components to the transformer and the
TinySwitch-PK device.
Thermal Considerations
The four SOURCE pins are internally connected to the IC lead
frame and provide the main path to remove heat from the
device. Therefore all the SOURCE pins should be connected to
a copper area underneath the TinySwitch-PK integrated circuit
to act not only as a single point ground, but also as a heat sink.
As this area is connected to the quiet source node, it should be
maximized for good heat sinking. Similarly, for axial output
diodes, maximize the PCB area connected to the cathode.


Similar Part No. - TNY380P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY380PN POWERINT-TNY380PN Datasheet
1Mb / 20P
   Energy-Efficient, Off-Line Switcher With Enhanced Peak Power Performance
More results

Similar Description - TNY380P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TNY378GN ETC1-TNY378GN Datasheet
1Mb / 22P
   Energy-Efficient, Off-Line Switcher With Enhanced Peak Power Performance
logo
Power Integrations, Inc...
TNY375-380 POWERINT-TNY375-380 Datasheet
1Mb / 20P
   Energy-Efficient, Off-Line Switcher With Enhanced Peak Power Performance
PKS603 POWERINT-PKS603 Datasheet
1Mb / 24P
   Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
PKS606PN POWERINT-PKS606PN Datasheet
1Mb / 24P
   Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
logo
FERYSTER Inductive Comp...
PKS603P FERYSTER-PKS603P Datasheet
1Mb / 24P
   Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
logo
Power Integrations, Inc...
PKS606YN POWERINT-PKS606YN Datasheet
1Mb / 24P
   PeakSwitch짰 Family Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com