Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNY285KG-TL Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # TNY285KG-TL
Description  Energy-Efficient, Off-Line Switcher With Line Compensated Overload Power
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY285KG-TL Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button TNY285KG-TL Datasheet HTML 4Page - Power Integrations, Inc. TNY285KG-TL Datasheet HTML 5Page - Power Integrations, Inc. TNY285KG-TL Datasheet HTML 6Page - Power Integrations, Inc. TNY285KG-TL Datasheet HTML 7Page - Power Integrations, Inc. TNY285KG-TL Datasheet HTML 8Page - Power Integrations, Inc. TNY285KG-TL Datasheet HTML 9Page - Power Integrations, Inc. TNY285KG-TL Datasheet HTML 10Page - Power Integrations, Inc. TNY285KG-TL Datasheet HTML 11Page - Power Integrations, Inc. TNY285KG-TL Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Rev. A 09/12
8
TNY284-290
www.powerint.com
Applications Example
The circuit shown in Figure 16 is a low cost, high efficiency,
flyback power supply designed for 5 V, 4 A output from
universal input using the TNY290PG.
The supply features undervoltage lockout, primary sensed
output overvoltage latching shutdown protection, high
efficiency (>80%), and very low no-load consumption (<50 mW
at 265 VAC). Output regulation is accomplished using a simple
Zener reference and optocoupler feedback.
The rectified and filtered input voltage is applied to the primary
winding of T1. The other side of the transformer primary is
driven by the integrated MOSFET in U1. Diode D1, C3, R1, and
VR1 comprise the clamp circuit, limiting the leakage inductance
turn-off voltage spike on the DRAIN pin to a safe value.
The output voltage is regulated by TL431 U2. When the output
voltage ripple exceeds the sum of the U2 (CATHODE D6) and
optocoupler LED forward drop, current will flow in the
optocoupler LED. This will cause the transistor of the
optocoupler to sink current. When this current exceeds the
ENABLE pin threshold current the next switching cycle is
inhibited. When the output voltage falls below the feedback
threshold, a conduction cycle is allowed to occur and, by
adjusting the number of enabled cycles, output regulation is
maintained. As the load reduces, the number of enabled
cycles decreases, lowering the effective switching frequency
and scaling switching losses with load. This provides almost
constant efficiency down to very light loads, ideal for meeting
energy efficiency requirements.
As the TinySwitch-4 devices are completely self-powered, there
is no requirement for an auxiliary or bias winding on the
transformer. However by adding a bias winding, the output
overvoltage protection feature can be configured, protecting the
load against open feedback loop faults.
When an overvoltage condition occurs, such that bias voltage
exceeds the sum of VR2 and the BYPASS/MULTIFUNCTION
(BYPASS/MULTI-FUNCTIONAL) pin voltage, current begins to
flow into the BYPASS/MULTI-FUNCTIONAL pin. When this
current exceeds I
SD the internal latching shutdown circuit in
TinySwitch-4 is activated. This condition is reset when the
ENABLE/UNDERVOLTAGE pin current flowing through R12 and
R13 drop below 18.75
μA each AC line half-cycle. The
configuration of Figure 16 is therefore non-latching for an
overvoltage fault. Latching overvoltage protection can be
achieved by connecting R12 and R13 to the positive terminal of
C2, at the expense of higher standby consumption. In the
example shown, on opening the loop, the OVP trips at an
output of 17 V.
For lower no-load input power consumption, the bias winding
may also be used to supply the TinySwitch-4 device. Resistor
Figure 16. TNY290PG, 5 V, 4 A Universal Input Power Supply.
D
S
EN/UV
BP/M
90 - 295
VAC
5 V, 4 A
RTN
PI-6559-062012
R12
2 M
R13
2 M
R15
1.5 M
1/8 W
C9
10
µF
16 V
C11
2.2
µF
50 V
R14
3.3 k
1/8 W
R8
1 k
1/8 W
R7
10 k
1%
R2
8.2
R3
4.7
1/2 W
R9
47
R4
30 k
1/8 W
R6
10 k
1%
R1
22
1/2 W
D1
UF4006-E3
D3
1N4937
U2
TL431
VR2
1N5254
27 V
VR1
P6KE150A
TinySwitch-4
U1
TNY290PG
U3
PC817
In a PC standby application input stage
will be part of main power supply input
D4
STPS30L60CT
RT1
6
F1
5 A
C3
2.2 nF
1 kV
BR1
2KBP10M
1000 V
C2
68
µF
450 V
C4
100
µF
50 V
C8
1000
µF
10 V
L1
10 mH
L2
2.2
µH
C5
1.5 nF
100 V
C6, C7
1500
µF
10 V
C10
47 nF
100 V
C13
2.2 nF
250 VAC
1
9,10
7,8
T1
EE22
4
5
3
C1
100 nF
275 VAC
C16
100 nF
100 V


Similar Part No. - TNY285KG-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY285KG-TL POWERINT-TNY285KG-TL Datasheet
2Mb / 26P
   Energy-Efficient, Off-Line Switcher with Line Compensated Overload Power
October 2020
More results

Similar Description - TNY285KG-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY284 POWERINT-TNY284 Datasheet
2Mb / 26P
   Energy-Efficient, Off-Line Switcher with Line Compensated Overload Power
October 2020
TNY256PN POWERINT-TNY256PN Datasheet
517Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
TYN256P POWERINT-TYN256P Datasheet
155Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
LNK362-364 POWERINT-LNK362-364 Datasheet
913Kb / 16P
   Energy Efficient, Low Power Off-Line Switcher IC
SC1117DG POWERINT-SC1117DG Datasheet
478Kb / 8P
   Energy-Efficient, Low Power Off-Line Switcher IC
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
LNK362 POWERINT-LNK362_V01 Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-Line Switcher IC
December 2021
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com