Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNY286DG-TL Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # TNY286DG-TL
Description  Energy-Efficient, Off-Line Switcher With Line Compensated Overload Power
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY286DG-TL Datasheet(HTML) 4 Page - Power Integrations, Inc.

  TNY286DG-TL Datasheet HTML 1Page - Power Integrations, Inc. TNY286DG-TL Datasheet HTML 2Page - Power Integrations, Inc. TNY286DG-TL Datasheet HTML 3Page - Power Integrations, Inc. TNY286DG-TL Datasheet HTML 4Page - Power Integrations, Inc. TNY286DG-TL Datasheet HTML 5Page - Power Integrations, Inc. TNY286DG-TL Datasheet HTML 6Page - Power Integrations, Inc. TNY286DG-TL Datasheet HTML 7Page - Power Integrations, Inc. TNY286DG-TL Datasheet HTML 8Page - Power Integrations, Inc. TNY286DG-TL Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Rev. A 09/12
4
TNY284-290
www.powerint.com
Figure 6.
Auto-Restart Operation.
0
2500
5000
Time (ms)
0
5
0
10
100
200
300
V
DRAIN
V
DC-OUTPUT
external resistor. This facilitates powering of TinySwitch-4
externally through a bias winding to decrease the no-load
consumption to well below 50 mW.
BYPASS/MULTI-FUNCTION Pin Undervoltage
The BYPASS/MULTI-FUNCTION pin undervoltage circuitry
disables the power MOSFET when the BYPASS/MULTI-
FUNCTION pin voltage drops below 4.9 V in steady state
operation. Once the BYPASS/MULTI-FUNCTION pin voltage
drops below 4.9 V in steady state operation, it must rise back to
5.85 V to enable (turn-on) the power MOSFET.
Over Temperature Protection
The thermal shutdown circuitry senses the die temperature.
The threshold is typically set at 142 °C with 75 °C hysteresis.
When the die temperature rises above this threshold the power
MOSFET is disabled and remains disabled until the die
temperature falls by 75 °C, at which point it is re-enabled. A
large hysteresis of 75 °C (typical) is provided to prevent over-
heating of the PC board due to a continuous fault condition.
Current Limit
The current limit circuit senses the current in the power
MOSFET. When this current exceeds the internal threshold
(I
LIMIT), the power MOSFET is turned off for the remainder of that
cycle. The current limit state machine reduces the current limit
threshold by discrete amounts under medium and light loads.
The leading edge blanking circuit inhibits the current limit
comparator for a short time (t
LEB) after the power MOSFET is
turned on. This leading edge blanking time has been set so
that current spikes caused by capacitance and secondary-side
rectifier reverse recovery time will not cause premature
termination of the switching pulse.
Auto-Restart
In the event of a fault condition such as output overload, output
short-circuit, or an open loop condition, TinySwitch-4 enters
into auto-restart operation. An internal counter clocked by the
oscillator is reset every time the ENABLE/UNDERVOLTAGE pin
is pulled low. If the ENABLE/UNDERVOLTAGE pin is not pulled
low for 64 ms, the power MOSFET switching is normally
disabled for 2.5 seconds (except in the case of line undervoltage
condition, in which case it is disabled until the condition is
removed). The auto-restart alternately enables and disables the
switching of the power MOSFET until the fault condition is
removed. Figure 6 illustrates auto-restart circuit operation in the
presence of an output short-circuit.
In the event of a line undervoltage condition, the switching of
the power MOSFET is disabled beyond its normal 2.5 seconds
until the line undervoltage condition ends.
Adaptive Switching Cycle On-Time Extension
Adaptive switching cycle on-time extension keeps the cycle on
until current limit is reached, instead of prematurely terminating
after the DC
MAX signal goes low. This feature reduces the
minimum input voltage required to maintain regulation, extending
hold-up time and minimizing the size of bulk capacitor required.
The on-time extension is disabled during the start-up of the
power supply, until the power supply output reaches regulation.
Line Undervoltage Sense Circuit
The DC line voltage can be monitored by connecting an
external resistor from the DC line to the ENABLE/
UNDERVOLTAGE pin. During power-up or when the switching
of the power MOSFET is disabled in auto-restart, the current
into the ENABLE/UNDERVOLTAGE pin must exceed 25
μA to
initiate switching of the power MOSFET. During power-up, this
is accomplished by holding the BYPASS/MULTI-FUNCTION pin
to 4.9 V while the line undervoltage condition exists. The
BYPASS/MULTI-FUNCTION pin then rises from 4.9 V to 5.85 V
when the line undervoltage condition goes away. When the
switching of the power MOSFET is disabled in auto-restart
mode and a line undervoltage condition exists, the auto-restart
counter is stopped. This stretches the disable time beyond its
normal 2.5 seconds until the line undervoltage condition ends.
The line undervoltage circuit also detects when there is no
external resistor connected to the ENABLE/UNDERVOLTAGE
pin (less than ~2
μA into the pin). In this case the line
undervoltage function is disabled.
TinySwitch-4 Operation
TinySwitch-4 devices operate in the current limit mode. When
enabled, the oscillator turns the power MOSFET on at the
beginning of each cycle. The MOSFET is turned off when the
current ramps up to the current limit or when the DC
MAX limit is
reached. Since the highest current limit level and frequency of
a TinySwitch-4 design are constant, the power delivered to the
load is proportional to the primary inductance of the transformer
and peak primary current squared. Hence, designing the
supply involves calculating the primary inductance of the
transformer for the maximum output power required. If the
TinySwitch-4 is appropriately chosen for the power level, the
current in the calculated inductance will ramp up to current limit
before the DC
MAX limit is reached.


Similar Part No. - TNY286DG-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY286DG-TL POWERINT-TNY286DG-TL Datasheet
2Mb / 26P
   Energy-Efficient, Off-Line Switcher with Line Compensated Overload Power
October 2020
More results

Similar Description - TNY286DG-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY284 POWERINT-TNY284 Datasheet
2Mb / 26P
   Energy-Efficient, Off-Line Switcher with Line Compensated Overload Power
October 2020
TNY256PN POWERINT-TNY256PN Datasheet
517Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
TYN256P POWERINT-TYN256P Datasheet
155Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
LNK362-364 POWERINT-LNK362-364 Datasheet
913Kb / 16P
   Energy Efficient, Low Power Off-Line Switcher IC
SC1117DG POWERINT-SC1117DG Datasheet
478Kb / 8P
   Energy-Efficient, Low Power Off-Line Switcher IC
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
LNK362 POWERINT-LNK362_V01 Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-Line Switcher IC
December 2021
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com