Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARS34A4H Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # ARS34A4H
Description  3 GHz MICROWAVE RELAYS Miniature size Lineup includes 50/75廓 type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ARS34A4H Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button ARS34A4H Datasheet HTML 3Page - Panasonic Semiconductor ARS34A4H Datasheet HTML 4Page - Panasonic Semiconductor ARS34A4H Datasheet HTML 5Page - Panasonic Semiconductor ARS34A4H Datasheet HTML 6Page - Panasonic Semiconductor ARS34A4H Datasheet HTML 7Page - Panasonic Semiconductor ARS34A4H Datasheet HTML 8Page - Panasonic Semiconductor ARS34A4H Datasheet HTML 9Page - Panasonic Semiconductor ARS34A4H Datasheet HTML 10Page - Panasonic Semiconductor ARS34A4H Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
RS (ARS)
ASCTB106E 201202-T
Schematic (Bottom view)
<Surface-mount terminal>
2. 75
Ω type
External dimensions
Tolerance:
±0.3 ±.012
PC board pattern (Bottom view)
Tolerance:
±0.1 ±.004
14.00
.551
8.60
.339
3- 0.45
3- .018
3-0.40
×0.20
3-.016
×.008
(1.40)
(.055)
2-1.40
×0.20
2-.055
×.008
Stand off
2 coil latching only
2.54
.100
6.35
1.40
.250
.055
JAPAN
The part numbers depend
on the type and voltage.
Lot No.
2.54
.100
3-0.90 dia.
3-.035 dia.
3-0.70 dia. Min.
3-.028 dia. Min.
1.80
.071
2 coil latching only
R0.40
R.016
CAD Data
1. Standard contact type
2. Reversed contact type
10
6
5
1
COM
NO
NC
97
8
–+
Direction indication
SET
5
1
+–
COM
6
98
7
10
RESET
Direction indication
4
8
10
7
1
+
RESET
COM
5
9
SET
6
–+
Direction indication
Single side stable type
(Deenergized condition)
1 coil latching type
(Reset condition)
2 coil latching type
(Reset condition)
10
6
5
1
COM
NC
NO
97
8
–+
Direction indication
RESET
5
1
+–
COM
6
98
7
10
SET
Direction indication
4
8
10
7
1
+
SET
COM
5
9
RESET
6
–+
Direction indication
Single side stable type
(Deenergized condition)
1 coil latching type
(Reset condition)
2 coil latching type
(Reset condition)
<Standard contact type>
<Reversed contact type>
The part numbers
depend on the
type and voltage.
10.16
.400
0.5
0.5
0.5
.020
0.6
3.2
.126
0.6
8-0.4
8-.016
10.16
.400
.126
8.6
.339
14.6
.575
3.2
.024
3.2
0.6
3.2
.024
.024
.126
.126
11.2
.441
14.0 .551
9.2
.362
1.27
.020
.020
.050
Lot No.
JAPAN
Single side stable type
(Deenergized condition)
1 coil latching type
(Reset condition)
2-coil latching type
(Reset condition)
Single side stable type
(Deenergized condition)
1 coil latching type
(Reset condition)
2-coil latching type
(Reset condition)
12
10
11
15
4
8
14 13
6
17
7
16
+
-
NC
NO
COM
2
18
Direction indication
2
COM
+
-
7
6
8
4
18 17
13
14
15
11 10
16
12
RESET
SET
Direction indication
-
+
+
18 17
13
14
2
7
6
8
4
15
11 10
16
12
COM
RESET
SET
Direction indication
NC
NO
COM
2
7
6
8
4
18 17
13
14
15
11 10
16
12
-
+
Direction indication
2
7
6
8
4
-
+
18 17
13
14
15
11 10
16
12
COM
RESET
SET
Direction indication
2
7
6
8
4
18 17
13
14
15
11 10
16
12
-
+
+
COM
RESET
SET
Direction indication
8.0
.315
.006
0.15
.006
0.15
1. Impedance: 50
Ω type
1) E layout
External dimensions
Schematic (Top view)
Tolerance:
±0.3 ±.012


Similar Part No. - ARS34A4H

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
ARS35 TSC-ARS35 Datasheet
73Kb / 2P
   35.0 AMPS. High Current Plastic Silicon Rectifiers
logo
Yangzhou yangjie electr...
ARS35 YANGJIE-ARS35 Datasheet
751Kb / 2P
   35.0 AMPS. HIGH CURRENT PLASTIC SILICON RECTIFIERS
logo
Nanjing International G...
ARS35 DGNJDZ-ARS35 Datasheet
55Kb / 3P
   35A AUTOMOTIVE BUTTON DIODE
logo
Gaomi Xinghe Electronic...
ARS3500 GXELECTRONICS-ARS3500 Datasheet
509Kb / 2P
   Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
logo
Yangzhou yangjie electr...
ARS35005 YANGJIE-ARS35005 Datasheet
751Kb / 2P
   35.0 AMPS. HIGH CURRENT PLASTIC SILICON RECTIFIERS
More results

Similar Description - ARS34A4H

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ARS14Y4H PANASONIC-ARS14Y4H Datasheet
331Kb / 11P
   Miniature size Lineup includes 50/75 type
logo
Agilent(Hewlett-Packard...
86205A HP-86205A Datasheet
156Kb / 2P
   50 廓 & 75 廓 RF Bridges
logo
Panasonic Semiconductor
ARE10A12 PANASONIC-ARE10A12 Datasheet
120Kb / 5P
   2.6 GHz SMALL MICROWAVE RELAYS
logo
Rosenberger Hochfrequen...
51K171-S00N4 ROSENBERGER-51K171-S00N4 Datasheet
188Kb / 2P
   MATCHING ATTENUATOR 50廓 JACK ??75廓 PLUG
logo
DDK Ltd.
27CP DDK-27CP Datasheet
198Kb / 5P
   75廓 SMB Type Connectors
logo
Qorvo, Inc
QPL1815 QORVO-QPL1815 Datasheet
1Mb / 10P
   75廓 CATV Amplifier 50 ??1800MHz
Oct 21 , 2020
logo
DDK Ltd.
BNC75 DDK-BNC75 Datasheet
177Kb / 4P
   75廓 BNC Type Connectors
SSMB75-SP-1.5CCA-EXBV-CF DDK-SSMB75-SP-1.5CCA-EXBV-CF Datasheet
735Kb / 6P
   75 廓 SSMB Type Connectors
SSMB75 DDK-SSMB75 Datasheet
734Kb / 6P
   75 廓 SSMB Type Connectors
logo
Qorvo, Inc
QPL1811 QORVO-QPL1811 Datasheet
1Mb / 11P
   75廓 CATV Amplifier 50 ??1800MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com