Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS71730DCKRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS71730DCKRG4
Description  Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71730DCKRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS71730DCKRG4 Datasheet HTML 1Page - Texas Instruments TPS71730DCKRG4 Datasheet HTML 2Page - Texas Instruments TPS71730DCKRG4 Datasheet HTML 3Page - Texas Instruments TPS71730DCKRG4 Datasheet HTML 4Page - Texas Instruments TPS71730DCKRG4 Datasheet HTML 5Page - Texas Instruments TPS71730DCKRG4 Datasheet HTML 6Page - Texas Instruments TPS71730DCKRG4 Datasheet HTML 7Page - Texas Instruments TPS71730DCKRG4 Datasheet HTML 8Page - Texas Instruments TPS71730DCKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
TPS717xx
GND
EN
NR
IN
OUT
V
IN
V
OUT
1 F
m
0.01 F
m
Ceramic
(Optional)
1 F
m
Ceramic
V
EN
TypicalApplicationCircuitforFixedVoltageVersions
80
70
60
50
40
30
20
10
0
10
100k
10M
Frequency(Hz)
1k
10k
100
1M
C
=1 F
C
=10nF
m
OUT
NR
150mA
10mA
75mA
IN
N/C
(1)
EN
6
5
4
OUT
NR/FB
GND
1
2
3
GND
TPS717xxDRV
2mmx2mmSON
(TOPVIEW)
TPS717xxDCK
SC70-5PACKAGE
(TOPVIEW)
OUT
NR/FB
IN
GND
EN
1
2
3
4
5
IN
N/C
(1)
EN
6
5
4
OUT
GND
NR/FB
1
2
3
TPS717xxDSE
1.5mmx1.5mmSON
(TOPVIEW)
NOTE:(1)N/C=Notconnected.
TPS717xx
www.ti.com.................................................................................................................................................. SBVS068G – FEBRUARY 2006 – REVISED APRIL 2009
Low Noise, High-Bandwidth PSRR
Low-Dropout 150mA Linear Regulator
23
• 150mA Low-Dropout Regulator with Enable
The
TPS717xx
family
of
low-dropout
(LDO),
low-power linear regulators offers very high power
• Low I
Q: 45µA (typical)
supply rejection (PSRR) while maintaining very low
• Available in Multiple Output Versions:
45
µA ground current in an ultra-small, five-pin SC70
Fixed Output with Voltages from 0.9V to
package. The family uses an advanced BiCMOS
5.0V Using Innovative Factory EEPROM
process and a PMOSFET pass device to achieve fast
Programming
start-up, very low noise, excellent transient response,
and excellent PSRR performance. The TPS717xx is
Adjustable Output Voltage from 0.9V to
stable with a 1.0
µF ceramic output capacitor, and
6.2V
uses a precision voltage reference and feedback loop
• Ultra-High PSRR:
to achieve a worst-case accuracy of 3% over all load,
70dB at 1kHz, 67dB at 100kHz and 45dB at
line, process, and temperature variations. It is fully
1MHz
specified from TJ = –40°C to +125°C and is offered in
a small SC70-5 package, a 2mm × 2mm SON-6
• Low Noise: 30µV typical (100Hz to 100kHz)
package with a thermal pad, and a 1.5mm × 1.5mm
• Stable with a 1.0µF Ceramic Capacitor
SON package, which are ideal for small form factor
• Excellent Load/Line Transient Response
portable equipment such as wireless handsets and
PDAs.
• 3% Overall Accuracy (over Load/Line/Temp)
• Over-Current and Over-Temperature
Protection
• Very Low Dropout: 170mV Typical at 150mA
• Small SC70-5, 2mm x 2mm SON-6, and 1.5mm
× 1.5mm SON-6 Packages
• Mobile Phone Handsets
• Wireless LAN, Bluetooth®
• PDAs and Smartphones
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Bluetooth is a registered trademark of Bluetooth SIG, Inc.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS71730DCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71730DCKRG4 TI-TPS71730DCKRG4 Datasheet
818Kb / 24P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71730DCKRG4 TI-TPS71730DCKRG4 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71730DCKRG4 TI-TPS71730DCKRG4 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71730DCKRG4 TI-TPS71730DCKRG4 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71730DCKRG4 TI-TPS71730DCKRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
More results

Similar Description - TPS71730DCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX Datasheet
818Kb / 24P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX_09 Datasheet
1Mb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
TPS717 TI1-TPS717_16 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS717-Q1 TI1-TPS717-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS71750-Q1 TI1-TPS71750-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150-mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com