Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQH55PN100MR0 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # LQH55PN100MR0
Description  DESIGN ENGINEERING KITS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH55PN100MR0 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  LQH55PN100MR0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH55PN100MR0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LQH55PN100MR0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LQH55PN100MR0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LQH55PN100MR0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LQH55PN100MR0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LQH55PN100MR0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LQH55PN100MR0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LQH55PN100MR0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
G-06-G
Note: Design Kit Contents are subject to change without notice.
3
DESIGN ENGINEERING KITS
TABLE OF CONTENTS
A. 7-3/4x5
B. 8x4x1
C. Soft Plastic Case
D. 4-3/4x4-3/4x3/4
Blue Binder with Sleeves
Blue Binder with Sleeves
Hard Plastic Box
1 For Ceramic Chip Capacitors, dashes are part of the part number and must be included when placing an order.
2 For availability, please check with your Murata Sales Contact. Part Numbers in kits depend on application.
Kit Part Number
Size
Description
Package Style
Style Code
Page
General Ceramic Chip Capacitors1
GRM02-KIT– – – – – – – – E 01005
(6.3 to 16 VDC)
7-3/4x5 blue binder with sleeves
A5
GRM03-KIT– – – – – – – – E 0201
(4 to 25 VDC)
7-3/4x5 blue binder with sleeves
A5
GJM03-KIT– – – – – – – – E
0201
(6.3 to 25 VDC)
7-3/4x5 blue binder with sleeves
A6
GJM03-KIT– T T O L – – – E
0201
(6.3 to 25 VDC)
7-3/4x5 blue binder with sleeves
A6
GJM15-KIT– – – – – – – – E
0402
(50 VDC)
7-3/4x5 blue binder with sleeves
A7
GJM15-KIT– T T O L – – – E
0402
(50 VDC)
7-3/4x5 blue binder with sleeves
A7
GRM15-KIT– – – – – – – – E 0402
(6.3 to 50 VDC)
7-3/4x5 blue binder with sleeves
A8
GRM18-KIT– – – – – – – – E 0603
(6.3 to 50 VDC)
7-3/4x5 blue binder with sleeves
A9
GRM– – – KIT-HICAP– – E
0402-1210 (6.3 to 50 VDC) 1 - 100µF
7-3/4x5 blue binder with sleeves
A
10
GRM– – – KIT-TCHIK– – E
0402-1210 (6.3 to 50 VDC) 150pF - 22µF
7-3/4x5 blue binder with sleeves
A
11
GRM– – – KIT-TC– – – – – E 0402-1206 (25 to 50 VDC) C0G/U2J
7-3/4x5 blue binder with sleeves
A
12
ASCap Hi-Frequency Ceramic Chip Capacitors1
GJM03-KIT– – – – – – – – E
0201
(6.3 to 25 VDC)
7-3/4x5 blue binder with sleeves
A6
GJM03-KIT– T T O L – – – E
0201
(6.3 to 25 VDC)
7-3/4x5 blue binder with sleeves
A6
GJM15-KIT– – – – – – – – E
0402
(50 VDC)
7-3/4x5 blue binder with sleeves
A7
GJM15-KIT– T T O L – – – E
0402
(50 VDC)
7-3/4x5 blue binder with sleeves
A7
GQM18-HIQ0603KIT–E
0603
Hi-Q (50 to 100 VDC)
7-3/4x5 blue binder with sleeves
A
13
GQM18-HIQ250VKIT–E
0603
Hi-Q (250 VDC)
7-3/4x5 blue binder with sleeves
A
13
GQM21-HIQ0805KIT–E
0805
Hi-Q (50 to 100 VDC)
7-3/4x5 blue binder with sleeves
A
14
GQM21-HIQ250VKIT–E
0805
Hi-Q (250 VDC)
7-3/4x5 blue binder with sleeves
A
14
ERB18-HIQ0603KIT–E
0603
Hi-Q (250 VDC)
7-3/4x5 blue binder with sleeves
A
15
ERB21-HIQ0805KIT–E
0805
Hi-Q (250 VDC)
7-3/4x5 blue binder with sleeves
A
15
ERB32-HIQ1210KIT–E
1210
Hi-Q (500 VDC)
7-3/4x5 blue binder with sleeves
A
15
MA19-HIQ0505KIT–E–
0505
Hi-Q (150 VDC)
7-3/4x5 blue binder with sleeves
A
16
MA29-HIQ1111KIT–E–
1111
Hi-Q (50 to 500 VDC)
7-3/4x5 blue binder with sleeves
A
16
MA59-HIQ0505KIT–E–
0505
Hi-Q (150 VDC)
7-3/4x5 blue binder with sleeves
A
17
MA69-HIQ1111KIT–E–
1111
Hi-Q (50 to 500 VDC)
7-3/4x5 blue binder with sleeves
A
17
Low Inductance Capacitors1
LL-LOWESL-KIT-B– – E
0402-1206 Low ESL (4 to 50 VDC)
7-3/4x5 blue binder with sleeves
A
18
Capacitor Arrays1
GNM-CARRAY-KIT-B– E
0504-1206 Cap Array (10 to 50 VDC)
7-3/4x5 blue binder with sleeves
A
19
Automotive Grade Ceramic Chip Capacitors1
GCM15-KIT– – – – – – – –A 0402
(16 to 50 VDC)
7-3/4x5 blue binder with sleeves
A
20
GCM– – – KIT-C0G– – – –A 0603-1206 (50 VDC) C0G, 1pF - .022µF
7-3/4x5 blue binder with sleeves
A
21
GCM– – – KIT-X7R– – – – A 0603-1206 (10 to 50 VDC) 1000pF - 22µF
7-3/4x5 blue binder with sleeves
A
22
GCM– – – KIT-100V– – – A
0603-1206 (100 VDC) C0G, X7R 10pF - .22µF
7-3/4x5 blue binder with sleeves
A
23
Radial Leaded Monolithic Ceramic Chip Capacitors (25 to 630 VDC)2
RPE 100 VDC & less Series
7-3/4x5 green binder with sleeves
A
24
RDE 25, 50, 100, 250 &
7-3/4x5 green binder with sleeves
A
24
630 VDC Series
Medium Voltage Ceramic Chip Capacitors (250 VDC to 3.15 KV)
2
U2J, 250V, 630V, 1KV,
24
2KV, 3.15KV Series
X7R, 250V, 630V Series
24
GR4, X7R, 2KV Series
24
Radial Leaded Medium Voltage Disc Capacitor (500 VDC to 6.3 KV)2
DE Series
General Use
Custom Packaging
24
Monolithic Ceramic Chip Safety Capacitor (250 VAC)
2
GD Series
1808-2220 Class Y3
Custom Packaging
25
GF Series
1808-2220 Class Y2, X1/ Y2
Custom Packaging
25
Radial Leaded Disc Safety Capacitor (250 VAC)2
KX Series
Reinforced Insulation, Class X1, Y1
Custom Packaging
25
KY Series
Basic Insulation, Class X1, Y2
Custom Packaging
25


Similar Part No. - LQH55PN100MR0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH55PN100MR0 MURATA-LQH55PN100MR0 Datasheet
237Kb / 7P
   1616 size (4.0x4.0mm) Height 1.8mm max.
More results

Similar Description - LQH55PN100MR0

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
CST306K TRIAD-CST306K Datasheet
76Kb / 1P
   Engineering Development/Design Sample Kits
logo
Johanson Technology Inc...
S-0603 JOHANSON-S-0603 Datasheet
61Kb / 2P
   CERAMIC CAPACITOR ENGINEERING DESIGN KITS
logo
TRIAD MAGNETICS
CME375K TRIAD-CME375K Datasheet
82Kb / 1P
   Engineering Development/Design Sample Kits
CST206K TRIAD-CST206K Datasheet
77Kb / 1P
   Engineering Development/Design Sample Kits
CMT908K TRIAD-CMT908K Datasheet
83Kb / 1P
   Engineering Development/Design Sample Kits
CME2425K TRIAD-CME2425K Datasheet
81Kb / 1P
   Engineering Development/Design Sample Kits
GDE25K TRIAD-GDE25K Datasheet
83Kb / 1P
   Engineering Development/Design Sample Kits
logo
Kemet Corporation
T495C107M006ATE150 KEMET-T495C107M006ATE150 Datasheet
132Kb / 2P
   Tantalum Chip Engineering Kits
logo
EAO AG.
2002940001 EAO-2002940001 Datasheet
1Mb / 9P
   S09 outdoor Design-In Kits
Rev. 01
logo
Bourns Electronic Solut...
H-1203 BOURNS-H-1203 Datasheet
87Kb / 2P
   New Bourns Amplifi er Potentiometer Design Kits Released
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com