Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRBG1211C Datasheet(PDF) 1 Page - STANLEY ELECTRIC CO.,LTD.

Part # BRBG1211C
Description  Bi-color Type (1.6 X 1.5 mm)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

BRBG1211C Datasheet(HTML) 1 Page - STANLEY ELECTRIC CO.,LTD.

  BRBG1211C Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. BRBG1211C Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. BRBG1211C Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. BRBG1211C Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. BRBG1211C Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. BRBG1211C Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. BRBG1211C Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. BRBG1211C Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. BRBG1211C Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Page 1
1211C Series
Bi-color Type (1.6 X 1.5 mm)
Recommended Applications
Communication Machine, Electric Household Appliances, OA/FA, Other General Applications
Dominant wavelength
Green
: 558nm(BG),567nm(PG)
Yellow Green
: 572nm(PY,YPY)
Red
: 626nm(FR),647nm(BR)
Die materials
BG,PG,PY
:θx = 168 deg., θy =139 deg.
BR
:θx = 150 deg., θy =140 deg.
FR ,YPY
:θx = 115 deg., θy =140 deg.
FR ,YPY
: AlGaInP
BG,PG,PY
: GaP
BR
: GaAlAs
Rank grouping parameter
Assembly method
Soldering methods
Taping and reel
ESD
Sorted by luminous intensity per rank taping
Auto pick & place machine (Auto Mounter)
4,000pcs per reel in a 8mm width tape. (Standard)
Reel diameter:φ180mm
More than 2kV(HBM)
Reflow soldering and manual soldering
Half Intensity Angle
Features
Outer Dimension 1.6 x 1.5 x 0.7mm ( L x W x H )
Temperature range
Storage Temperature
Operating Temperature
Lead–free soldering compatible
RoHS compliant
Low current type(5mA) is available.(FRYPY1211C-0005)
Power Consumption : 55% reduction
Compared with 20mA standard current type.
Package
Product features
: -40℃~100℃
:-40℃~85℃(FRYPY)
-30℃~85℃(BRBG,BRPG,BRPY)
Bi-Color Type(1.6 x 1.5mm), Milky White resin
2010.7.15


Similar Part No. - BRBG1211C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BRBG1211C ETC-BRBG1211C Datasheet
170Kb / 2P
   Bi-Color Ultra Compact SMT LED
logo
STANLEY ELECTRIC CO.,LT...
BRBG1211C STANLEY-BRBG1211C Datasheet
556Kb / 23P
   Bi-color Type (1.6 X 1.5 mm)
More results

Similar Description - BRBG1211C

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
FRYPY1211C STANLEY-FRYPY1211C Datasheet
556Kb / 23P
   Bi-color Type (1.6 X 1.5 mm)
logo
HK TO-GRACE TECHNOLOGY ...
APTB1615SYKCGKC-F01 TO-GRACE-APTB1615SYKCGKC-F01 Datasheet
928Kb / 4P
   1.6 x 1.5 mm Bi-Color SMD Chip LED Lamp
APTB1615SYKQBDW TO-GRACE-APTB1615SYKQBDW Datasheet
907Kb / 4P
   1.6 x 1.5 mm Bi-Color SMD Chip LED Lamp
APTB1615YSGC-F01 TO-GRACE-APTB1615YSGC-F01 Datasheet
902Kb / 4P
   1.6 x 1.5 mm Bi-Color SMD Chip LED Lamp
KPTB-1615SYKCGKC TO-GRACE-KPTB-1615SYKCGKC Datasheet
977Kb / 4P
   1.6 x 1.5 mm Bi-Color SMD Chip LED Lamp
KPTB-1615YSGC TO-GRACE-KPTB-1615YSGC Datasheet
959Kb / 4P
   1.6 x 1.5 mm Bi-Color SMD Chip LED Lamp
KPTB-1615SURKCGKC TO-GRACE-KPTB-1615SURKCGKC Datasheet
965Kb / 4P
   1.6 x 1.5 mm Bi-Color SMD Chip LED Lamp
KPTB-1615SURKQBDC TO-GRACE-KPTB-1615SURKQBDC Datasheet
965Kb / 4P
   1.6 x 1.5 mm Bi-Color SMD Chip LED Lamp
KPTB-1615ESGC TO-GRACE-KPTB-1615ESGC Datasheet
956Kb / 4P
   1.6 x 1.5 mm Bi-Color SMD Chip LED Lamp
APTB1615ESGC-F01 TO-GRACE-APTB1615ESGC-F01 Datasheet
889Kb / 4P
   1.6 x 1.5 mm Bi-Color SMD Chip LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com