Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1225A-1CQG160C Datasheet(PDF) 1 Page - Microsemi Corporation

Part # A1225A-1CQG160C
Description  ACT 2 Family FPGAs
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A1225A-1CQG160C Datasheet(HTML) 1 Page - Microsemi Corporation

  A1225A-1CQG160C Datasheet HTML 1Page - Microsemi Corporation A1225A-1CQG160C Datasheet HTML 2Page - Microsemi Corporation A1225A-1CQG160C Datasheet HTML 3Page - Microsemi Corporation A1225A-1CQG160C Datasheet HTML 4Page - Microsemi Corporation A1225A-1CQG160C Datasheet HTML 5Page - Microsemi Corporation A1225A-1CQG160C Datasheet HTML 6Page - Microsemi Corporation A1225A-1CQG160C Datasheet HTML 7Page - Microsemi Corporation A1225A-1CQG160C Datasheet HTML 8Page - Microsemi Corporation A1225A-1CQG160C Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
January 2012
I
© 2012 Microsemi Corporation
ACT 2 Family FPGAs
Features
• Up to 8,000 Gate Array Gates
(20,000 PLD equivalent gates)
• Replaces up to 200 TTL Packages
• Replaces up to eighty 20-Pin PAL® Packages
• Design Library with over 500 Macro Functions
• Single-Module Sequence Functions
• Wide-Input Combinatorial Functions
• Up to 1,232 Programmable Logic Modules
• Up to 998 Flip-Flops
• Datapath Performance at 105 MHz
• 16-Bit Accumulator Performance to 39 MHz
• Two In-Circuit Diagnostic Probe Pins Support Speed
Analysis to 50 MHz
• Two High-Speed, Low-Skew Clock Networks
• I/O Drive to 10 mA
• Nonvolatile, User Programmable
• Logic Fully Tested Prior to Shipment
• 1.0 micron CMOS Technology
Table 1 • ACT 2 Product Family Profile
Device
A1225A
A1240A
A1280A
Capacity
Gate Array Equivalent Gates
2,500
4,000
8,000
PLD Equivalent Gates
6,250
10,000
20,000
TTL Equivalent Package
63
100
200
20-Pin PAL Equivalent Packages
25
40
80
Logic Modules
451
684
1,232
S-Module
231
348
624
C-Module
220
336
608
Flip-Flops (maximum)
382
568
998
Routing Resources
Horizontal Tracks/Channel
36
36
36
Vertical Tracks/Channel
15
15
15
PLICE Antifuse Elements
250,000
400,000
750,000
User I/Os (maximum)
83
104
140
Performance1
16-Bit Prescaled Counters
105 MHz
100 MHz
85 MHz
16-Bit Loadable Counters
70 MHz
69 MHz
67 MHz
16-Bit Accumulators
39 MHz
38 MHz
36 MHz
Packages2
CPGA
PLCC
PQFP
VQFP
TQFP
CQFP
PG100
PL84
PQ100
VQ100
PG132
PL84
PQ144
TQ176
PG176
PL84
PQ160
TQ176
CQ172
Notes:
1. Performance is based on –2 speed devices at commercial worst-case operating conditions using PREP Benchmarks, Suite #1,
Version 1.2, dated 3-28-93. Any analysis is not endorsed by PREP.
2. See the "Product Plan" on page III for package availability.
Revision 8


Similar Part No. - A1225A-1CQG160C

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1225A-1CQ176B ACTEL-A1225A-1CQ176B Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A1225A-1CQ176C ACTEL-A1225A-1CQ176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A1225A-1CQ176I ACTEL-A1225A-1CQ176I Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A1225A-1CQ176M ACTEL-A1225A-1CQ176M Datasheet
605Kb / 38P
   ACT2 Family FPGAs
More results

Similar Description - A1225A-1CQG160C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1280A-CQ172B MICROSEMI-A1280A-CQ172B Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1440A-1VQ100C MICROSEMI-A1440A-1VQ100C Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
logo
Actel Corporation
A1010B-2PL84C ACTEL-A1010B-2PL84C Datasheet
162Kb / 24P
   ACT 1 Series FPGAs
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-2PLG6 ACTEL-A1010B-2PLG6 Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com