Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANTXV2N72251N6072AE3 Datasheet(PDF) 7 Page - Microsemi Corporation

Part # JANTXV2N72251N6072AE3
Description  1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPESSOR Qualified per MIL-PRF-19500/507
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANTXV2N72251N6072AE3 Datasheet(HTML) 7 Page - Microsemi Corporation

  JANTXV2N72251N6072AE3 Datasheet HTML 1Page - Microsemi Corporation JANTXV2N72251N6072AE3 Datasheet HTML 2Page - Microsemi Corporation JANTXV2N72251N6072AE3 Datasheet HTML 3Page - Microsemi Corporation JANTXV2N72251N6072AE3 Datasheet HTML 4Page - Microsemi Corporation JANTXV2N72251N6072AE3 Datasheet HTML 5Page - Microsemi Corporation JANTXV2N72251N6072AE3 Datasheet HTML 6Page - Microsemi Corporation JANTXV2N72251N6072AE3 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
T4-LDS-0097, Rev. 3 (120714)
©2012 Microsemi Corporation
Page 7 of 7
1N6036(A) thru 1N6072(A)
PACKAGE DIMENSIONS
NOTES:
1 Dimensions are in inches.
2 Millimeter equivalents are given for general information only.
3 The major diameter is essentially constant along its length.
4 Within this zone, diameter may vary to allow for lead finishes and
irregularities.
5 Dimension to allow for pinch or seal deformation anywhere along
tubulation.
6 Symbol for bidirectional transient suppressor.
7 Lead 1 shall be electrically connected to the case.
8 In accordance with ASME Y14.5M, diameters are equivalent to
Φx
symbology.
Dimensions
Symbol
Inches
Millimeters
Notes
Min
Max
Min
Max
BD
.215
.235
5.46
5.97
BL
.293
.357
7.44
9.07
3
BLT
.570
14.48
CD
.045
.100
1.14
2.54
5
LD
.025
.035
0.64
0.89
LL
1.000
1.625
25.40
41.28
LU
.188
4.78
4


Similar Part No. - JANTXV2N72251N6072AE3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANTXV2N7225 IRF-JANTXV2N7225 Datasheet
163Kb / 7P
   POWER MOSFET THRU-HOLE (TO-254AA)
logo
Microsemi Corporation
JANTXV2N7225 MICROSEMI-JANTXV2N7225 Datasheet
950Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/592
More results

Similar Description - JANTXV2N72251N6072AE3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N2982BJAN MICROSEMI-1N2982BJAN Datasheet
482Kb / 8P
   10 Watt Zener Diodes Qualified per MIL-PRF-19500/124
JAN2N6766 MICROSEMI-JAN2N6766 Datasheet
1,006Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
JAN2N6802 MICROSEMI-JAN2N6802 Datasheet
1Mb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/557
JAN2N6788 MICROSEMI-JAN2N6788 Datasheet
677Kb / 7P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/555
1N5712-1JANTX MICROSEMI-1N5712-1JANTX Datasheet
459Kb / 7P
   Schottky Barrier Diode Qualified per MIL-PRF-19500/444
JANTX1N3893 MICROSEMI-JANTX1N3893 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS Qualified per MIL-PRF-19500/304
2N6768T1 MICROSEMI-2N6768T1 Datasheet
1,001Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
JANTX2N3743 MICROSEMI-JANTX2N3743 Datasheet
60Kb / 2P
   PNP HIGH VOLTAGE SILICON TRANSISTOR Qualified per MIL-PRF-19500/397
2N7228JANTX MICROSEMI-2N7228JANTX Datasheet
950Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/592
2N4091 MICROSEMI-2N4091 Datasheet
50Kb / 2P
   N-CHANNEL J-FET Qualified per MIL-PRF-19500/431
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com