Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS108-6SUF-TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # ACS108-6SUF-TR
Description  Overvoltage protected AC switch (ACS??
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS108-6SUF-TR Datasheet(HTML) 5 Page - STMicroelectronics

  ACS108-6SUF-TR Datasheet HTML 1Page - STMicroelectronics ACS108-6SUF-TR Datasheet HTML 2Page - STMicroelectronics ACS108-6SUF-TR Datasheet HTML 3Page - STMicroelectronics ACS108-6SUF-TR Datasheet HTML 4Page - STMicroelectronics ACS108-6SUF-TR Datasheet HTML 5Page - STMicroelectronics ACS108-6SUF-TR Datasheet HTML 6Page - STMicroelectronics ACS108-6SUF-TR Datasheet HTML 7Page - STMicroelectronics ACS108-6SUF-TR Datasheet HTML 8Page - STMicroelectronics ACS108-6SUF-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ACS108-6S
Characteristics
Doc ID 11962 Rev 4
5/12
Figure 8.
Non repetitive surge peak on-state
current versus number of cycles
Figure 9.
Non repetitive surge peak on-state
current for a sinusoidal pulse, and
corresponding value of I²t
Figure 10.
On-state characteristics (maximal
values)
Figure 11.
Relative variation of critical rate of
decrease of main current versus
junction temperature
0
1
2
3
4
5
6
7
8
9
10
1
10
100
1000
Number of cycles
One cycle
t = 20 ms
I
(A)
TSM
Non repetitive
T initial = 25 °C
j
Repetitive
T = 75 °C
c
0.1
1.0
10.0
100.0
0.01
0.10
1.00
10.00
I
(A), I t (A s)
TSM
2
2
T initial = 25 °C
j
I²t
I
TSM
t (ms)
p
pulse with width t <10 ms, and corresponding value of I²t
p
0.01
0.10
1.00
10.00
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
I (A)
TM
V
(V)
TM
T max:
V = 0.9 V
R = 300 m
j
to
d
Ω
T = 125 °C
j
T = 25 °C
j
0
1
2
3
4
5
6
7
8
25
50
75
100
125
(dl / dt)c [T ] /
[T = 125 °C]
jj
(dl / dt)c
T (°C)
j
Figure 12.
Relative variation of static dV/dt
immunity versus junction
temperature
Figure 13.
Relative variation of the maximal
clamping voltage versus junction
temperature (min. value)
0
1
2
3
4
5
6
7
8
25
50
75
100
125
dV / dt [T ] /
[T = 125 °C]
jj
dV / dt
T (°C)
j
0.85
0.90
0.95
1.00
1.05
1.10
1.15
-30
-10
10
30
50
70
90
110
130
V [T /V [Tj = 25°C]
CL
j
CL
T (°C)
j


Similar Part No. - ACS108-6SUF-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS108-6S STMICROELECTRONICS-ACS108-6S Datasheet
131Kb / 11P
   AC switch family Transient voltage protected AC Switch (ACSTM)
ACS108-6S STMICROELECTRONICS-ACS108-6S Datasheet
173Kb / 11P
   AC switch family Transient voltage protected AC Switch (ACS)
ACS108-6SA STMICROELECTRONICS-ACS108-6SA Datasheet
131Kb / 11P
   AC switch family Transient voltage protected AC Switch (ACSTM)
ACS108-6SA STMICROELECTRONICS-ACS108-6SA Datasheet
173Kb / 11P
   AC switch family Transient voltage protected AC Switch (ACS)
ACS108-6SA-AP STMICROELECTRONICS-ACS108-6SA-AP Datasheet
131Kb / 11P
   AC switch family Transient voltage protected AC Switch (ACSTM)
More results

Similar Description - ACS108-6SUF-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS108 STMICROELECTRONICS-ACS108 Datasheet
292Kb / 13P
   Overvoltage protected AC switch (ACS??
October 2013 Rev 5
ACS108-8SUN STMICROELECTRONICS-ACS108-8SUN Datasheet
369Kb / 12P
   Overvoltage protected AC switch (ACS??
July 2014 Rev 1
ACS120 STMICROELECTRONICS-ACS120 Datasheet
477Kb / 17P
   Overvoltage protected AC switch (ACS)
March 2022
ACS108-6SN STMICROELECTRONICS-ACS108-6SN Datasheet
296Kb / 14P
   0.8 A - 600 V overvoltage protected AC switch (ACS™)
February 2019
ACS108-8SA STMICROELECTRONICS-ACS108-8SA Datasheet
290Kb / 13P
   0.8 A - 800 V overvoltage protected AC switch (ACS™)
DS12901 - Rev 1 - February 2019
ACS102-6T_0606 STMICROELECTRONICS-ACS102-6T_0606 Datasheet
173Kb / 11P
   AC switch family Transient protected AC switch (ACS)
ACST4-7SB STMICROELECTRONICS-ACST4-7SB Datasheet
159Kb / 13P
   Overvoltage protected AC switch
ACST410-8BTR STMICROELECTRONICS-ACST410-8BTR Datasheet
159Kb / 13P
   Overvoltage protected AC switch
ACST310-8FP STMICROELECTRONICS-ACST310-8FP Datasheet
310Kb / 14P
   Overvoltage protected AC switch
ACST1035-7FP STMICROELECTRONICS-ACST1035-7FP Datasheet
153Kb / 13P
   Overvoltage protected AC switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com