Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS914AIDT Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS914AIDT
Description  Rail-to-rail CMOS quad operational amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS914AIDT Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TS914AIDT Datasheet HTML 4Page - STMicroelectronics TS914AIDT Datasheet HTML 5Page - STMicroelectronics TS914AIDT Datasheet HTML 6Page - STMicroelectronics TS914AIDT Datasheet HTML 7Page - STMicroelectronics TS914AIDT Datasheet HTML 8Page - STMicroelectronics TS914AIDT Datasheet HTML 9Page - STMicroelectronics TS914AIDT Datasheet HTML 10Page - STMicroelectronics TS914AIDT Datasheet HTML 11Page - STMicroelectronics TS914AIDT Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Electrical characteristics
TS914, TS914A
8/17
Doc ID 4475 Rev 8
Figure 2.
Supply current (each amplifier)
vs. supply voltage
Figure 3.
High level output voltage vs. high
level output current
(VCC = +5 V, VCC = +3 V)
Supply voltage
Output current
Figure 4.
Low level output voltage vs. low level
output current (VCC = +5 V, VCC = +3 V)
Figure 5.
Input bias current vs. temperature
Output current
Temperature
Figure 6.
High level output voltage vs. high
level output current
(VCC = +16 V, VCC = +10 V)
Figure 7.
Low level output voltage vs. low
level output current
(VCC = 16 V, VCC = 10 V)
Output curent
Output current


Similar Part No. - TS914AIDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS914AID STMICROELECTRONICS-TS914AID Datasheet
189Kb / 19P
   Rail-to-rail CMOS quad operational amplifier
More results

Similar Description - TS914AIDT

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4704 ALD-ALD4704_10 Datasheet
85Kb / 9P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4704A ALD-ALD4704A Datasheet
62Kb / 6P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS914 STMICROELECTRONICS-TS914_07 Datasheet
189Kb / 19P
   Rail-to-rail CMOS quad operational amplifier
TS914 STMICROELECTRONICS-TS914 Datasheet
102Kb / 13P
   RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
April 1999
logo
Advanced Linear Devices
ALD4704A ALD-ALD4704A_V01 Datasheet
89Kb / 9P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2018
ALD4701 ALD-ALD4701_10 Datasheet
86Kb / 9P
   QUAD MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS3V914 STMICROELECTRONICS-TS3V914 Datasheet
119Kb / 12P
   3V RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
   Rail-to-Rail Output Quad CMOS Operational Amplifier
logo
Richtek Technology Corp...
RT9134 RICHTEK-RT9134 Datasheet
227Kb / 11P
   Rail-to-Rail Quad Operational Amplifier
logo
Advanced Linear Devices
ALD4706A ALD-ALD4706A Datasheet
66Kb / 6P
   QUAD ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com