Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ26ACA Datasheet(PDF) 9 Page - STMicroelectronics

Part # SMBJ26ACA
Description  Stand off voltage range: from 5 V to 188 V
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMBJ26ACA Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SMBJ26ACA Datasheet HTML 2Page - STMicroelectronics SMBJ26ACA Datasheet HTML 3Page - STMicroelectronics SMBJ26ACA Datasheet HTML 4Page - STMicroelectronics SMBJ26ACA Datasheet HTML 5Page - STMicroelectronics SMBJ26ACA Datasheet HTML 6Page - STMicroelectronics SMBJ26ACA Datasheet HTML 7Page - STMicroelectronics SMBJ26ACA Datasheet HTML 8Page - STMicroelectronics SMBJ26ACA Datasheet HTML 9Page - STMicroelectronics SMBJ26ACA Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SMBJ
Ordering information
Doc ID 5616 Rev 10
9/10
4
Ordering information
5
Revision history
Table 6.
Order codes
Order code
Marking
Package
Weight
Base qty
Delivery mode
SMBJxxxA/CA-TR(1)
1.
Where xxx is nominal value of VBR and A or CA indicates unidirectional or bidirectional version. See
Table 3 for list of available devices and their order codes
See Table 5 on page 8
SMB
0.11 g
2500
Tape and reel
Table 7.
Document revision history
Date
Revision
Changes
Oct-2001
4
Previous issue
10-Feb-2005
5
Reformatted to current template. Added directional (uni and bi)
indications to graphics. Added ECOPACK statement.
16-Nov-2006
6
Add part numbers SMBJ36A-TR and SMBJ36CA-TR in Table 3.
14-May-2009
7
Reformatted to current standards. Updated ECOPACK
statement. Added part number SMBJ43CA/A
17-Sep-2009
8
Document updated for low leakage current.
09-Jul-2010
9
Changed timescale in Figure 9.
20-Oct-2010
10
Updated Figure 13.


Similar Part No. - SMBJ26ACA

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
SMBJ26A DIOTECH-SMBJ26A Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMBJ26A PACELEADER-SMBJ26A Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Jinan Gude Electronic D...
SMBJ26A JGD-SMBJ26A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Jiangsu High diode Semi...
SMBJ26A HDSEMI-SMBJ26A Datasheet
1Mb / 7P
   SMB Plastic-Encapsulate Diodes
logo
Socay Electornics Co., ...
SMBJ26A SOCAY-SMBJ26A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMBJ26ACA

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
SMM4F SHUNYE-SMM4F Datasheet
285Kb / 5P
   Stand off voltage range - from 5 V to 33 V
logo
STMicroelectronics
SMX1J STMICROELECTRONICS-SMX1J Datasheet
194Kb / 11P
   Stand off voltage 7.5 V
logo
NXP Semiconductors
NX3DV221 NXP-NX3DV221_15 Datasheet
1Mb / 19P
   Wide supply voltage range from 2.3 V to 3.6 V
Rev. 4-19 June 2013
logo
List of Unclassifed Man...
SHT3X ETC2-SHT3X Datasheet
706Kb / 13P
   Wide supply voltage range, from 2.4 to 5.5 V
logo
XP Power Limited
AED XPPOWER-AED Datasheet
111Kb / 4P
   Single Outputs from 5 V to 48 V
logo
ETAL Group
SMP23-L20-DC24V-10A ETAL-SMP23-L20-DC24V-10A Datasheet
508Kb / 6P
   Wide range voltage input from AC 340 to 575 V
logo
Bruckewell Technology L...
SMBJ5.0-188A BWTECH-SMBJ5.0-188A Datasheet
579Kb / 7P
   Stand-off Voltage 5.0 to 188V
logo
ETAL Group
SMP2320-DC24V-20A ETAL-SMP2320-DC24V-20A Datasheet
468Kb / 6P
   Wide range voltage input from AC 340 to 575 V
SMP11 ETAL-SMP11 Datasheet
425Kb / 6P
   Wide range voltage input from AC 88 to 264 V
SMP21-L20-DC24V-20A ETAL-SMP21-L20-DC24V-20A Datasheet
425Kb / 6P
   Wide range voltage input from AC 90 to 264 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com