Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1576A Datasheet(PDF) 8 Page - Rohm

Part # 2SA1576A
Description  PNP -150mA -50V General Purpose Transistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SA1576A Datasheet(HTML) 8 Page - Rohm

Back Button 2SA1576A Datasheet HTML 4Page - Rohm 2SA1576A Datasheet HTML 5Page - Rohm 2SA1576A Datasheet HTML 6Page - Rohm 2SA1576A Datasheet HTML 7Page - Rohm 2SA1576A Datasheet HTML 8Page - Rohm 2SA1576A Datasheet HTML 9Page - Rohm 2SA1576A Datasheet HTML 10Page - Rohm 2SA1576A Datasheet HTML 11Page - Rohm 2SA1576A Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
2SA2029 / 2SA1774EB / 2SA1774 / 2SA1576UB / 2SA1576A / 2SA1037AK
lDimensions (Unit : mm)
Dimension in mm / inches
EMT3F
D
e
A
b
x
S A
c
S
e
b2
Pattern of terminal position areas
[Not a recommended pattern of soldering pads]
MIN
MAX
MIN
MAX
A
0.65
0.85
0.026
0.033
A1
0.00
0.10
0.000
0.004
A2
0.60
0.80
0.024
0.031
b
0.21
0.36
0.008
0.014
c
0.08
0.18
0.003
0.007
D
1.50
1.70
0.059
0.067
E
0.76
0.96
0.030
0.038
e
HE
1.50
1.70
0.059
0.067
L
Lp
0.35
0.55
0.014
0.022
x
-
0.10
-
0.004
MIN
MAX
MIN
MAX
b2
-
0.46
-
0.018
e1
-
1.05
-
0.041
l1
-
0.65
-
0.026
0.37
0.015
DIM
MILIMETERS
INCHES
DIM
MILIMETERS
INCHES
0.50
0.020
8/12
2013.05 - Rev.A


Similar Part No. - 2SA1576A

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1576A ROHM-2SA1576A Datasheet
76Kb / 3P
   General Purpose Transistor
2SA1576A ROHM-2SA1576A Datasheet
83Kb / 4P
   General Purpose Transistor (??0V, ??.15A)
2SA1576A ROHM-2SA1576A Datasheet
72Kb / 4P
   General Purpose Transistor
logo
SHENZHEN YONGERJIA INDU...
2SA1576A WINNERJOIN-2SA1576A Datasheet
137Kb / 1P
   TRANSISTOR (PNP)
logo
TRANSYS Electronics Lim...
2SA1576A TEL-2SA1576A Datasheet
68Kb / 1P
   Plastic-Encapsulated Transistors
More results

Similar Description - 2SA1576A

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1774E3HZG ROHM-2SA1774E3HZG Datasheet
1Mb / 9P
   General Purpose Transistor (-50V, -150mA)
20220607 - Rev.001
2SA1576U3HZG ROHM-2SA1576U3HZG Datasheet
1Mb / 10P
   General Purpose Transistor (-50V, -150mA)
2SD2654E3 ROHM-2SD2654E3 Datasheet
1Mb / 9P
   General purpose Transistor (50V, 150mA)
20221201 - Rev.002
2SA2029 ROHM-2SA2029 Datasheet
2Mb / 16P
   General Purpose Transistor (-50V, -150mA)
2SC2412KFRA ROHM-2SC2412KFRA Datasheet
1Mb / 9P
   General purpose small signal amplifier(50V, 150mA)
20151009 - Rev.001
2SC4081U3HZG ROHM-2SC4081U3HZG Datasheet
1Mb / 10P
   General purpose small signal amplifier(50V, 150mA)
logo
AiT Semiconductor Inc.
2SC2712 AITSEMI-2SC2712 Datasheet
644Kb / 5P
   GENERAL PURPOSE TRANSISTOR NPN 150mW 150mA 50V
logo
Rohm
2SC4081FRA ROHM-2SC4081FRA Datasheet
1Mb / 9P
   General purpose small signal amplifier(50V, 150mA)
20151009 - Rev.001
2SC4617FRA ROHM-2SC4617FRA Datasheet
1,005Kb / 9P
   General purpose small signal amplifier (50V,150mA)
20190920 - Rev.002
logo
AiT Semiconductor Inc.
C945L AITSEMI-C945L Datasheet
456Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN 200mW 150mA 50V
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com