Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5093MTCX Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FAN5093MTCX
Description  Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5093MTCX Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN5093MTCX Datasheet HTML 5Page - Fairchild Semiconductor FAN5093MTCX Datasheet HTML 6Page - Fairchild Semiconductor FAN5093MTCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5093MTCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5093MTCX Datasheet HTML 9Page - Fairchild Semiconductor FAN5093MTCX Datasheet HTML 10Page - Fairchild Semiconductor FAN5093MTCX Datasheet HTML 11Page - Fairchild Semiconductor FAN5093MTCX Datasheet HTML 12Page - Fairchild Semiconductor FAN5093MTCX Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
PRODUCT SPECIFICATION
FAN5093
REV. 1.1.0 3/27/03
9
Application Circuit
Figure 2. Application Circuit for 70A VRM 9.x Desktop Application
Table 2. FAN5093 Application Bill of Materials for Figure 2
Reference
QTY
Description
Manufacturer / Number
U1
1
IC, PWM, FAN5093
Fairchild FAN5093
Q1-8
8
NFET, 30V, 50A, 9m
Fairchild FDD6696
D1, 2, 3
3
DIOS, 40V, 500mA
Fairchild MBR0540
L1, 2
2
IND, 850nH, 30A, 0.9m
Inter-Technical SCTA5022A-R85M
L3
opt
IND, 750nH, 20A, 3.5m
Inter-Technical SC4015-R75M
R1-4, 9
5
4.7
Ω, 5%
R5-8
4
2.2
Ω, 5%
R10
1
10
Ω, 5%
R11
1
10K, 5%
R12
1
75.0K, 1%
R13
1
13.3K, 1%
R14
1
56.2K, 1%
C1-6
6
1.0µf, 25V, 10%, X7R
C7-10
4
0.1µf, 16V, 10%, X7R
Cin
4
1500µf, 16V, 20%,12m
Ω, Aluminum Electrolytic
Rubycon 16MBZ1500M
Cout
8
2200µf, 6.3V, 20%, 12m
Ω, Aluminum Electrolytic
Rubycon 6.3MBZ2200M
+12V
C3
R11
R6
+ Cout
C2
Q5
L2
C7
D3
R2
VID3
Q8
R5
VID4
Q2
Q3
Vi n
R1
VID0
R10
C1
VCore
R3
R13
C9
Q6
Q1
C6
R4
R12
R7
Q7
R14
VID1
+ Cin
Vi n
FAN5093
U1
8
11
1
2
3
4
5
24
20
14
22
6
12
9
13
17
7
18
15
10
16
23
21
19
LDRVB
HDRVB
VID0
VID1
VID2
VID3
VID4
VFB
IL IM
HDRVA
ENABLE/SS
BYPASS
BOOTB
PGND B
BOOTA
LDRVA
AGND
VCC
SWA
SWB
PGNDA
RT
DROOP/E*
PWRGD
R9
C8
L1
R8
+5V
L3
C4
Q4
C5
VID2
C10
D2
D1


Similar Part No. - FAN5093MTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5093 FAIRCHILD-FAN5093 Datasheet
578Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
More results

Similar Description - FAN5093MTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5090 FAIRCHILD-FAN5090 Datasheet
183Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5093 FAIRCHILD-FAN5093 Datasheet
578Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5193 FAIRCHILD-FAN5193 Datasheet
524Kb / 21P
   Two Phase Interleaved Synchronous Buck Converter
FAN5098 FAIRCHILD-FAN5098 Datasheet
460Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for AMD Hammer?
FAN5091 FAIRCHILD-FAN5091 Datasheet
193Kb / 21P
   Two Slice Interleaved Synchronous Buck Converter
logo
Linear Technology
LTC3789EGN LINER-LTC3789EGN Datasheet
721Kb / 12P
   300W 2-Phase Interleaved Synchronous Buck-Boost Converter
logo
Fairchild Semiconductor
FAN5094 FAIRCHILD-FAN5094 Datasheet
182Kb / 22P
   Multi-Phase Interleaved Buck Converter
logo
STMicroelectronics
L6712 STMICROELECTRONICS-L6712_05 Datasheet
626Kb / 29P
   TWO-PHASE INTERLEAVED DC/DC CONTROLLER
L6712 STMICROELECTRONICS-L6712 Datasheet
1Mb / 27P
   TWO-PHASE INTERLEAVED DC/DC CONTROLLER
logo
Texas Instruments
UCC28070 TI-UCC28070 Datasheet
403Kb / 27P
[Old version datasheet]   Two-Phase Interleaved CCM PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com