Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7085MX_GF085 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN7085MX_GF085
Description  FAN7085_GF085 High Side Gate Driver with Recharge FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7085MX_GF085 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN7085MX_GF085 Datasheet HTML 1Page - Fairchild Semiconductor FAN7085MX_GF085 Datasheet HTML 2Page - Fairchild Semiconductor FAN7085MX_GF085 Datasheet HTML 3Page - Fairchild Semiconductor FAN7085MX_GF085 Datasheet HTML 4Page - Fairchild Semiconductor FAN7085MX_GF085 Datasheet HTML 5Page - Fairchild Semiconductor FAN7085MX_GF085 Datasheet HTML 6Page - Fairchild Semiconductor FAN7085MX_GF085 Datasheet HTML 7Page - Fairchild Semiconductor FAN7085MX_GF085 Datasheet HTML 8Page - Fairchild Semiconductor FAN7085MX_GF085 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
©2012 Fairchild Semiconductor Corporation
5
www.fairchildsemi.com
FAN7085_GF085 Rev. 1.0.1
Dynamic Electrical Characteristics
Unless otherwise specified, -40°C <= Ta <= 125°C, VCC = 5V, VBS = 7V, VS = 0V, VRESET = 5V, RL = 50
, CL = 2.5nF.
Parameter
Symbol
Conditions
Min. Typ. Max. Unit
Input-to-output turn-on propagation delay
tplh
50% input level to 10% output level,
VS = 0V
0.56
1
us
Input-to-output turn-off propagation delay
tphl
50% input level to 90% output level
VS = 0V
-
0.15
0.5
us
RESET-to-output turn-off propagation delay
tphl_res
50% input level to 90% output level
-
0.17
0.5
us
RESET-to-output turn-on propagation delay
tplh_res
50% input level to 10% output level
-
0.56
1
us
Output rising time
tr1
Tj=25
C
-
65
200
ns
tr2
-
400
ns
tr3
Tj=25
C,VBS=16V
65
200
ns
tr4
VBS=16V
-
400
ns
Output falling time
tf1
Tj=25
C
-
25
200
ns
tf2
-
300
ns
tf3
Tj=25
C,VBS=16V
25
200
ns
tf4
VBS=16V
-
300
ns


Similar Part No. - FAN7085MX_GF085

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN7085MX-GF085 ONSEMI-FAN7085MX-GF085 Datasheet
430Kb / 13P
   High Side Gate Driver with Recharge FET
September-2017,Rev.2
More results

Similar Description - FAN7085MX_GF085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7085CMX-F085 FAIRCHILD-FAN7085CMX-F085 Datasheet
275Kb / 14P
   High Side Gate Driver with Recharge FET
FAN7085 FAIRCHILD-FAN7085_1 Datasheet
269Kb / 14P
   High Side Gate Driver with Recharge FET
FAN7085 FAIRCHILD-FAN7085_12 Datasheet
407Kb / 14P
   High Side Gate Driver with Recharge FET
FAN7085 FAIRCHILD-FAN7085 Datasheet
274Kb / 14P
   High Side Gate Driver with Recharge FET
logo
ON Semiconductor
FAN7085-GF085 ONSEMI-FAN7085-GF085 Datasheet
430Kb / 13P
   High Side Gate Driver with Recharge FET
September-2017,Rev.2
logo
International Rectifier
IR20153S IRF-IR20153S Datasheet
220Kb / 15P
   HIGH SIDE DRIVER WITH RECHARGE
AUIRS2016S IRF-AUIRS2016S Datasheet
325Kb / 23P
   High Side Driver with Internal Vs Recharge
logo
Fairchild Semiconductor
FAN7083 FAIRCHILD-FAN7083 Datasheet
321Kb / 19P
   High Side Gate Driver with Reset
FAN7083 FAIRCHILD-FAN7083_1 Datasheet
328Kb / 19P
   High Side Gate Driver with Reset
FAN7083 FAIRCHILD-FAN7083_12 Datasheet
447Kb / 19P
   High Side Gate Driver with Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com