Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7930MX Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN7930MX
Description  FAN7930 Critical Conduction Mode PFC Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7930MX Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN7930MX Datasheet HTML 2Page - Fairchild Semiconductor FAN7930MX Datasheet HTML 3Page - Fairchild Semiconductor FAN7930MX Datasheet HTML 4Page - Fairchild Semiconductor FAN7930MX Datasheet HTML 5Page - Fairchild Semiconductor FAN7930MX Datasheet HTML 6Page - Fairchild Semiconductor FAN7930MX Datasheet HTML 7Page - Fairchild Semiconductor FAN7930MX Datasheet HTML 8Page - Fairchild Semiconductor FAN7930MX Datasheet HTML 9Page - Fairchild Semiconductor FAN7930MX Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7930 • Rev. 1.0.1
6
Electrical Characteristics
VCC = 14V, TA = -40°C~+125°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Zero-Current Detect Section
VZCD
Input Voltage Threshold
(4)
1.35
1.50
1.65
V
HYZCD
Detect Hysteresis
(4)
0.05
0.10
0.15
V
VCLAMPH Input High Clamp Voltage
IDET=3mA
5.5
6.2
7.5
V
VCLAMPL Input Low Clamp Voltage
IDET= -3mA
0
0.65
1.00
V
IZCD,BS
Input Bias Current
VZCD=1V~5V
-1.0
-0.1
1.0
µA
IZCD,SR
Source Current Capability
(4)
TA=25°C
-4
mA
IZCD,SK
Sink Current Capability
(4)
TA=25°C
10
mA
tZCD,D
Maximum Delay From ZCD to Output
Turn-On
(4)
dV/dt=-1V/100ns,
from 5V to 0V
100
200
ns
Output Section
VOH
Output Voltage High
IO=-100mA, TA=25°C
9.2
11.0
12.8
V
VOL
Output Voltage Low
IO=200mA, TA=25°C
1.0
2.5
V
tRISE
Rising Time
(4)
CIN=1nF
50
100
ns
tFALL
Falling Time
(4)
CIN=1nF
50
100
ns
VO,MAX
Maximum Output Voltage
VCC=20V, IO=100µA
11.5
13.0
14.5
V
VO,UVLO Output Voltage with UVLO Activated
VCC=5V, IO=100µA
1
V
Restart / Maximum Switching Frequency Limit Section
tRST
Restart Timer Delay
50
150
300
µs
fMAX
Maximum Switching Frequency
(4)
250
300
350
kHz
RDY Pin
IRDY,SK
Output Sink Current
1
2
4
mA
VRDY,SAT Output Saturation Voltage
IRDY,SK=2mA
320
500
mV
IRDY,LK
Output Leakage Current
Output High Impedance
1
µA
Soft-Start Timer Section
tSS
Internal Soft-Soft
(4)
3
5
7
ms
UVLO Section
VRDY
Output Ready Voltage
2.185
2.240
2.295
V
HYRDY
Output Ready Hysteresis
0.600
V
Protections
VOVP
OVP Threshold Voltage
TA=25°C
2.620
2.675
2.730
V
HYOVP
OVP Hysteresis
TA=25°C
0.120
0.175
0.230
V
VEN
Enable Threshold Voltage
0.40
0.45
0.50
V
HYEN
Enable Hysteresis
0.050
0.10
0.15
V
TSD
Thermal Shutdown Temperature
(4)
125
140
155
°C
THYS
Hysteresis Temperature of TSD
(4)
60
°C
Note:
4.
These parameters, although guaranteed by design, are not production tested.


Similar Part No. - FAN7930MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7930 FAIRCHILD-FAN7930 Datasheet
1Mb / 22P
   Boundary Conduction Mode Power Factor Correction (PFC)
FAN7930 FAIRCHILD-FAN7930 Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controllers
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
logo
Fairchild Semiconductor
FAN7930BM FAIRCHILD-FAN7930BM Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
More results

Similar Description - FAN7930MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
   Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com