Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1225A-2PQG176M Datasheet(PDF) 3 Page - Microsemi Corporation

Part # A1225A-2PQG176M
Description  ACT 2 Family FPGAs
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A1225A-2PQG176M Datasheet(HTML) 3 Page - Microsemi Corporation

  A1225A-2PQG176M Datasheet HTML 1Page - Microsemi Corporation A1225A-2PQG176M Datasheet HTML 2Page - Microsemi Corporation A1225A-2PQG176M Datasheet HTML 3Page - Microsemi Corporation A1225A-2PQG176M Datasheet HTML 4Page - Microsemi Corporation A1225A-2PQG176M Datasheet HTML 5Page - Microsemi Corporation A1225A-2PQG176M Datasheet HTML 6Page - Microsemi Corporation A1225A-2PQG176M Datasheet HTML 7Page - Microsemi Corporation A1225A-2PQG176M Datasheet HTML 8Page - Microsemi Corporation A1225A-2PQG176M Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
ACT 2 Family FPGAs
R e visi on 8
III
Product Plan
Device Resources
Contact your local Microsemi SoC Products Group representative for device availability:
http://www.microsemi.com/soc/contact/default.aspx.
Device/Package
Speed Grade1
Application1
Std.
–1
–2
C
I
M
B
A1225A Device
84-Pin Plastic Leaded Chip Carrier (PL)
✓✓
✓✓
––
100-Pin Plastic Quad Flatpack (PQ)
✓✓
✓✓
––
100-Pin Very Thin Quad Flatpack (VQ)
✓✓
––
100-Pin Ceramic Pin Grid Array (PG)
✓✓
––
A1240A Device
84-Pin Plastic Leaded Chip Carrier (PL)
✓✓
✓✓
––
132-Pin Ceramic Pin Grid Array (PG)
✓✓
✓✓
144-Pin Plastic Quad Flat Pack (PQ)
✓✓
✓✓
––
176-Pin Thin (1.4 mm) Quad Flat Pack (TQ)
✓✓
––
A1280A Device
160-Pin Plastic Quad Flatpack (PQ)
✓✓
✓✓
––
172-Pin Ceramic Quad Flatpack (CQ)
✓✓
✓✓
176-Pin Ceramic Pin Grid Array (PG)
✓✓
✓✓
176-Pin Thin (1.4 mm) Quad Flat Pack (TQ)
✓✓
––
Notes:
1. Applications:
C = Commercial
I = Industrial
M = Military
B = MIL-STD-883
Availability:
= Available
P = Planned
– = Not planned
Speed Grade:
–1 = Approx. 15% faster than Std.
–2 = Approx. 25% faster than Std.
2. Contact your Microsemi SoC Products Group sales representative for product availability.
Device
Series
Logic
Modules
Gates
User I/Os
PG176
PG132
PG100
PQ160
PQ144
PQ100
PL84
CQ172
TQ176
VQ100
A1225A
451
2,500
83
83
72
83
A1240A
684
4,000
104
104
72
104
A1280A
1,232
8,000
140
125
72
140
140


Similar Part No. - A1225A-2PQG176M

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1225A-2PQ176B ACTEL-A1225A-2PQ176B Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A1225A-2PQ176C ACTEL-A1225A-2PQ176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A1225A-2PQ176I ACTEL-A1225A-2PQ176I Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A1225A-2PQ176M ACTEL-A1225A-2PQ176M Datasheet
605Kb / 38P
   ACT2 Family FPGAs
More results

Similar Description - A1225A-2PQG176M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1280A-CQ172B MICROSEMI-A1280A-CQ172B Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1440A-1VQ100C MICROSEMI-A1440A-1VQ100C Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
logo
Actel Corporation
A1010B-2PL84C ACTEL-A1010B-2PL84C Datasheet
162Kb / 24P
   ACT 1 Series FPGAs
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-2PLG6 ACTEL-A1010B-2PLG6 Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com