Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDPF15N65YDTU Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDPF15N65YDTU
Description  N-Channel UniFETTM MOSFET 650 V, 15 A, 440 m?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDPF15N65YDTU Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDPF15N65YDTU Datasheet HTML 1Page - Fairchild Semiconductor FDPF15N65YDTU Datasheet HTML 2Page - Fairchild Semiconductor FDPF15N65YDTU Datasheet HTML 3Page - Fairchild Semiconductor FDPF15N65YDTU Datasheet HTML 4Page - Fairchild Semiconductor FDPF15N65YDTU Datasheet HTML 5Page - Fairchild Semiconductor FDPF15N65YDTU Datasheet HTML 6Page - Fairchild Semiconductor FDPF15N65YDTU Datasheet HTML 7Page - Fairchild Semiconductor FDPF15N65YDTU Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©2006 Fairchild Semiconductor Corporation
4
www.fairchildsemi.com
FDPF15N65 Rev. C0
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
* Notes :
1. V
GS = 0 V
2. I
D = 250 A
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
* Notes :
1. V
GS = 10 V
2. I
D = 5.5 A
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
* Notes :
1. V
GS = 10 V
2. I
D = 7.5 A
T
J, Junction Temperature [
oC]
Figure 9. Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
100 ms
1 ms
10 s
DC
10 ms
100 s
Operation in This Area
is Limited by R
DS(on)
* Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
V
DS, Drain-Source Voltage [V]
25
50
75
100
125
150
0
3
6
9
12
15
18
T
C, Case Temperature [
oC]
Figure 11. Transient Thermal Response Curve
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
* N o te s :
1. Z
 JC ( t ) = 3. 3
o C/W M a x.
2 . D u ty F a c to r , D = t
1 /t 2
3. T
JM - T C = P DM * Z  JC (t )
sing le pu ls e
D= 0 .5
0.0 2
0.2
0.05
0.1
0.0 1
t
1 , S q u a r e W a v e P u ls e D u r a tio n [s e c ]
t1
PDM
t2


Similar Part No. - FDPF15N65YDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPF15N65 FAIRCHILD-FDPF15N65 Datasheet
1Mb / 10P
   650V N-Channel MOSFET
FDPF15N65 FAIRCHILD-FDPF15N65 Datasheet
1Mb / 10P
   650V N-Channel MOSFET
FDPF15N65 FAIRCHILD-FDPF15N65 Datasheet
473Kb / 10P
   650V N-Channel MOSFET
logo
Inchange Semiconductor ...
FDPF15N65 ISC-FDPF15N65 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDPF15N65YDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPF12N60NZ FAIRCHILD-FDPF12N60NZ Datasheet
376Kb / 10P
   N-Channel UniFETTM II MOSFET 600 V, 12 A, 650 m?
FDPF20N50FT FAIRCHILD-FDPF20N50FT Datasheet
429Kb / 10P
   N-Channel UniFETTM FRFET짰 MOSFET 500 V, 20 A, 260 m?
FDP8N50NZ FAIRCHILD-FDP8N50NZ Datasheet
882Kb / 10P
   N-Channel UniFETTM II MOSFET 500 V, 8 A, 850 m
October 2013
FDPF16N50T FAIRCHILD-FDPF16N50T Datasheet
1Mb / 8P
   N-Channel UniFETTM MOSFET 500 V, 16 A, 380 m廓
FDD18N20LZ FAIRCHILD-FDD18N20LZ Datasheet
1Mb / 8P
   N-Channel UniFETTM MOSFET 200 V, 16 A, 125 m廓
FDPF51N25YDTU FAIRCHILD-FDPF51N25YDTU Datasheet
518Kb / 11P
   N-Channel UniFETTM MOSFET 250 V, 51 A, 60 m廓
FDPF12N50NZT FAIRCHILD-FDPF12N50NZT Datasheet
854Kb / 10P
   N-Channel UniFETTM II MOSFET 500 V, 11.5 A, 520 m
FDP10N60NZ FAIRCHILD-FDP10N60NZ Datasheet
494Kb / 10P
   N-Channel UniFETTM II MOSFET 600 V, 10 A, 750 m?
logo
ON Semiconductor
FCPF260N65FL1-F154 ONSEMI-FCPF260N65FL1-F154 Datasheet
299Kb / 10P
   MOSFET – N-Channel, SUPERFET II, FRFET 650 V, 15 A, 260 m
December, 2020 - Rev. 0
logo
Fairchild Semiconductor
FDD6N50TMF085 FAIRCHILD-FDD6N50TMF085 Datasheet
463Kb / 9P
   N-Channel UniFETTM MOSFET500 V, 6 A, 900 m廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com