Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1225A-1VQG176M Datasheet(PDF) 8 Page - Microsemi Corporation

Part # A1225A-1VQG176M
Description  ACT 2 Family FPGAs
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A1225A-1VQG176M Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button A1225A-1VQG176M Datasheet HTML 4Page - Microsemi Corporation A1225A-1VQG176M Datasheet HTML 5Page - Microsemi Corporation A1225A-1VQG176M Datasheet HTML 6Page - Microsemi Corporation A1225A-1VQG176M Datasheet HTML 7Page - Microsemi Corporation A1225A-1VQG176M Datasheet HTML 8Page - Microsemi Corporation A1225A-1VQG176M Datasheet HTML 9Page - Microsemi Corporation A1225A-1VQG176M Datasheet HTML 10Page - Microsemi Corporation A1225A-1VQG176M Datasheet HTML 11Page - Microsemi Corporation A1225A-1VQG176M Datasheet HTML 12Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
Detailed Specifications
2- 2
R e v ision 8
Table 2-3 • Electrical Specifications
Symbol
Parameter
Commercial
Industrial
Military
Units
Min.
Max.
Min.
Max.
Min.
Max.
VOH1
(IOH = –10 mA)2
2.4
V
(IOH = –6 mA)
3.84
V
(IOH = –4 mA)
3.7
3.7
V
VOL1
(IOL = 10 mA)2
–0.5
V
(IOL = 6 mA)
0.33
0.40
0.40
V
VIL
–0.3
0.8
–0.3
0.8
–0.3
0.8
V
VIH
2.0
VCC + 0.3
2.0
VCC + 0.3
2.0
VCC + 0.3
V
Input Transition Time tR, tF2
500
500
500
ns
CIO I/O capacitance2,3
–10
10
10
pF
Standby Current, ICC4 (typical = 1 mA)
2
10
20
mA
Leakage Current5
–10
+10
–10
+10
–10
+10
µA
ICC(D)
Dynamic VCC supply current. See the Power Dissipation section.
Notes:
1. Only one output tested at a time. VCC = minimum.
2. Not tested, for information only.
3. Includes worst-case PG176 package capacitance. VOUT = 0 V, f = 1 MHz
4. All outputs unloaded. All inputs = VCC or GND, typical ICC = 1 mA. ICC limit includes IPP and ISV during normal
operations.
5. VOUT, VIN = VCC or GND.


Similar Part No. - A1225A-1VQG176M

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1225A-1VQ176B ACTEL-A1225A-1VQ176B Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A1225A-1VQ176C ACTEL-A1225A-1VQ176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A1225A-1VQ176I ACTEL-A1225A-1VQ176I Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A1225A-1VQ176M ACTEL-A1225A-1VQ176M Datasheet
605Kb / 38P
   ACT2 Family FPGAs
More results

Similar Description - A1225A-1VQG176M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1280A-CQ172B MICROSEMI-A1280A-CQ172B Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1440A-1VQ100C MICROSEMI-A1440A-1VQ100C Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
logo
Actel Corporation
A1010B-2PL84C ACTEL-A1010B-2PL84C Datasheet
162Kb / 24P
   ACT 1 Series FPGAs
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-2PLG6 ACTEL-A1010B-2PLG6 Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com