Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD774BAD Datasheet(PDF) 7 Page - Analog Devices

Part # AD774BAD
Description  Complete 12-Bit A/D Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD774BAD Datasheet(HTML) 7 Page - Analog Devices

Back Button AD774BAD Datasheet HTML 3Page - Analog Devices AD774BAD Datasheet HTML 4Page - Analog Devices AD774BAD Datasheet HTML 5Page - Analog Devices AD774BAD Datasheet HTML 6Page - Analog Devices AD774BAD Datasheet HTML 7Page - Analog Devices AD774BAD Datasheet HTML 8Page - Analog Devices AD774BAD Datasheet HTML 9Page - Analog Devices AD774BAD Datasheet HTML 10Page - Analog Devices AD774BAD Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. C
–7–
CIRCUIT OPERATION
The AD674B and AD774B are complete 12-bit monolithic A/D
converters that require no external components to provide the
complete successive-approximation analog-to-digital conversion
function. A block diagram is shown in Figure 5.
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD674B/AD774B
5V SUPPLY
VLOGIC
DATA MODE SELECT
12/
8
CHIP SELECT
CS
BYTE ADDRESS/
SHORT CYCLE A0
READ/CONVERT R/
C
CHIP ENABLE
CE
12V/15V SUPPLY
VCC
10V REFERENCE
REF OUT
ANALOG COMMON
AC
REFERENCE INPUT
REF IN
–12V/ –15V SUPPLY
VEE
BIPOLAR OFFSET
BIPOFF
10V SPAN INPUT
10VIN
20V SPAN INPUT
20VIN
STATUS
STS
DB11 (MSB)
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0 (LSB)
DIGITAL
COMMON DC
CONTROL
VOLTAGE
DIVIDER
N
Y
B
B
L
E
A
MSB
3
S
T
A
T
E
O
U
T
P
U
T
B
U
F
F
E
R
S
LSB
N
Y
B
B
L
E
B
N
Y
B
B
L
E
C
CLOCK
SAR
12
10V
REF
+
COMP
I DAC
199.95
k
DAC
N
VEE
I REF
DIGITAL
DATA
OUTPUTS
Figure 5. Block Diagram of AD674B and AD774B
When the control section is commanded to initiate a conversion
(as described later) it enables the clock and resets the
successive-approximation register (SAR) to all zeroes. Once a
conversion cycle has begun, it cannot be stopped or restarted
and data is not available from the output buffers. The SAR,
timed by the clock, will sequence through the conversion cycle
and return an end-of-convert flag to the control section. The
control section will then disable the clock, bring the output
status flag low, and enable control functions to allow data read
by external command.
During the conversion cycle, the internal 12-bit current output
DAC is sequenced by the SAR from the most significant bit
(MSB) to least significant bit (LSB) to provide an output cur-
rent that accurately balances the input signal current through
the divider network. The comparator determines whether the
addition of each successively weighted bit current causes the
DAC current sum to be greater or less than the input current; if
the sum is less, the bit is left on; if more, the bit is turned off.
After testing all the bits, the SAR contains a 12-bit binary code
that accurately represents the input signal to within
±1/2 LSB.
The temperature-compensated reference provides the primary
voltage reference to the DAC and guarantees excellent stability
with both time and temperature. The reference is trimmed to
10.00 V
± 1%; it can supply up to 2.0 mA to an external load in
addition to the requirements of the reference input resistor
(0.5 mA) and bipolar offset resistor (0.5 mA). Any external load
on the reference must remain constant during conversion. The
thin-film application resistors are trimmed to match the full-
scale output current of the DAC. The input divider network
provides a 10 V or 20 V input range. The bipolar offset resistor
is grounded for unipolar operation and connected to the 10 V
reference for bipolar operation.
DRIVING THE ANALOG INPUT
The AD674B and AD774B are successive-approximation analog-
to-digital converters. During the conversion cycle, the ADC input
current is modulated by the DAC test current at approximately
a 1 MHz rate. Thus it is important to recognize that the signal
source driving the ADC must be capable of holding a constant
output voltage under dynamically changing load conditions.
CURRENT
OUTPUT
DAC
ANALOG COMMON
CURRENT
LIMITING
RESISTORS
FEEDBACK TO AMPLIFIER
ADC
COMPARATOR
IIN
ITEST
RIN
IDIFF
IIN IS MODULATED BY
CHANGES IN TEST CURRENT.
AMPLIFIER PULSE LOAD
RESPONSE LIMITED BY
OPEN-LOOP OUTPUT IMPEDANCE.
V–
V+
SAR
Figure 6. Op Amp—ADC Interface
The closed-loop output impedance of an op amp is equal to the
open-loop output impedance (usually a few hundred ohms)
divided by the loop gain at the frequency of interest. It is often
assumed that the loop gain of a follower-connected op amp is
sufficiently high to reduce the closed-loop output impedance to
a negligibly small value, particularly if the signal is low fre-
quency. However, the amplifier driving the ADC must either
have sufficient loop gain at 1 MHz to reduce the closed-loop
output impedance to a low value or have low open-loop output
impedance. This can be accomplished by using a wideband op
amp, such as the AD711.
If a sample-hold amplifier is required, the monolithic AD585 or
AD781 is recommended, with the output buffer driving the
AD674B or AD774B input directly. A better alternative is the
AD1674, which is a 10
µs sampling ADC in the same pinout as the
AD574A, AD674A, or AD774B and is functionally equivalent.
SUPPLY DECOUPLING AND LAYOUT
CONSIDERATION
It is critical that the power supplies be filtered, well regulated,
and free from high-frequency noise. Use of noisy supplies will
cause unstable output codes. Switching power supplies is not
recommended for circuits attempting to achieve 12-bit accuracy
unless great care is used in filtering any switching spikes present
in the output. Few millivolts of noise represent several counts of
error in a 12-bit ADC.
Decoupling capacitors should be used on all power supply pins;
the 5 V supply decoupling capacitor should be connected directly
from Pin 1 to Pin 15 (digital common) and the +VCC and –VEE
pins should be decoupled directly to analog common (Pin 9). A
suitable decoupling capacitor is a 4.7
µF tantalum type in paral-
lel with a 0.1
µF ceramic disc type.
AD674B/AD774B


Similar Part No. - AD774BAD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD774BAD AD-AD774BAD Datasheet
247Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774BAD AD-AD774BAD Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
More results

Similar Description - AD774BAD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B Datasheet
247Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674BTE AD-AD674BTE Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
ADADC84 AD-ADADC84 Datasheet
629Kb / 8P
   FAST, COMPLETE 12-BIT A/D CONVERTERS
REV. A
ADADC84 AD-ADADC84_15 Datasheet
1Mb / 12P
   FAST COMPLETE 12 BIT A/D CONVERTERS
REV. B
ADADC85 AD-ADADC85_15 Datasheet
1Mb / 12P
   Fast, Complete 12-Bit A/D Converters
REV. B
ADDAC80 AD-ADDAC80 Datasheet
774Kb / 12P
   COMPLETE LOW COST 12-BIT D/A CONVERTERS
REV. A
ADDAC80 AD-ADDAC80_15 Datasheet
232Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
ADDAC80NZ-CBI-V AD-ADDAC80NZ-CBI-V Datasheet
212Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com