Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5220BRZ100-REEL7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5220BRZ100-REEL7
Description  Increment/Decrement Digital Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5220BRZ100-REEL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5220BRZ100-REEL7 Datasheet HTML 3Page - Analog Devices AD5220BRZ100-REEL7 Datasheet HTML 4Page - Analog Devices AD5220BRZ100-REEL7 Datasheet HTML 5Page - Analog Devices AD5220BRZ100-REEL7 Datasheet HTML 6Page - Analog Devices AD5220BRZ100-REEL7 Datasheet HTML 7Page - Analog Devices AD5220BRZ100-REEL7 Datasheet HTML 8Page - Analog Devices AD5220BRZ100-REEL7 Datasheet HTML 9Page - Analog Devices AD5220BRZ100-REEL7 Datasheet HTML 10Page - Analog Devices AD5220BRZ100-REEL7 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AD5220
–7–
REV.
V+
DUT
VMS
A
B
W
V+ = VDD
1LSB = V+/128
Figure 27. Potentiometer Divider Nonlinearity Error Test
Circuit (INL, DNL)
NO CONNECT
IW
DUT
VMS
A
B
W
Figure 28. Resistor Position Nonlinearity Error (Rheostat
Operation; R-INL, R-DNL)
VMS2
VW
IW = VDD/RNOMINAL
DUT
VMS1
A
B
W
RW = [VMS1 – VMS2]/IW
Figure 29. Wiper Resistance Test Circuit
PSRR (dB) = 20 LOG
( ––––– )
PSS (%/%) = –––––––
VMS
VDD
VMS%
VDD%
V+ = VDD ± 10%
VDD
VA
~
V+
VMS
A
B
W
Figure 30. Power Supply Sensitivity Test Circuit (PSS,
PSRR)
~
A
B
VIN
2.5V DC
OP279
+5V
VOUT
DUT
W
OFFSET
GND
Figure 31. Inverting Programmable Gain Test Circuit
~
AB
VIN
2.5V
OP279
+5V
VOUT
DUT
W
OFFSET
GND
Figure 32. Noninverting Programmable Gain Test Circuit
A
B
2.5V
DUT
W
OFFSET
GND
~
VIN
OP42
+15V
VOUT
–15V
Figure 33. Gain vs. Frequency Test Circuit
ISW
0 TO VDD
RSW =
0.1V
ISW
CODE = ØØH
0.1V
DUT
B
W
Figure 34. Incremental ON Resistance Test Circuit
Parametric Test Circuits–
A


Similar Part No. - AD5220BRZ100-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5220BR10 AD-AD5220BR10 Datasheet
265Kb / 10P
   Increment/Decrement Digital Potentiometer
AD5220BR100 AD-AD5220BR100 Datasheet
265Kb / 10P
   Increment/Decrement Digital Potentiometer
AD5220BR50 AD-AD5220BR50 Datasheet
265Kb / 10P
   Increment/Decrement Digital Potentiometer
AD5220BRM10 AD-AD5220BRM10 Datasheet
265Kb / 10P
   Increment/Decrement Digital Potentiometer
AD5220BRM100 AD-AD5220BRM100 Datasheet
265Kb / 10P
   Increment/Decrement Digital Potentiometer
More results

Similar Description - AD5220BRZ100-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5220BNZ10 AD-AD5220BNZ10 Datasheet
679Kb / 11P
   Increment/Decrement Digital Potentiometer
REV. A
AD5220 AD-AD5220 Datasheet
265Kb / 10P
   Increment/Decrement Digital Potentiometer
AD5222 AD-AD5222 Datasheet
173Kb / 10P
   Increment/Decrement Dual Digital Potentiometer
REV. 0
AD5220 AD-AD5220_15 Datasheet
679Kb / 11P
   Increment Decrement Digital Potentionmeter
REV. A
logo
ON Semiconductor
CAT5133 ONSEMI-CAT5133 Datasheet
169Kb / 9P
   16 Volt Digital Potentiometer (POT) with 128 Taps and an Increment Decrement Interface
July, 2013 ??Rev. 5
CAT5133ZI-10-GT3 ONSEMI-CAT5133ZI-10-GT3 Datasheet
209Kb / 10P
   16 Volt Digitally Programmable Potentiometer with 128 Taps and an Increment Decrement Interface
Doc. No. MD-2125 Rev. D
logo
Catalyst Semiconductor
CAT5133 CATALYST-CAT5133_08 Datasheet
283Kb / 10P
   16 Volt Digitally Programmable Potentiometer (DPPTM) with 128 Taps and an Increment Decrement Interface
CAT5133 CATALYST-CAT5133 Datasheet
285Kb / 10P
   16 Volt Digitally Programmable Potentiometer (DPP TM) with 128 Taps and an Increment Decrement Interface
logo
ams AG
AS1500 AMSCO-AS1500_1 Datasheet
405Kb / 14P
   Digital Potentiometer
AS1500 AMSCO-AS1500 Datasheet
365Kb / 8P
   Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com