Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9601BCPZ-200 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9601BCPZ-200
Description  10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9601BCPZ-200 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9601BCPZ-200 Datasheet HTML 4Page - Analog Devices AD9601BCPZ-200 Datasheet HTML 5Page - Analog Devices AD9601BCPZ-200 Datasheet HTML 6Page - Analog Devices AD9601BCPZ-200 Datasheet HTML 7Page - Analog Devices AD9601BCPZ-200 Datasheet HTML 8Page - Analog Devices AD9601BCPZ-200 Datasheet HTML 9Page - Analog Devices AD9601BCPZ-200 Datasheet HTML 10Page - Analog Devices AD9601BCPZ-200 Datasheet HTML 11Page - Analog Devices AD9601BCPZ-200 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD9601
Rev. 0 | Page 8 of 32
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
ELECTRICAL
AVDD to AGND
−0.3 V to +2.0 V
DRVDD to DRGND
−0.3 V to +2.0 V
AGND to DRGND
−0.3 V to +0.3 V
AVDD to DRVDD
−2.0 V to +2.0 V
Dx0 Through Dx9 to DRGND
−0.3 V to DRVDD + 0.3 V
DCO+/DCO− to DRGND
−0.3 V to DRVDD + 0.3 V
OVRA/OVRB to DGND
−0.3 V to DRVDD + 0.3 V
CLK+ to AGND
−0.3 V to +3.6 V
CLK− to AGND
−0.3 V to +3.6 V
VIN+ to AGND
−0.3 V to AVDD + 0.2 V
VIN− to AGND
−0.3 V to AVDD + 0.2 V
SDIO/DCS to DGND
−0.3 V to DRVDD + 0.3 V
PDWN to AGND
−0.3 V to +3.6 V
CSB to AGND
−0.3 V to +3.6 V
SCLK/DFS to AGND
−0.3 V to +3.6 V
ENVIRONMENTAL
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature
(Soldering, 10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
The exposed paddle must be soldered to the ground plane for
the LFCSP package. Soldering the exposed paddle to the
customer board increases the reliability of the solder joints,
maximizing the thermal capability of the package.
Table 6.
Package Type
θJA
θJC
Unit
56-Lead LFCSP (CP-56-2)
30.4
2.9
°C/W
Typical θJA and θJC are specified for a 4-layer board in still air.
Airflow increases heat dissipation, effectively reducing θJA. In
addition, metal in direct contact with the package leads from
metal traces, and through holes, ground, and power planes
reduces the θJA.
ESD CAUTION


Similar Part No. - AD9601BCPZ-200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9601BCPZ-200 AD-AD9601BCPZ-200 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
More results

Similar Description - AD9601BCPZ-200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9601 AD-AD9601 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601 AD-AD9601_15 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9211 AD-AD9211_07 Datasheet
1Mb / 28P
   10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9467 AD-AD9467 Datasheet
987Kb / 32P
   16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Rev. D
AD9230-11 AD-AD9230-11_17 Datasheet
655Kb / 29P
   11-Bit, 200 MSPS, 1.8 V Analog-to-Digital Converter
AD9230-11 AD-AD9230-11 Datasheet
755Kb / 28P
   11-Bit, 200 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9642 AD-AD9642 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com