Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD5337G Datasheet(PDF) 5 Page - Rohm

Part # BD5337G
Description  Free Delay Time Setting CMOS Voltage Detector IC Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5337G Datasheet(HTML) 5 Page - Rohm

  BD5337G Datasheet HTML 1Page - Rohm BD5337G Datasheet HTML 2Page - Rohm BD5337G Datasheet HTML 3Page - Rohm BD5337G Datasheet HTML 4Page - Rohm BD5337G Datasheet HTML 5Page - Rohm BD5337G Datasheet HTML 6Page - Rohm BD5337G Datasheet HTML 7Page - Rohm BD5337G Datasheet HTML 8Page - Rohm BD5337G Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.rohm.com © 2011 ROHM Co., Ltd. All rights reserved.
TSZ02201-0R7R0G300040-1-2
TSZ22111・15・001
5/10
19.DEC.2011 Rev.002
BD52xx series
BD53xx series
Datasheet
●Typical Performance Curves
Fig.3 Circuit Current
0.0
0.5
1.0
1.5
2.0
01
23
45 6
7 8
9 10
VDD SUPPLY VOLTAGE :VDD[V]
【BD5242G/FVE】
0
3
6
9
12
15
18
0.0
0.5
1.0
1.5
2.0
2.5
DRAIN-SOURCE VOLTAGE : VDS[V]
【BD5242G/FVE】
VDD=2.4V
VDD=1.2V
Fig.4 “Low” Output Current
0
5
10
15
20
25
30
35
40
45
01
23
45
6
DRAIN-SOURCE VOLTAGE : VDS[V]
【BD5342G/FVE】
VDD=8.0V
VDD=6.0V
VDD=4.8V
Fig.5 “High” Output Current
Fig.6 I/O Characteristics
0
1
2
3
4
5
6
7
8
9
00.5 11.522.5 33.544.5 55.5
VDD SUPPLY VOLTAGE :VDD[V]
【BD5242G/FVE】
Ta=25℃
Ta=25℃
BD5242】
BD5342】
BD5342】
BD5242】
BD5342】
BD5242】
BD5342】


Similar Part No. - BD5337G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5337G ROHM-BD5337G Datasheet
307Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD5337G ROHM-BD5337G Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5337G-2C ROHM-BD5337G-2C Datasheet
2Mb / 24P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
BD5337G-2CTR ROHM-BD5337G-2CTR Datasheet
2Mb / 24P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
BD5337G-TR ROHM-BD5337G-TR Datasheet
400Kb / 16P
   Delay time controlled by extemal capacitor
More results

Similar Description - BD5337G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5260 ROHM-BD5260_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-TR ROHM-BD52E23G-TR Datasheet
373Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5240G-TR ROHM-BD5240G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-MTR ROHM-BD52E23G-MTR Datasheet
396Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5223G-TR ROHM-BD5223G-TR_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5229G-TR ROHM-BD5229G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5226G-TR ROHM-BD5226G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5228FVE-TR ROHM-BD5228FVE-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com