Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DE1E3E2102MA4A Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # DE1E3E2102MA4A
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DE1E3E2102MA4A Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  DE1E3E2102MA4A Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DE1E3E2102MA4A Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DE1E3E2102MA4A Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DE1E3E2102MA4A Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DE1E3E2102MA4A Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DE1E3E2102MA4A Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DE1E3E2102MA4A Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DE1E3E2102MA4A Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DE1E3E2102MA4A Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 83 page
background image
1
CONTENTS
2
3
4
5
6
7
8
9
10
11
12
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
Part Numbering
2
Type KY (Basic Insulation) -IEC60384-14 Class X1, Y2-
5
Type KH (Basic Insulation) -IEC60384-14 Class X1, Y2-
7
Type KX Small Size (Reinforced Insulation) -IEC60384-14 Class X1, Y1-
9
Type KX (Reinforced Insulation) -IEC60384-14 Class X1, Y1-
11
Type KY/KH/KX Specifications and Test Methods
13
DEJ Series -Based on the Electrical Appliance and Material Safety Law of Japan-
17
DEJ Series Specifications and Test Methods
18
Safety Certified Ceramic Capacitors Characteristics Data (Typical Example)
21
Safety Certified Ceramic Capacitors Packaging
24
Safety Certified Ceramic Capacitors !Caution
26
Safety Certified Ceramic Capacitors Notice
29
DES Series (125
°C Guaranteed/Low-dissipation Factor/DC500V-1kV)
30
DES Series Specifications and Test Methods
32
DEH Series (125
°C Guaranteed/Low-dissipation Factor/DC500V-3.15kV)
34
DEH Series Specifications and Test Methods
37
DEA Series (125
°C Guaranteed/Class 1/DC1k-3.15kV)
39
DEA Series Specifications and Test Methods
42
DEB Series (Class 2/DC1k-3.15kV)
44
DEB Series Specifications and Test Methods
47
DEC Series (Class 1, 2/DC6.3kV)
49
DEC Series Specifications and Test Methods
51
DEF Series (Only for LCD Backlight Inverter Circuit/6.3kVp-p)
53
DEF Series Specifications and Test Methods
55
High Voltage Ceramic Capacitors Characteristics Data (Typical Example)
57
High Voltage Ceramic Capacitors Packaging
58
High Voltage Ceramic Capacitors !Caution
60
High Voltage Ceramic Capacitors Notice
67
Type KJ -IEC60384-14 Class X1, Y2-
68
Type KJ Specifications and Test Methods
69
Safety Certified Ceramic Capacitors for Automotive Characteristics Data (Typical Example)
74
Safety Certified Ceramic Capacitors for Automotive Packaging
75
Safety Certified Ceramic Capacitors for Automotive !Caution
76
Safety Certified Ceramic Capacitors for Automotive Notice
79
Safety Certified Ceramic Capacitors/High Voltage Ceramic Capacitors ISO9000 Certifications
80
1
2
3
4
5
6
7
8
9
10
11
12
C85E.pdf
Jul.13,2011


Similar Part No. - DE1E3E2102MA4A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE1E3E2102MA2 MURATA-DE1E3E2102MA2 Datasheet
181Kb / 10P
   Safety Standard Recognized Ceramic Capacitors
DE1E3E2102MA3 MURATA-DE1E3E2102MA3 Datasheet
181Kb / 10P
   Safety Standard Recognized Ceramic Capacitors
More results

Similar Description - DE1E3E2102MA4A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DEBB33A102KA2B MURATA-DEBB33A102KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A222KA3B MURATA-DEHR33A222KA3B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA2BM01 MURATA-DE2B3KY331KA2BM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33D471KA2B MURATA-DEBB33D471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEA1X3D101JN2A MURATA-DEA1X3D101JN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KY102MN2AM01 MURATA-DE2E3KY102MN2AM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com