Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8402ARZ10-REEL Datasheet(PDF) 5 Page - Analog Devices

Part # AD8402ARZ10-REEL
Description  1-/2-/4-Channel Digital Potentiometers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8402ARZ10-REEL Datasheet(HTML) 5 Page - Analog Devices

  AD8402ARZ10-REEL Datasheet HTML 1Page - Analog Devices AD8402ARZ10-REEL Datasheet HTML 2Page - Analog Devices AD8402ARZ10-REEL Datasheet HTML 3Page - Analog Devices AD8402ARZ10-REEL Datasheet HTML 4Page - Analog Devices AD8402ARZ10-REEL Datasheet HTML 5Page - Analog Devices AD8402ARZ10-REEL Datasheet HTML 6Page - Analog Devices AD8402ARZ10-REEL Datasheet HTML 7Page - Analog Devices AD8402ARZ10-REEL Datasheet HTML 8Page - Analog Devices AD8402ARZ10-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AD8400/AD8402/AD8403
Rev. E | Page 5 of 32
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DYNAMIC CHARACTERISTICS6, 10
Bandwidth −3 dB
BW_10 K
R = 10 kΩ
600
kHz
Total Harmonic Distortion
THDW
VA = 1 V rms + 2 V dc, VB = 2 V dc, f = 1 kHz
0.003
%
VW Settling Time
tS
VA = VDD, VB = 0 V, ±1% error band
2
μs
Resistor Noise Voltage
eNWB
RWB = 5 kΩ, f = 1 kHz, RS = 0
9
nV/√Hz
Crosstalk11
CT
VA = VDD, VB = 0 V
−65
dB
1 Typical represents average readings at 25°C and VDD = 5 V.
2 Resistor position nonlinearity error R-INL is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper
positions. R-DNL measures the relative step change from ideal between successive tap positions. Parts are guaranteed monotonic. See the test circuit in Figure 38.
IW = 50 μA for VDD = 3 V and IW = 400 μA for VDD = 5 V for the 10 kΩ versions.
3 VAB = VDD, wiper (VW) = no connect.
4 INL and DNL are measured at VW with the RDAC configured as a potentiometer divider similar to a voltage output D/A converter. VA = VDD and VB = 0 V.
DNL specification limits of ±1 LSB maximum are guaranteed monotonic operating conditions. See the test circuit in Figure 37.
5 Resistor Terminal A, Resistor Terminal B, and Resistor Terminal W have no limitations on polarity with respect to each other.
6 Guaranteed by design and not subject to production test. Resistor-terminal capacitance tests are measured with 2.5 V bias on the measured terminal. The remaining
resistor terminals are left open circuit.
7 Measured at the Ax terminals. All Ax terminals are open-circuited in shutdown mode.
8 Worst-case supply current is consumed when the input logic level is at 2.4 V, a standard characteristic of CMOS logic. See Figure 28 for a plot of IDD vs. logic voltage.
9 PDISS is calculated from (IDD × VDD). CMOS logic level inputs result in minimum power dissipation.
10 All dynamic characteristics use VDD = 5 V.
11 Measured at a VW pin where an adjacent VW pin is making a full-scale voltage change.


Similar Part No. - AD8402ARZ10-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8402ARZ10-REEL AD-AD8402ARZ10-REEL Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
More results

Similar Description - AD8402ARZ10-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8400 AD-AD8400 Datasheet
496Kb / 20P
   1-/2-/4-Channel Digital Potentiometers
REV. B
AD8402ARZ1 AD-AD8402ARZ1 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8403ARZ10-REEL AD-AD8403ARZ10-REEL Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8402ARZ10 AD-AD8402ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400ARZ100 AD-AD8400ARZ100 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD5260 AD-AD5260 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5206 AD-AD5206_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5206BRUZ100 AD-AD5206BRUZ100 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204 Datasheet
173Kb / 11P
   4-/6-Channel Digital Potentiometers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com