Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD5331G Datasheet(PDF) 8 Page - Rohm

Part # BD5331G
Description  Free Delay Time Setting CMOS Voltage Detector IC Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5331G Datasheet(HTML) 8 Page - Rohm

Back Button BD5331G Datasheet HTML 4Page - Rohm BD5331G Datasheet HTML 5Page - Rohm BD5331G Datasheet HTML 6Page - Rohm BD5331G Datasheet HTML 7Page - Rohm BD5331G Datasheet HTML 8Page - Rohm BD5331G Datasheet HTML 9Page - Rohm BD5331G Datasheet HTML 10Page - Rohm BD5331G Datasheet HTML 11Page - Rohm BD5331G Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.rohm.com © 2011 ROHM Co., Ltd. All rights reserved.
TSZ02201-0R7R0G300040-1-2
TSZ22111・15・001
8/10
19.DEC.2011 Rev.002
BD52xx series
BD53xx series
Datasheet
●Application Information
Explanation of Operation
For both the open drain type (Fig.15) and the CMOS output type (Fig.16), the detection and release voltages are used as
threshold voltages. When the voltage applied to the VDD pins reaches the applicable threshold voltage, the VOUT terminal
voltage switches from either “High” to “Low” or from “Low” to “High”. Because the BD52xx series uses an open drain output
type, it is possible to connect a pull-up resistor to VDD or another power supply [The output “High” voltage (VOUT) in this case
becomes VDD or the voltage of the other power supply].
Fig.15 (BD52xxType Internal Block Diagram)
Fig.16 (BD53xxType Internal Block Diagram)
Setting of Detector Delay Time
This detector IC can be set delay time at the rise of VDD by the capacitor connected to CT terminal.
Delay time at the rise of VDD tPLH:Time until when Vout rise to 1/2 of VDD after VDD rise up and beyond the release
voltage(VDET+∆VDET)
tPLH = -CCT×RCT×ln
CCT:
CT pin Externally Attached Capacitance
RCT : CT pin Internal Impedance (P.2 RCT refer.)
VCTH:
CT pin Threshold Voltage(P.2 VCTH refer.)
ln : Natural Logarithm
Reference Data of Falling Time (tPHL) Output
Examples of Falling Time (tPHL) Output
Part Number
tPHL[µs] -40°C
tPHL[µs] ,+25°C
tPHL[µs],+105°C
BD5227
30.8
30
28.8
BD5327
26.8
26
24.8
*This data is for reference only.
The figures will vary with the application, so please confirm actual operating conditions before use.
Timing Waveforms
Example: the following shows the relationship between the input voltage VDD, the CT Terminal Voltage VCT and the output
voltage VOUT when the input power supply voltage VDD is made to sweep up and sweep down (The circuits are those in
Fig.15 and 16).
1
When the power supply is turned on, the output is unsettled from
after over the operating limit voltage (VOPL) until tPHL. There fore it is
possible that the reset signal is not outputted when the rise time of
VDD is faster than tPHL.
2 When VDD is greater than VOPL but less than the reset release
voltage (VDET+∆VDET), the CT terminal (VCT) and output (VOUT)
voltages will switch to L.
3
If VDD exceeds the reset release voltage (VDET+∆VDET), then
VOUT switches from L to H (with a delay to the CT terminal).
4
If VDD drops below the detection voltage (VDET) when the power
supply is powered down or when there is a power supply fluctuation,
VOUT switches to L (with a delay of tPHL).
5 The potential difference between the detection voltage and the
release voltage is known as the hysteresis width (∆VDET). The
system is designed such that the output does not flip-flop with power
supply fluctuations
within this hysteresis width, preventing
malfunctions due to noise
Vref
VDD
GND
CT
R1
R2
R3
Q3
Q1
VOUT
RESET
RL
VDD
Vref
VDD
GND
CT
R1
R2
R3
Q3
Q2
VOUT
RESET
Q1
VDD
VDD-VCTH
VDD
VDD
VDET+ΔVDET
VDET
VOPL
0V
1/2 VDD
tPHL
tPLH
tPHL
tPLH
VCT
VOUT
Fig.17 Timing Waveform


Similar Part No. - BD5331G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5331G ROHM-BD5331G Datasheet
307Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD5331G ROHM-BD5331G Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5331G-2C ROHM-BD5331G-2C Datasheet
2Mb / 24P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
BD5331G-2CTR ROHM-BD5331G-2CTR Datasheet
2Mb / 24P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
BD5331G-TR ROHM-BD5331G-TR Datasheet
400Kb / 16P
   Delay time controlled by extemal capacitor
More results

Similar Description - BD5331G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5260 ROHM-BD5260_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-TR ROHM-BD52E23G-TR Datasheet
373Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5240G-TR ROHM-BD5240G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-MTR ROHM-BD52E23G-MTR Datasheet
396Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5223G-TR ROHM-BD5223G-TR_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5229G-TR ROHM-BD5229G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5226G-TR ROHM-BD5226G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5228FVE-TR ROHM-BD5228FVE-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com