Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG428BN Datasheet(PDF) 10 Page - Analog Devices

Part # ADG428BN
Description  LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG428BN Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG428BN Datasheet HTML 4Page - Analog Devices ADG428BN Datasheet HTML 5Page - Analog Devices ADG428BN Datasheet HTML 6Page - Analog Devices ADG428BN Datasheet HTML 7Page - Analog Devices ADG428BN Datasheet HTML 8Page - Analog Devices ADG428BN Datasheet HTML 9Page - Analog Devices ADG428BN Datasheet HTML 10Page - Analog Devices ADG428BN Datasheet HTML 11Page - Analog Devices ADG428BN Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. C
ADG428/ADG429
–10–
VDD
VSS
VDD
VSS
VS
OUTPUT
ADG428*
A0
A1
A2
2.4V
EN
GND
S1
S2–S8
D
1k
35pF
*SIMILAR CONNECTION FOR ADG429
RS
WR
50
VIN
3V
0V
ENABLE DRIVE
–VIN
OUTPUT (VO)
0.9VO
VO
0V
50%
50%
0.9VO
tON (EN)
tOFF (EN)
Test Circuit 7. Enable Delay, tON (EN), tOFF (EN)
VDD
VSS
VDD
VSS
VS
OUTPUT
ADG428*
A0
A1
A2
2.4V
EN
GND
S1
S2–S8
D
1k
35pF
*SIMILAR CONNECTION FOR ADG429
RS
WR
VRS
VWR
3V
0V
WR
OUTPUT
VO
0V
50%
0.2VO
tON (WR)
Test Circuit 8. Write Turn-On Time, tON (WR)
VDD
VSS
VDD
VSS
VS
OUTPUT
ADG428*
A0
A1
A2
2.4V
EN
S1
S2–S8
D
1k
35pF
*SIMILAR CONNECTION FOR ADG429
RS
VIN
GND
WR
3V
0V
RS
OUTPUT
VO
0V
50%
0.8VO
tOFF (RS)
Test Circuit 9. Reset Turn-Off Time, tOFF (RS)


Similar Part No. - ADG428BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG428BN AD-ADG428BN Datasheet
157Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
More results

Similar Description - ADG428BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG428 AD-ADG428 Datasheet
157Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG408 AD-ADG408_V01 Datasheet
312Kb / 15P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Rev. D
ADG408 AD-ADG408_06 Datasheet
440Kb / 16P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG408 AD-ADG408 Datasheet
223Kb / 11P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
REV. A
ADG428 AD-ADG428_15 Datasheet
165Kb / 12P
   LC MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG429 AD-ADG429_15 Datasheet
165Kb / 12P
   LC MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG407BPZ AD-ADG407BPZ Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG406 AD-ADG406_10 Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG406 AD-ADG406 Datasheet
378Kb / 12P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. 0
logo
Maxim Integrated Produc...
DG528CJ MAXIM-DG528CJ Datasheet
115Kb / 12P
   8-Channel Latchable Multiplexers
19-3519; Rev 0; 3/91
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com