Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG428BR Datasheet(PDF) 11 Page - Analog Devices

Part # ADG428BR
Description  LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG428BR Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG428BR Datasheet HTML 4Page - Analog Devices ADG428BR Datasheet HTML 5Page - Analog Devices ADG428BR Datasheet HTML 6Page - Analog Devices ADG428BR Datasheet HTML 7Page - Analog Devices ADG428BR Datasheet HTML 8Page - Analog Devices ADG428BR Datasheet HTML 9Page - Analog Devices ADG428BR Datasheet HTML 10Page - Analog Devices ADG428BR Datasheet HTML 11Page - Analog Devices ADG428BR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
REV. C
ADG428/ADG429
–11–
VDD
VSS
VDD
VSS
VIN
ADG428*
A0
A1
A2
2.4V
EN
D
*SIMILAR CONNECTION FOR ADG429
RS
GND
WR
CL
10nF
S
VS
RS
VOUT
3V
EN
VOUT
QINJ = CL
VOUT
VOUT
Test Circuit 10. Charge Injection
VDD
VSS
VDD
VSS
2.4V
ADG428
A0
A1
A2
D
RS
EN
1k
S1
VOUT
S8
GND
WR
VS
0V
Test Circuit 11. OFF Isolation
VDD
VSS
VDD
VSS
2.4V
ADG428
A0
A1
A2
D
RS
EN
1k
S1
VOUT
S2
S8
GND
WR
1k
VS
Test Circuit 12. Crosstalk


Similar Part No. - ADG428BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG428BR AD-ADG428BR Datasheet
157Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
More results

Similar Description - ADG428BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG428 AD-ADG428 Datasheet
157Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG408 AD-ADG408_V01 Datasheet
312Kb / 15P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Rev. D
ADG408 AD-ADG408_06 Datasheet
440Kb / 16P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG408 AD-ADG408 Datasheet
223Kb / 11P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
REV. A
ADG428 AD-ADG428_15 Datasheet
165Kb / 12P
   LC MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG429 AD-ADG429_15 Datasheet
165Kb / 12P
   LC MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG407BPZ AD-ADG407BPZ Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG406 AD-ADG406_10 Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG406 AD-ADG406 Datasheet
378Kb / 12P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. 0
logo
Maxim Integrated Produc...
DG528CJ MAXIM-DG528CJ Datasheet
115Kb / 12P
   8-Channel Latchable Multiplexers
19-3519; Rev 0; 3/91
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com