Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG801BRMZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADG801BRMZ
Description  <0.4CMOS 1.8 V to 5.5 V SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG801BRMZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG801BRMZ Datasheet HTML 3Page - Analog Devices ADG801BRMZ Datasheet HTML 4Page - Analog Devices ADG801BRMZ Datasheet HTML 5Page - Analog Devices ADG801BRMZ Datasheet HTML 6Page - Analog Devices ADG801BRMZ Datasheet HTML 7Page - Analog Devices ADG801BRMZ Datasheet HTML 8Page - Analog Devices ADG801BRMZ Datasheet HTML 9Page - Analog Devices ADG801BRMZ Datasheet HTML 10Page - Analog Devices ADG801BRMZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
ADG801/ADG802
Rev. B | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
0.45
0
0.40
0.35
0.20
0.05
0.30
0.15
0.25
0.10
0.50
TA = 25°C
VDD = 2.7V
VDD = 3.3V
VDD = 5.0V
VDD = 4.5V
VDD = 5.5V
VD (VS) (V)
0
1.0
2.0
3.0
4.0
5.0
5.5
VDD = 3.0V
Figure 4. On Resistance vs. VD (VS)
01.5
1.0
0.5
0.45
0
0.40
0.35
0.20
0.05
0.30
0.15
0.25
0.10
0.50
VD (VS) (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VDD = 5V
–40°C
+25°C
+85°C
+125°C
Figure 5. On Resistance vs. VD (VS) for Different Temperatures
01.5
1.0
0.5
0.45
0.40
0.35
0.20
0.05
0.30
0.15
0.25
0.10
0.50
VD (VS) (V)
2.0
2.5
3.0
VDD = 3V
–40°C
+25°C
+125°C
+85°C
0
Figure 6. On Resistance vs. VD (VS) for Different Temperatures
TEMPERATURE (°C)
3.5
0
–0.5
40
20
3.0
1.5
0
2.5
1.0
2.0
0.5
60
80
100
120
VDD = 5V, 3V
IS, ID (ON)
IS (OFF)
ID (OFF)
Figure 7. Leakage Current vs. Temperature
400
–200
200
–100
100
300
0
VS (V)
01.5
1.0
0.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
TA = 25°C
VDD = 5V
VDD = 3V
Figure 8. Charge Injection vs. Source Voltage
TEMPERATURE (°C)
50
–40
0
25
5
15
40
10
35
45
20
30
tON
tOFF
–20
0
20
40
60
80
100
120
VDD = 5V
VDD = 3V
VDD = 3V, 5V
Figure 9. tON/tOFF Times vs. Temperature


Similar Part No. - ADG801BRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG801BRM AD-ADG801BRM Datasheet
76Kb / 9P
   <0.5 ohm CMOS, Low Voltage, SPST Switches
REV. PrE Jan ??2
More results

Similar Description - ADG801BRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG821 AD-ADG821 Datasheet
333Kb / 12P
   <1 ??CMOS 1.8 V to 5.5 V, Dual SPST Switches
REV. 0
logo
Vishay Siliconix
DG721 VISHAY-DG721 Datasheet
207Kb / 10P
   1.8 V to 5.5 V, 4ohm Dual SPST Switches
Rev. E, 01-Aug-11
DG721 VISHAY-DG721_V01 Datasheet
194Kb / 10P
   1.8 V to 5.5 V, 4 ??Dual SPST Switches
01-Jan-2022
logo
Analog Devices
ADG812YRUZ AD-ADG812YRUZ Datasheet
340Kb / 16P
   <0.5 廓 CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG623BRMZ AD-ADG623BRMZ Datasheet
378Kb / 12P
   CMOS 짹5 V/5 V, 4 廓 Dual SPST Switches
REV. B
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG819 AD-ADG819 Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG708BRUZ AD-ADG708BRUZ Datasheet
332Kb / 20P
   CMOS, 1.8 V to 5.5 V/짹2.5 V, 3 廓 Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG854 AD-ADG854 Datasheet
195Kb / 12P
   0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
ADG811YRUZ AD-ADG811YRUZ Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com