Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG3300BRUZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADG3300BRUZ
Description  Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3300BRUZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG3300BRUZ Datasheet HTML 3Page - Analog Devices ADG3300BRUZ Datasheet HTML 4Page - Analog Devices ADG3300BRUZ Datasheet HTML 5Page - Analog Devices ADG3300BRUZ Datasheet HTML 6Page - Analog Devices ADG3300BRUZ Datasheet HTML 7Page - Analog Devices ADG3300BRUZ Datasheet HTML 8Page - Analog Devices ADG3300BRUZ Datasheet HTML 9Page - Analog Devices ADG3300BRUZ Datasheet HTML 10Page - Analog Devices ADG3300BRUZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADG3300
Rev. 0 | Page 7 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Y8
GND
Y7
EN
A1
VCCA
A2
A5
A6
Y6
Y1
A7
A8
VCCY
Y2
Y3
Y4
Y5
A3
A4
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
ADG3300
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin. No.
Mnemonic
Description
1
A1
Input/Output A1. Referenced to VCCA.
2
VCCA
Power Supply Voltage Input for the A1 to A8 I/O pins (1.15 V ≤ VCCA < VCCY).
3
A2
Input/Output A2. Referenced to VCCA.
4
A3
Input/Output A3. Referenced to VCCA.
5
A4
Input/Output A4. Referenced to VCCA.
6
A5
Input/Output A5. Referenced to VCCA.
7
A6
Input/Output A6. Referenced to VCCA.
8
A7
Input/Output A7. Referenced to VCCA.
9
A8
Input/Output A8. Referenced to VCCA.
10
EN
Active High Enable Input.
11
GND
Ground.
12
Y8
Input/Output Y8. Referenced to VCCY.
13
Y7
Input/Output Y7. Referenced to VCCY.
14
Y6
Input/Output Y6. Referenced to VCCY.
15
Y5
Input/Output Y5. Referenced to VCCY.
16
Y4
Input/Output Y4. Referenced to VCCY.
17
Y3
Input/Output Y3. Referenced to VCCY.
18
Y2
Input/Output Y2. Referenced to VCCY.
19
VCCY
Power Supply Voltage Input for the Y1 to Y8 I/O pins (1.65 V ≤ VCCY ≤ 5.5 V).
20
Y1
Input/Output Y1. Referenced to VCCY.


Similar Part No. - ADG3300BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3300 AD-ADG3300 Datasheet
615Kb / 20P
   Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
More results

Similar Description - ADG3300BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3300 AD-ADG3300 Datasheet
615Kb / 20P
   Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
ADG3304 AD-ADG3304_13 Datasheet
618Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. D
ADG3304 AD-ADG3304_V01 Datasheet
637Kb / 21P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. E
ADG3301 AD-ADG3301_15 Datasheet
627Kb / 20P
   Low Voltage 1.15 V to 5.5 V, Single-Channel Bidirectional Logic Level Translator
REV. 0
ADG3304 AD-ADG3304_15 Datasheet
618Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
REV. D
ADG3301 AD-ADG3301 Datasheet
627Kb / 20P
   Low Voltage 1.15 V to 5.5 V, Single-Channel Bidirectional Logic Level Translator
REV. 0
ADG3308 AD-ADG3308_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3308BRUZ AD-ADG3308BRUZ Datasheet
622Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. C
ADG3308 AD-ADG3308_V01 Datasheet
398Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
Rev. E
ADG3308-1 AD-ADG3308-1_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com