Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG801BRTZ-REEL Datasheet(PDF) 1 Page - Analog Devices

Part # ADG801BRTZ-REEL
Description  <0.4CMOS 1.8 V to 5.5 V SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG801BRTZ-REEL Datasheet(HTML) 1 Page - Analog Devices

  ADG801BRTZ-REEL Datasheet HTML 1Page - Analog Devices ADG801BRTZ-REEL Datasheet HTML 2Page - Analog Devices ADG801BRTZ-REEL Datasheet HTML 3Page - Analog Devices ADG801BRTZ-REEL Datasheet HTML 4Page - Analog Devices ADG801BRTZ-REEL Datasheet HTML 5Page - Analog Devices ADG801BRTZ-REEL Datasheet HTML 6Page - Analog Devices ADG801BRTZ-REEL Datasheet HTML 7Page - Analog Devices ADG801BRTZ-REEL Datasheet HTML 8Page - Analog Devices ADG801BRTZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
<0.4 Ω CMOS 1.8 V to 5.5 V
SPST Switches
Data Sheet
ADG801/ADG802
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2002–2012 Analog Devices, Inc. All rights reserved.
FEATURES
0.4 Ω maximum on resistance at 125°C
0.08 Ω maximum on resistance flatness at 125°C
1.8 V to 5.5 V single supply
Automotive temperature range from −40°C to +125°C
400 mA current-carrying capability
Tiny 6-lead SOT-23 and 8-lead MSOP packages
35 ns switching times
Low power consumption
TTL-/CMOS-compatible inputs
Pin compatible with ADG701/ADG702
APPLICATIONS
Power routing
Cellular phones
Modems
PCMCIA cards
Hard drives
Data acquisition systems
Communications systems
Relay replacement
Battery-powered systems
FUNCTIONAL BLOCK DIAGRAM
IN
S
ADG801
D
IN
S
ADG802
D
SWITCHES SHOWN FOR
A LOGIC 1 INPUT
Figure 1.
GENERAL DESCRIPTION
The ADG801 and ADG802 are monolithic CMOS, single-pole,
single throw (SPST) switches with on resistance of less than 0.4 Ω.
These switches are designed using an advanced submicron process
that provides extremely low on resistance, high switching speed,
and low leakage currents.
The low on resistance of <0.4 Ω makes these parts ideal for
applications where low on resistance switching is critical.
The ADG801 switch is normally open (NO), while the ADG802
is normally closed (NC). Each switch conducts equally well in
both directions when on.
PRODUCT HIGHLIGHTS
1.
Low on resistance (0.25 Ω typical).
2.
1.8 V to 5.5 V single-supply operation.
3.
Tiny 6-lead SOT-23 and 8-lead MSOP packages.
4.
400 mA current-carrying capability.
5.
Automotive temperature range from −40°C to +125°C.
6.
Pin compatible with ADG701 (ADG801) and ADG702
(ADG802).


Similar Part No. - ADG801BRTZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG801BRT AD-ADG801BRT Datasheet
76Kb / 9P
   <0.5 ohm CMOS, Low Voltage, SPST Switches
REV. PrE Jan ??2
More results

Similar Description - ADG801BRTZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG821 AD-ADG821 Datasheet
333Kb / 12P
   <1 ??CMOS 1.8 V to 5.5 V, Dual SPST Switches
REV. 0
logo
Vishay Siliconix
DG721 VISHAY-DG721 Datasheet
207Kb / 10P
   1.8 V to 5.5 V, 4ohm Dual SPST Switches
Rev. E, 01-Aug-11
DG721 VISHAY-DG721_V01 Datasheet
194Kb / 10P
   1.8 V to 5.5 V, 4 ??Dual SPST Switches
01-Jan-2022
logo
Analog Devices
ADG812YRUZ AD-ADG812YRUZ Datasheet
340Kb / 16P
   <0.5 廓 CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG623BRMZ AD-ADG623BRMZ Datasheet
378Kb / 12P
   CMOS 짹5 V/5 V, 4 廓 Dual SPST Switches
REV. B
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG819 AD-ADG819 Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG708BRUZ AD-ADG708BRUZ Datasheet
332Kb / 20P
   CMOS, 1.8 V to 5.5 V/짹2.5 V, 3 廓 Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG854 AD-ADG854 Datasheet
195Kb / 12P
   0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
ADG811YRUZ AD-ADG811YRUZ Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com