Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5375-15-EVALZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5375-15-EVALZ
Description  400 MHz to 6 GHz Broadband Quadrature Modulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5375-15-EVALZ Datasheet(HTML) 3 Page - Analog Devices

  ADL5375-15-EVALZ Datasheet HTML 1Page - Analog Devices ADL5375-15-EVALZ Datasheet HTML 2Page - Analog Devices ADL5375-15-EVALZ Datasheet HTML 3Page - Analog Devices ADL5375-15-EVALZ Datasheet HTML 4Page - Analog Devices ADL5375-15-EVALZ Datasheet HTML 5Page - Analog Devices ADL5375-15-EVALZ Datasheet HTML 6Page - Analog Devices ADL5375-15-EVALZ Datasheet HTML 7Page - Analog Devices ADL5375-15-EVALZ Datasheet HTML 8Page - Analog Devices ADL5375-15-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Data Sheet
ADL5375
Rev. C | Page 3 of 36
SPECIFICATIONS
VS = 5 V; TA = 25°C; LO = 0 dBm single-ended drive; baseband I/Q amplitude = 1 V p-p differential sine waves in quadrature with a
500 mV (ADL5375-05) or 1500 mV (ADL5375-15) dc bias; baseband I/Q frequency (fBB) = 1 MHz, unless otherwise noted.
Table 1.
Parameter
Conditions
ADL5375-05
ADL5375-15
Unit
Min
Typ
Max
Min
Typ
Max
OPERATING FREQUENCY RANGE
Low frequency
400
400
MHz
High frequency
6000
6000
MHz
LO = 450 MHz
Output Power, POUT
VIQ = 1 V p-p differential
0.85
0.47
dBm
Modulator Voltage Gain
RF output divided by baseband input voltage
−3.1
−3.5
dB
Output P1dB
9.6
10
dBm
Output Return Loss
−16.4
−15.2
dB
Carrier Feedthrough
−47.5
-42.5
dBm
Sideband Suppression
−37.6
−38
dBc
Quadrature Error
1.7
1.49
Degrees
I/Q Amplitude Balance
0.07
0.10
dB
Second Harmonic
POUT − (fLO + (2 × fBB))
−75.9
−81.5
dBc
ADL5375-05
POUT =0.85 dBm
ADL5375-15
POUT = 0.47 dBm
Third Harmonic
POUT − (fLO + (3 × fBB))
−51.5
−81.6
dBc
ADL5375-05
POUT = 0.85 dBm
ADL5375-15
POUT = 0.47 dBm
Output IP2
f1BB = 3.5 MHz, f2BB = 4.5 MHz, baseband I/Q
amplitude per tone = 0.5 V p-p differential
65.4
64.7
dBm
Output IP3
f1BB = 3.5 MHz, f2BB = 4.5 MHz, baseband I/Q
amplitude per tone = 0.5 V p-p differential
26.6
23.6
dBm
Noise Floor
I/Q inputs = 0 V differential with a dc bias
only, 20 MHz carrier offset
−160.5
−157.0
dBm/Hz
LO = 900 MHz
Output Power, POUT
VIQ = 1 V p-p differential
0.75
0.41
dBm
Modulator Voltage Gain
RF output divided by baseband input voltage
−3.2
−3.5
dB
Output P1dB
9.6
10
dBm
Output Return Loss
−15.7
−14.7
dB
Carrier Feedthrough
−45.1
−39.9
dBm
Sideband Suppression
−52.8
−49.9
dBc
Quadrature Error
0.01
0.20
Degrees
I/Q Amplitude Balance
0.07
0.10
dB
Second Harmonic
POUT − (fLO + (2 × fBB))
−75.8
−77.2
dBc
ADL5375-05
POUT = 0.75 dBm
ADL5375-15
POUT = 0.41 dBm
Third Harmonic
POUT − (fLO + (3 × fBB))
−50.7
−72.7
dBc
ADL5375-05
POUT = 0.75 dBm
ADL5375-15
POUT = 0.41 dBm
Output IP2
f1BB = 3.5 MHz, f2BB = 4.5 MHz, baseband I/Q
amplitude per tone = 0.5 V p-p differential
62.6
64.5
dBm
Output IP3
f1BB = 3.5 MHz, f2BB = 4.5 MHz, baseband I/Q
amplitude per tone = 0.5 V p-p differential
25.9
23.4
dBm
Noise Floor
I/Q inputs = 0 V differential with a dc bias
only, 20 MHz carrier offset
−160.0
−157.1
dBm/Hz


Similar Part No. - ADL5375-15-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5375-15-EVALZ AD-ADL5375-15-EVALZ Datasheet
926Kb / 36P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. C
ADL5375-15-EVALZ1 AD-ADL5375-15-EVALZ1 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
More results

Similar Description - ADL5375-15-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5375 AD-ADL5375 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
ADL5375ACPZ-R7 AD-ADL5375ACPZ-R7 Datasheet
926Kb / 36P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. C
logo
Texas Instruments
TRF370417 TI-TRF370417 Datasheet
613Kb / 29P
[Old version datasheet]   50-MHz TO 6-GHz QUADRATURE MODULATOR
TRF370417_15 TI-TRF370417_15_15 Datasheet
1Mb / 31P
[Old version datasheet]   50-MHz TO 6-GHz QUADRATURE MODULATOR
TRF370417 TI1-TRF370417 Datasheet
1Mb / 34P
[Old version datasheet]   50-MHz to 6-GHz Quadrature Modulator
logo
Analog Devices
ADL5380 AD-ADL5380 Datasheet
840Kb / 36P
   400 MHz to 6 GHz Quadrature Demodulator
REV. 0
ADRF6701 AD-ADRF6701 Datasheet
1Mb / 36P
   400 MHz to 1250 MHz Quadrature Modulator
REV. 0
logo
Texas Instruments
TRF3705 TI1-TRF3705 Datasheet
890Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF37T05_15 TI-TRF37T05_15_15 Datasheet
1,000Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF3705_15 TI-TRF3705_15_15 Datasheet
994Kb / 38P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com