Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC423N Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HC423N
Description  Dual retriggerable monostable multivibrator with reset
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC423N Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HC423N Datasheet HTML 5Page - NXP Semiconductors 74HC423N Datasheet HTML 6Page - NXP Semiconductors 74HC423N Datasheet HTML 7Page - NXP Semiconductors 74HC423N Datasheet HTML 8Page - NXP Semiconductors 74HC423N Datasheet HTML 9Page - NXP Semiconductors 74HC423N Datasheet HTML 10Page - NXP Semiconductors 74HC423N Datasheet HTML 11Page - NXP Semiconductors 74HC423N Datasheet HTML 12Page - NXP Semiconductors 74HC423N Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
74HC_HCT423
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 19 December 2011
9 of 24
NXP Semiconductors
74HC423; 74HCT423
Dual retriggerable monostable multivibrator with reset
REXT
external timing
resistor
VCC =2.0 V; see Figure 8
10
-
1000
-
-
-
-
k
VCC =5.0 V
2
-
1000
-
-
-
-
k
CEXT
external timing
capacitor
VCC =5.0 V; see Figure 8
[5]
no limits
pF
CPD
power
dissipation
capacitance
per package; VI =GND to VCC
[6]
-
54
-
--
--
pF
74HCT423
tpd
propagation
delay
nA or nB to nQ or nQ; REXT =5k;
CEXT = 0 pF; see Figure 7
VCC =4.5 V
[1]
-30
51
-
64
-
77
ns
VCC =5.0 V; CL =15pF
[1]
-
26
-
--
--
ns
nRD to nQ or nQ; REXT =5k;
CEXT = 0 pF; see Figure 7
[1]
-26
48
-
60
-
72
ns
VCC =4.5 V
[1]
-26
48
-
60
-
72
ns
VCC =5.0 V; CL =15pF
[1]
-
22
-
--
--
ns
tt
transition time
VCC = 4.5 V; Figure 7
[2]
-
7
15
-
19
-
22
ns
tW
pulse width
trigger pulse; nA input LOW; VCC = 4.5 V;
see Figure 7 and Figure 10
20
5
-
25
-
30
-
ns
trigger pulse; nB input HIGH; VCC = 4.5 V;
see Figure 7 and Figure 10
20
5
-
25
-
30
-
ns
reset pulse; nRD input LOW; VCC = 4.5 V;
see Figure 7 and Figure 11
20
7
-
25
-
30
-
ns
output pulse; nQ HIGH or nQ LOW;
VCC =5.0 V; REXT =10k; CEXT =100 nF;
see Figure 7, Figure 10 and Figure 11
-
450
-
-
-
-
-
s
output pulse; nQ HIGH or nQ LOW;
VCC = 5.0 V; REXT =5k; CEXT =0pF;
VI = GND to VCC  1.5 V; see Figure 7,
Figure 10 and Figure 11
[3]
-
75
-
--
--
ns
trtrig
retrigger time
nA or nB input; VCC =5.0 V; REXT =5k;
CEXT = 0 pF; see Figure 10
-110
-
-
-
-
-
ns
REXT
external timing
resistor
VCC =5.0 V; see Figure 8
2
-
1000
-
-
-
-
k
CEXT
external timing
capacitor
VCC =5.0 V; see Figure 8
[5]
no limits
pF
Table 7.
Dynamic characteristics …continued
GND = 0 V; test circuit see Figure 12.
Symbol Parameter
Conditions
25
C
40 C to
+85
C
40 C to
+125
C
Unit
Min
Typ
Max
Min Max Min Max


Similar Part No. - 74HC423N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC423N PHILIPS-74HC423N Datasheet
103Kb / 14P
   Dual retriggerable monostable multivibrator with reset
1998 Jul 08
74HC423N NXP-74HC423N Datasheet
158Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 03-24 July 2008
More results

Similar Description - 74HC423N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
logo
NXP Semiconductors
74AHC123A-Q100 NXP-74AHC123A-Q100 Datasheet
326Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
74LV423 PHILIPS-74LV423 Datasheet
156Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1997 Feb 04
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
logo
Nexperia B.V. All right...
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
logo
NXP Semiconductors
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com