Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1240A-PL160C Datasheet(PDF) 5 Page - Microsemi Corporation

Part # A1240A-PL160C
Description  ACT 2 Family FPGAs
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A1240A-PL160C Datasheet(HTML) 5 Page - Microsemi Corporation

  A1240A-PL160C Datasheet HTML 1Page - Microsemi Corporation A1240A-PL160C Datasheet HTML 2Page - Microsemi Corporation A1240A-PL160C Datasheet HTML 3Page - Microsemi Corporation A1240A-PL160C Datasheet HTML 4Page - Microsemi Corporation A1240A-PL160C Datasheet HTML 5Page - Microsemi Corporation A1240A-PL160C Datasheet HTML 6Page - Microsemi Corporation A1240A-PL160C Datasheet HTML 7Page - Microsemi Corporation A1240A-PL160C Datasheet HTML 8Page - Microsemi Corporation A1240A-PL160C Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
R e visio n 8
1 -1
1 – ACT 2 Family Overview
General Description
The ACT 2 family represents Actel’s second generation of field programmable gate arrays
(FPGAs). The ACT 2 family presents a two-module architecture, consisting of C-modules and S-
modules. These modules are optimized for both combinatorial and sequential designs. Based on Actel’s
patented channeled array architecture, the ACT 2 family provides significant enhancements to gate
density and performance while maintaining downward compatibility with the ACT 1 design environment
and upward compatibility with the ACT 3 design environment. The devices are implemented in silicon
gate, 1.0-μm, two-level metal CMOS, and employ Actel’s PLICE® antifuse technology. This revolutionary
architecture offers gate array design flexibility, high performance, and fast time-to-production with user
programming. The ACT 2 family is supported by the Designer and Designer Advantage Systems, which
offers automatic pin assignment, validation of electrical and design rules, automatic placement and
routing, timing analysis, user programming, and diagnostic probe capabilities. The systems are
supported on the following platforms: 386/486™ PC, Sun™, and HP™ workstations. The systems
provide CAE interfaces to the following design environments: Cadence, Viewlogic®,
Mentor Graphics®,
and OrCAD™.


Similar Part No. - A1240A-PL160C

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1240A-PG132B ACTEL-A1240A-PG132B Datasheet
1Mb / 98P
   HiRel FPGAs
A1240A-PG132B ACTEL-A1240A-PG132B Datasheet
1Mb / 98P
   Highly Predictable Performance with 100% Automatic Placement and Routing
logo
Microsemi Corporation
A1240A-PQ144I MICROSEMI-A1240A-PQ144I Datasheet
2Mb / 54P
   Replaces up to 200 TTL Packages, Design Library with over 500 Macro Functions
More results

Similar Description - A1240A-PL160C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1280A-CQ172B MICROSEMI-A1280A-CQ172B Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1440A-1VQ100C MICROSEMI-A1440A-1VQ100C Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
logo
Actel Corporation
A1010B-2PL84C ACTEL-A1010B-2PL84C Datasheet
162Kb / 24P
   ACT 1 Series FPGAs
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-2PLG6 ACTEL-A1010B-2PLG6 Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com