Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-3750A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # HLMP-3750A
Description  T-1 3/4 (5mm) SOLID STATE LAMPS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HLMP-3750A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  HLMP-3750A Datasheet HTML 1Page - Fairchild Semiconductor HLMP-3750A Datasheet HTML 2Page - Fairchild Semiconductor HLMP-3750A Datasheet HTML 3Page - Fairchild Semiconductor HLMP-3750A Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Parameter
MV3750
MV3350
MV3450
HLMP-3750A
HLMP-3850A
HLMP-3950A
Condition
Luminous Intensity (mcd)
IF = 20mA
Minimum
80
80
80
Typical
150
150
150
Forward Voltage (V)
IF = 20mA
Maximum
3.0
3.0
3.0
Typical
2.2
2.2
2.2
Peak Wavelength (nm)
635
585
565
IF = 20mA
Reverse Voltage (V)
5
5
5
IR = 100µA
Viewing Angle (°)
24
24
24
IF = 20mA
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25°C)
Parameter
HER
YELLOW
GREEN
UNITS
Power Dissipation
135
85
135
mW
Peak Forward Current
90
60
90
mA
Continuous DC Forward Current
30
20
30
mA
Lead Soldering Time at 260
° C
5
5
5
sec
Operating Temperature
-55 to +100
-55 to +100
-50 to +100
°C
Storage Temperature
-55 to +100
-55 to +100
-50 to +100
°C
ABSOLUTE MAXIMUM RATING (TA =25°C)
T-1 3/4 (5mm)
SOLID STATE LAMPS
www.fairchildsemi.com
2 OF 4
2/27/01
DS300006


Similar Part No. - HLMP-3750A

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-3750A QT-HLMP-3750A Datasheet
214Kb / 3P
   ULTRABRIGHT T-1 3/4 SOLID STATE LAMPS
More results

Similar Description - HLMP-3750A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HLMP-D600 FAIRCHILD-HLMP-D600 Datasheet
107Kb / 4P
   T-1 3/4 5mm SOLID STATE LAMPS
logo
QT Optoelectronics
HLMP-D600 QT-HLMP-D600 Datasheet
245Kb / 3P
   T-1 3/4 (5mm) SOLID STATE LAMPS
logo
Kingbright Corporation
L63ID KINGBRIGHT-L63ID Datasheet
148Kb / 5P
   T-1 3/4 (5MM) SOLID STATE LAMPS
L53HD KINGBRIGHT-L53HD Datasheet
209Kb / 7P
   T-1 3/4(5mm) SOLID STATE LAMPS
L-1593 KINGBRIGHT-L-1593 Datasheet
165Kb / 5P
   T-1 3/4 (5mm) SOLID STATE LAMPS
L-1503 KINGBRIGHT-L-1503 Datasheet
142Kb / 5P
   T-1 3/4 (5mm) SOLID STATE LAMPS
L53SYC KINGBRIGHT-L53SYC Datasheet
89Kb / 3P
   T-1 3/4 (5mm) SOLID STATE LAMPS
L1513IT KINGBRIGHT-L1513IT Datasheet
144Kb / 5P
   T-1 3/4 (5MM) SOLID STATE LAMPS
logo
Chicago Miniature Lamp,...
4300HLC CML-4300HLC Datasheet
65Kb / 1P
   Solid State LED Lamps-LowCurrent T-1 3/4 (5mm)
logo
Kingbright Corporation
L453ID KINGBRIGHT-L453ID Datasheet
123Kb / 4P
   T-1 3/4 SOLID STATE LAMPS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com