Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-D155A Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # HLMP-D155A
Description  DOUBLE HETEROJUNCTION AIGaAs LOW CURRENT RED LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HLMP-D155A Datasheet(HTML) 4 Page - Fairchild Semiconductor

  HLMP-D155A Datasheet HTML 1Page - Fairchild Semiconductor HLMP-D155A Datasheet HTML 2Page - Fairchild Semiconductor HLMP-D155A Datasheet HTML 3Page - Fairchild Semiconductor HLMP-D155A Datasheet HTML 4Page - Fairchild Semiconductor HLMP-D155A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
REL. LUMINOUS INTENSITY (%)
Fig. 5A Radiation Diagram (HLMP-D150A)
0
20406080
100
0
20
40
60
80
100
90˚
80˚
70˚
60˚
50˚
40˚
30˚
20˚
10˚
-10˚
-20˚
-30˚
-40˚
-50˚
-60˚
-70˚
-80˚
-90˚
REL. LUMINOUS INTENSITY (%)
Fig. 5B Radiation Diagram (HLMP-K150)
0
20406080
100
0
20
40
60
80
100
90˚
80˚
70˚
60˚
50˚
40˚
30˚
20˚
10˚
-10˚
-20˚
-30˚
-40˚
-50˚
-60˚
-70˚
-80˚
-90˚
REL. LUMINOUS INTENSITY (%)
Fig. 5C Radiation Diagram (HLMP-D155A)
0
20406080
100
0
20
40
60
80
100
90˚
80˚
70˚
60˚
50˚
40˚
30˚
20˚
10˚
-10˚
-20˚
-30˚
-40˚
-50˚
-60˚
-70˚
-80˚
-90˚
REL. LUMINOUS INTENSITY (%)
Fig. 5D Radiation Diagram (HLMP-K155)
0
20406080
100
0
20
40
60
80
100
90˚
80˚
70˚
60˚
50˚
40˚
30˚
20˚
10˚
-10˚
-20˚
-30˚
-40˚
-50˚
-60˚
-70˚
-80˚
-90˚
TYPICAL PERFORMANCE CURVES (TA =25°C)
DOUBLE HETEROJUNCTION AIGaAs
LOW CURRENT RED LED LAMPS
www.fairchildsemi.com
4 OF 5
2/27/01
DS300012


Similar Part No. - HLMP-D155A

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-D155A QT-HLMP-D155A Datasheet
324Kb / 4P
   DOUBLE HETEROJUNCTION AIGAAS LOW CURRENT RED LED LAMPS
logo
Everlight Electronics C...
HLMP-D155A EVERLIGHT-HLMP-D155A Datasheet
673Kb / 5P
   DOUBLE HETEROJUNCTION ALGaAs LOW CURRNET RED LED LAMPS
More results

Similar Description - HLMP-D155A

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-D150A QT-HLMP-D150A Datasheet
324Kb / 4P
   DOUBLE HETEROJUNCTION AIGAAS LOW CURRENT RED LED LAMPS
MAN30X0A QT-MAN30X0A Datasheet
547Kb / 7P
   DOUBLE HETEROJUNCTION AIGAAS RED LOW CURRENT DISPLAYS
logo
Fairchild Semiconductor
HLMP-D101A FAIRCHILD-HLMP-D101A Datasheet
273Kb / 5P
   DOUBLE HETEROJUNCTION AIGaAs HIGH INTENSITY RED LED LAMPS
logo
QT Optoelectronics
HLMP-D101A QT-HLMP-D101A Datasheet
333Kb / 4P
   DOUBLE HETEROJUNCTION AIGAAS HIGH INTENSITY RED LED LAMPS
MAN32X0A QT-MAN32X0A Datasheet
405Kb / 5P
   DOUBLE HETEROJUNCTION AIGAAS RED SUNLIGHT VIEWABLE DISPLAYS
logo
Everlight Electronics C...
HLMPK155 EVERLIGHT-HLMPK155 Datasheet
673Kb / 5P
   DOUBLE HETEROJUNCTION ALGaAs LOW CURRNET RED LED LAMPS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D101 AVAGO-HLMP-D101 Datasheet
291Kb / 8P
   High Intensity, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D105 AVAGO-HLMP-D105 Datasheet
282Kb / 8P
   High Intensity, Double Heterojunction AlGaAs Red LED Lamps
logo
Broadcom Corporation.
HLMP-D150 BOARDCOM-HLMP-D150 Datasheet
574Kb / 10P
   T-1쩐 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D150 HP-HLMP-D150 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com