Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC546A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BC546A
Description  65 V, 100 mA NPN general-purpose transistors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC546A Datasheet(HTML) 4 Page - NXP Semiconductors

  BC546A Datasheet HTML 1Page - NXP Semiconductors BC546A Datasheet HTML 2Page - NXP Semiconductors BC546A Datasheet HTML 3Page - NXP Semiconductors BC546A Datasheet HTML 4Page - NXP Semiconductors BC546A Datasheet HTML 5Page - NXP Semiconductors BC546A Datasheet HTML 6Page - NXP Semiconductors BC546A Datasheet HTML 7Page - NXP Semiconductors BC546A Datasheet HTML 8Page - NXP Semiconductors BC546A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
BC846_BC546_SER_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 17 November 2009
4 of 14
NXP Semiconductors
BC846/BC546 series
65 V, 100 mA NPN general-purpose transistors
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
80
V
VCEO
collector-emitter voltage
open base
-
65
V
VEBO
emitter-base voltage
open collector
-
6
V
IC
collector current
-
100
mA
ICM
peak collector current
single pulse;
tp ≤ 1ms
-200
mA
IBM
peak base current
single pulse;
tp ≤ 1ms
-200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1]
SOT23
-
250
mW
SOT323
-
200
mW
SOT416
-
150
mW
SOT54
-
500
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1]
SOT23
-
-
500
K/W
SOT323
-
-
625
K/W
SOT416
-
-
833
K/W
SOT54
-
-
250
K/W


Similar Part No. - BC546A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC546A PHILIPS-BC546A Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Continental Device Indi...
BC546A CDIL-BC546A Datasheet
124Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Siemens Semiconductor G...
BC546A SIEMENS-BC546A Datasheet
210Kb / 6P
   NPN Silicon Transistors
logo
Taiwan Semiconductor Co...
BC546A TSC-BC546A Datasheet
253Kb / 5P
   NPN Transistor
logo
Diotec Semiconductor
BC546A DIOTEC-BC546A Datasheet
148Kb / 2P
   Si-Epitaxial PlanarTransistors
More results

Similar Description - BC546A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC846.215 NXP-BC846.215 Datasheet
404Kb / 14P
   65 V, 100 mA NPN general-purpose transistors
Rev. 07-17 November 2009
logo
Nexperia B.V. All right...
BC846XW_SER NEXPERIA-BC846XW_SER Datasheet
219Kb / 11P
   65 V, 100 mA NPN general-purpose transistors
Rev. 12 - 29 March 2023
logo
NXP Semiconductors
BC846 NXP-BC846 Datasheet
404Kb / 14P
   65 V, 100 mA NPN general-purpose transistors
Rev. 07-17 November 2009
BC846B235 NXP-BC846B235 Datasheet
404Kb / 14P
   65 V, 100 mA NPN general-purpose transistors
Rev. 07-17 November 2009
logo
Nexperia B.V. All right...
BC846X-Q_SER NEXPERIA-BC846X-Q_SER Datasheet
222Kb / 11P
   65 V, 100 mA NPN general-purpose transistors
Rev. 2 - 20 May 2022
BC846X_SER NEXPERIA-BC846X_SER Datasheet
221Kb / 11P
   65 V, 100 mA NPN general-purpose transistors
Rev. 12 - 1 July 2022
BC846XW-Q_SER NEXPERIA-BC846XW-Q_SER Datasheet
220Kb / 11P
   65 V, 100 mA NPN general-purpose transistors
Rev. 2 - 29 March 2023
logo
ON Semiconductor
NST846MTWFT ONSEMI-NST846MTWFT Datasheet
261Kb / 7P
   General Purpose Transistors NPN, 65 V, 100 mA
February, 2023 - Rev. 1
NST856MTWFT ONSEMI-NST856MTWFT Datasheet
262Kb / 7P
   General Purpose Transistors PNP, 65 V, 100 mA
February, 2023 - Rev. 1
logo
Nexperia B.V. All right...
BC856W-Q NEXPERIA-BC856W-Q Datasheet
229Kb / 13P
   65 V, 100 mA PNP general-purpose transistors
Rev. 1 - 24 June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com