Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC546B Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BC546B
Description  65 V, 100 mA NPN general-purpose transistors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC546B Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BC546B Datasheet HTML 5Page - NXP Semiconductors BC546B Datasheet HTML 6Page - NXP Semiconductors BC546B Datasheet HTML 7Page - NXP Semiconductors BC546B Datasheet HTML 8Page - NXP Semiconductors BC546B Datasheet HTML 9Page - NXP Semiconductors BC546B Datasheet HTML 10Page - NXP Semiconductors BC546B Datasheet HTML 11Page - NXP Semiconductors BC546B Datasheet HTML 12Page - NXP Semiconductors BC546B Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
BC846_BC546_SER_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 17 November 2009
9 of 14
NXP Semiconductors
BC846/BC546 series
65 V, 100 mA NPN general-purpose transistors
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 13.
[2]
Valid for all available selection groups.
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number[2]
Package
Description
Packing quantity
3000
5000
10000
BC846
SOT23
4 mm pitch, 8 mm tape and reel
-215
-
-235
BC846W
SOT323
4 mm pitch, 8 mm tape and reel
-115
-
-135
BC846T
SOT416
4 mm pitch, 8 mm tape and reel
-115
-
-135
BC546A
SOT54
bulk, straight leads
-
-412
-
SOT54A
tape and reel, wide pitch
-
-
-116
tape ammopack, wide pitch
-
-
-126
SOT54 variant bulk, delta pinning
-
-112
-
BC546B
SOT54
bulk, straight leads
-
-412
-
SOT54A
tape and reel, wide pitch
-
-
-116
tape ammopack, wide pitch
-
-
-126
SOT54 variant bulk, delta pinning
-
-112
-


Similar Part No. - BC546B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC546B MOTOROLA-BC546B Datasheet
193Kb / 6P
   Amplifier Transistors
logo
SeCoS Halbleitertechnol...
BC546B SECOS-BC546B Datasheet
183Kb / 3P
   Elektronische Bauelemente
logo
Taiwan Semiconductor Co...
BC546B TSC-BC546B Datasheet
253Kb / 5P
   NPN Transistor
logo
ON Semiconductor
BC546B ONSEMI-BC546B Datasheet
140Kb / 6P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
NXP Semiconductors
BC546B NXP-BC546B Datasheet
404Kb / 14P
   65 V, 100 mA NPN general-purpose transistors
Rev. 07-17 November 2009
More results

Similar Description - BC546B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC846B.215 NXP-BC846B.215 Datasheet
404Kb / 14P
   65 V, 100 mA NPN general-purpose transistors
Rev. 07-17 November 2009
logo
Nexperia B.V. All right...
BC846XW_SER NEXPERIA-BC846XW_SER Datasheet
219Kb / 11P
   65 V, 100 mA NPN general-purpose transistors
Rev. 12 - 29 March 2023
logo
NXP Semiconductors
BC846 NXP-BC846 Datasheet
404Kb / 14P
   65 V, 100 mA NPN general-purpose transistors
Rev. 07-17 November 2009
BC846B235 NXP-BC846B235 Datasheet
404Kb / 14P
   65 V, 100 mA NPN general-purpose transistors
Rev. 07-17 November 2009
logo
Nexperia B.V. All right...
BC846X-Q_SER NEXPERIA-BC846X-Q_SER Datasheet
222Kb / 11P
   65 V, 100 mA NPN general-purpose transistors
Rev. 2 - 20 May 2022
BC846X_SER NEXPERIA-BC846X_SER Datasheet
221Kb / 11P
   65 V, 100 mA NPN general-purpose transistors
Rev. 12 - 1 July 2022
BC846XW-Q_SER NEXPERIA-BC846XW-Q_SER Datasheet
220Kb / 11P
   65 V, 100 mA NPN general-purpose transistors
Rev. 2 - 29 March 2023
logo
ON Semiconductor
NST846MTWFT ONSEMI-NST846MTWFT Datasheet
261Kb / 7P
   General Purpose Transistors NPN, 65 V, 100 mA
February, 2023 - Rev. 1
NST856MTWFT ONSEMI-NST856MTWFT Datasheet
262Kb / 7P
   General Purpose Transistors PNP, 65 V, 100 mA
February, 2023 - Rev. 1
logo
Nexperia B.V. All right...
BC856W-Q NEXPERIA-BC856W-Q Datasheet
229Kb / 13P
   65 V, 100 mA PNP general-purpose transistors
Rev. 1 - 24 June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com