Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGP4650D-EPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRGP4650D-EPBF
Description  INSULATED GATE BIPOLARTRANSIST WITH ULTRAFAST SOFT RECOVERY DIODE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4650D-EPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IRGP4650D-EPBF Datasheet HTML 4Page - International Rectifier IRGP4650D-EPBF Datasheet HTML 5Page - International Rectifier IRGP4650D-EPBF Datasheet HTML 6Page - International Rectifier IRGP4650D-EPBF Datasheet HTML 7Page - International Rectifier IRGP4650D-EPBF Datasheet HTML 8Page - International Rectifier IRGP4650D-EPBF Datasheet HTML 9Page - International Rectifier IRGP4650D-EPBF Datasheet HTML 10Page - International Rectifier IRGP4650D-EPBF Datasheet HTML 11Page - International Rectifier IRGP4650D-EPBF Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.irf.com © 2012 International Rectifier
January 8, 2013
9
IRGP4650DPbF/IRGP4650D-EPbF
Fig. WF3 - Typ. Diode Recovery Waveform
@ TJ = 175°C using Fig. CT.4
Fig. WF4 - Typ. S.C. Waveform
@ TJ = 25°C using Fig. CT.3
-100
0
100
200
300
400
500
600
6.4
6.6
6.8
7
7.2
time (µs)
-10
0
10
20
30
40
50
60
TEST
CURRENT
90% test
current
5% V
CE
10% test
current
tr
Eon
Loss
-100
0
100
200
300
400
500
600
-0.5
0
0.5
1
1.5
2
time(µs)
-10
0
10
20
30
40
50
60
90% I
CE
5% V
CE
5% I
CE
Eoff Loss
tf
Fig. WF1 - Typ. Turn-off Loss Waveform
@ TJ = 175°C using Fig. CT.4
Fig. WF2 - Typ. Turn-on Loss Waveform
@ TJ = 175°C using Fig. CT.4
-100
0
100
200
300
400
500
600
700
-4.5
0.5
5.5
10.5
Time (uS)
-50
0
50
100
150
200
250
300
350
VCE
ICE
-30
-20
-10
0
10
20
30
40
-0.3
-0.2
-0.1
0
0.1
0.2
time (µS)
Peak
I
RR
tRR
QRR
10%
Peak
IRR


Similar Part No. - IRGP4650D-EPBF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IRGP4650D-E ETC1-IRGP4650D-E Datasheet
338Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTORWITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRGP4650D-EPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4IBC10UDPBF IRF-IRG4IBC10UDPBF_15 Datasheet
312Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG7PH35UDPBF IRF-IRG7PH35UDPBF_15 Datasheet
466Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com