Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1240A-CQG176I Datasheet(PDF) 10 Page - Microsemi Corporation

Part # A1240A-CQG176I
Description  ACT 2 Family FPGAs
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A1240A-CQG176I Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button A1240A-CQG176I Datasheet HTML 6Page - Microsemi Corporation A1240A-CQG176I Datasheet HTML 7Page - Microsemi Corporation A1240A-CQG176I Datasheet HTML 8Page - Microsemi Corporation A1240A-CQG176I Datasheet HTML 9Page - Microsemi Corporation A1240A-CQG176I Datasheet HTML 10Page - Microsemi Corporation A1240A-CQG176I Datasheet HTML 11Page - Microsemi Corporation A1240A-CQG176I Datasheet HTML 12Page - Microsemi Corporation A1240A-CQG176I Datasheet HTML 13Page - Microsemi Corporation A1240A-CQG176I Datasheet HTML 14Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
Detailed Specifications
2- 4
R e v ision 8
Static Power Component
Microsemi FPGAs have small static power components that result in lower power dissipation than PALs
or PLDs. By integrating multiple PALs/PLDs into one FPGA, an even greater reduction in board-level
power dissipation can be achieved.
The power due to standby current is typically a small component of the overall power. Standby power is
calculated in Table 2-5 for commercial, worst case conditions.
The static power dissipated by TTL loads depends on the number of outputs driving high or low and the
DC load current. Again, this value is typically small. For instance, a 32-bit bus sinking 4 mA at 0.33 V will
generate 42 mW with all outputs driving low, and 140 mW with all outputs driving high. The actual
dissipation will average somewhere between as I/Os switch states with time.
Active Power Component
Power dissipation in CMOS devices is usually dominated by the active (dynamic) power dissipation. This
component is frequency dependent, a function of the logic and the external I/O. Active power dissipation
results from charging internal chip capacitances of the interconnect, unprogrammed antifuses, module
inputs, and module outputs, plus external capacitance due to PC board traces and load device inputs.
An additional component of the active power dissipation is the totem-pole current in CMOS transistor
pairs. The net effect can be associated with an equivalent capacitance that can be combined with
frequency and voltage to represent active power dissipation.
Equivalent Capacitance
The power dissipated by a CMOS circuit can be expressed by EQ 3.
Power (µW) = CEQ * VCC2 * F
EQ 3
Where:
CEQ is the equivalent capacitance expressed in pF.
VCC is the power supply in volts.
F is the switching frequency in MHz.
Equivalent capacitance is calculated by measuring ICC active at a specified frequency and voltage for
each circuit component of interest. Measurements have been made over a range of frequencies at a
fixed value of VCC. Equivalent capacitance is frequency independent so that the results may be used
over a wide range of operating conditions. Equivalent capacitance values are shown in Table 2-6.
Table 2-5 • Standby Power Calculation
ICC
VCC
Power
2 mA
5.25 V
10.5 mW
Table 2-6 • CEQ Values for Microsemi FPGAs
Item
CEQ Value
Modules (CEQM)
5.8
Input Buffers (CEQI)
12.9
Output Buffers (CEQO)
23.8
Routed Array Clock Buffer Loads (CEQCR)3.9


Similar Part No. - A1240A-CQG176I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1240A-1CQ176B ACTEL-A1240A-1CQ176B Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A1240A-1CQ176C ACTEL-A1240A-1CQ176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A1240A-1CQ176I ACTEL-A1240A-1CQ176I Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A1240A-1CQ176M ACTEL-A1240A-1CQ176M Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A1240A-1CQ256B ACTEL-A1240A-1CQ256B Datasheet
1Mb / 98P
   HiRel FPGAs
More results

Similar Description - A1240A-CQG176I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1280A-CQ172B MICROSEMI-A1280A-CQ172B Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1440A-1VQ100C MICROSEMI-A1440A-1VQ100C Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
logo
Actel Corporation
A1010B-2PL84C ACTEL-A1010B-2PL84C Datasheet
162Kb / 24P
   ACT 1 Series FPGAs
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-2PLG6 ACTEL-A1010B-2PLG6 Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com