Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32673T5224K Datasheet(PDF) 9 Page - EPCOS

Part # B32673T5224K
Description  Film Capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32673T5224K Datasheet(HTML) 9 Page - EPCOS

Back Button B32673T5224K Datasheet HTML 5Page - EPCOS B32673T5224K Datasheet HTML 6Page - EPCOS B32673T5224K Datasheet HTML 7Page - EPCOS B32673T5224K Datasheet HTML 8Page - EPCOS B32673T5224K Datasheet HTML 9Page - EPCOS B32673T5224K Datasheet HTML 10Page - EPCOS B32673T5224K Datasheet HTML 11Page - EPCOS B32673T5224K Datasheet HTML 12Page - EPCOS B32673T5224K Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Permissible AC voltage VRMS versus frequency f (for sinusoidal waveforms TA
≤ 90 °C)
For TA >90
°C, please refer to "General technical information", section 3.2.3.
Lead spacing 10 mm
630 V DC/310 V AC
B32671Z
Power Factor Correction
Page 9 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32673T5224K

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32673T5224K EPCOS-B32673T5224K Datasheet
377Kb / 22P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32673T5224K

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
Sharma Electro Componen...
MKTD04 SHARMA-MKTD04 Datasheet
493Kb / 5P
   Film Capacitors
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
logo
EPCOS
B32924D3335K EPCOS-B32924D3335K Datasheet
356Kb / 17P
   Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com