Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGP4660D-EPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRGP4660D-EPBF
Description  INDUSTRIAL MOTOR DRIVE, INVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4660D-EPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRGP4660D-EPBF Datasheet HTML 2Page - International Rectifier IRGP4660D-EPBF Datasheet HTML 3Page - International Rectifier IRGP4660D-EPBF Datasheet HTML 4Page - International Rectifier IRGP4660D-EPBF Datasheet HTML 5Page - International Rectifier IRGP4660D-EPBF Datasheet HTML 6Page - International Rectifier IRGP4660D-EPBF Datasheet HTML 7Page - International Rectifier IRGP4660D-EPBF Datasheet HTML 8Page - International Rectifier IRGP4660D-EPBF Datasheet HTML 9Page - International Rectifier IRGP4660D-EPBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.irf.com © 2012 International Rectifier
January 8, 2013
6
IRGP4660DPbF/IRGP4660D-EPbF
Fig. 19 - Typ. Diode IRR vs. diF/dt
VCC = 400V; VGE = 15V; IF = 48A; TJ = 175°C
Fig. 20 - Typ. Diode QRR vs. diF/dt
VCC = 400V; VGE = 15V; TJ = 175°C
Fig. 23 - Typ. Capacitance vs. VCE
VGE= 0V; f = 1MHz
Fig. 24 - Typical Gate Charge vs. VGE
ICE = 48A; L = 600μH
Fig. 21 - Typ. Diode ERR vs. IF
TJ = 175°C
Fig. 22 - VGE vs. Short Circuit Time
VCC = 400V; TC = 25°C
0
200
400
600
800
1000
diF /dt (A/μs)
10
15
20
25
30
35
40
45
0
20
40
60
80
100
IF (A)
0
100
200
300
400
500
600
700
800
900
RG = 10
RG = 22
RG = 47
RG = 100
8
10121416
18
VGE (V)
4
6
8
10
12
14
16
18
50
100
150
200
250
300
350
400
0
20
40
60
80
100
VCE (V)
10
100
1000
10000
Cies
Coes
Cres
0
255075
100
Q G, Total Gate Charge (nC)
0
2
4
6
8
10
12
14
16
VCES= 300V
VCES= 400V
0
500
1000
1500
diF /dt (A/μs)
1000
1500
2000
2500
3000
3500
4000
10
22
100
47
48A
24A
96A


Similar Part No. - IRGP4660D-EPBF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IRGP4660D-E ETC1-IRGP4660D-E Datasheet
348Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRGP4660D-EPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRD3CH9DB6 IRF-IRD3CH9DB6 Datasheet
218Kb / 6P
   Industrial Motor Drive
IRGB4715DPBF IRF-IRGB4715DPBF Datasheet
657Kb / 12P
   Industrial Motor Drive
IRD3CH16DB6 IRF-IRD3CH16DB6 Datasheet
235Kb / 6P
   Industrial Motor Drive
IRD3CH42DB6 IRF-IRD3CH42DB6 Datasheet
187Kb / 6P
   Industrial Motor Drive
IRF2805STRLPBF IRF-IRF2805STRLPBF Datasheet
337Kb / 11P
   Industrial Motor Drive
IRD3CH5DB6 IRF-IRD3CH5DB6 Datasheet
220Kb / 6P
   Industrial Motor Drive
IRGR4607DPBF IRF-IRGR4607DPBF Datasheet
838Kb / 16P
   Industrial Motor Drive
IRD3CH24DB6 IRF-IRD3CH24DB6 Datasheet
186Kb / 6P
   Industrial Motor Drive
IRD3CH31DB6 IRF-IRD3CH31DB6 Datasheet
217Kb / 6P
   Industrial Motor Drive
IRD3CH53DB6 IRF-IRD3CH53DB6 Datasheet
220Kb / 6P
   Industrial Motor Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com